Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS5258-1 Datasheet(PDF) 1 Page - ON Semiconductor

Part # CS5258-1
Description  8.0 A LDO 5?뭁in Adjustable Linear Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5258-1 Datasheet(HTML) 1 Page - ON Semiconductor

  CS5258-1 Datasheet HTML 1Page - ON Semiconductor CS5258-1 Datasheet HTML 2Page - ON Semiconductor CS5258-1 Datasheet HTML 3Page - ON Semiconductor CS5258-1 Datasheet HTML 4Page - ON Semiconductor CS5258-1 Datasheet HTML 5Page - ON Semiconductor CS5258-1 Datasheet HTML 6Page - ON Semiconductor CS5258-1 Datasheet HTML 7Page - ON Semiconductor CS5258-1 Datasheet HTML 8Page - ON Semiconductor CS5258-1 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
© Semiconductor Components Industries, LLC, 2006
September, 2006 − Rev. 6
1
Publication Order Number:
CS5258−1/D
CS5258−1
8.0 A LDO 5−Pin Adjustable
Linear Regulator
This new very low dropout regulator is designed to power the next
generation of advanced microprocessors. To achieve very low
dropout, the internal pass transistor is powered separately from the
control circuitry. Furthermore, with the control and power inputs tied
together, this device can be used in single supply configuration and
still offer a better dropout voltage than conventional PNP−NPN based
LDO regulators. In this mode the dropout is determined by the
minimum control voltage.
It is supplied in a five−terminal TO−220 package, which allows for
the implementation of a remote−sense pin permitting very accurate
regulation of output voltage directly at the load, where it counts, rather
than at the regulator. This remote sensing feature virtually eliminates
output voltage variations due to load changes and resistive voltage
drops. Typical load regulation measured at the sense pin is 1.0 mV for
an output voltage of 2.5 V with a load step of 10 mA to 8.0 A.
The very fast transient loop response easily meets the needs of the
latest microprocessors. In addition, a small capacitor on the Adjust pin
will further improve the transient capabilities.
Internal protection circuitry provides for “bust−proof” operation,
similar to three−terminal regulators. This circuitry, which includes
overcurrent, short circuit, supply sequencing and overtemperature
protection, will self protect the regulator under all fault conditions.
The CS5258−1 is ideal for generating a secondary 2.0−2.5 V low
voltage supply on a motherboard where both 5.0 V and 3.3 V are
already available.
Features
1.25 V to 5.0 V VOUT at 8.0 A
VPOWER Dropout < 0.4 V @ 8.0 A
VCONTROL Dropout < 1.15 V @ 8.0 A
1.5% Trimmed Reference
Fast Transient Response
Remote Voltage Sensing
Thermal Shutdown
Current Limit
Short Circuit Protection
Backwards Compatible with 3−Pin Regulators
MARKING DIAGRAM
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W = Work Week
TO−220
FIVE LEAD
T SUFFIX
CASE 314D
Tab = VOUT
Pin 1. VSENSE
2. Adjust
3. VOUT
4. VCONTROL
5. VPOWER
1
5
CS5258−1
AWLYWW
1
Device
Package
Shipping
ORDERING INFORMATION
CS5258−1GT5
TO−220
FIVE LEAD
50 Units/Rail
http://onsemi.com


Similar Part No. - CS5258-1

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS5258-1 CHERRY-CS5258-1 Datasheet
153Kb / 9P
   8A LDO 5-Pin Adjustable Linear Regulator
CS5258-1GT5 CHERRY-CS5258-1GT5 Datasheet
153Kb / 9P
   8A LDO 5-Pin Adjustable Linear Regulator
More results

Similar Description - CS5258-1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS5208-1 ONSEMI-CS5208-1 Datasheet
221Kb / 8P
   8.0 A LDO 3?뭁in Adjustable Linear Regulator
September, 2006 ??Rev. 6
CS5253-1 ONSEMI-CS5253-1 Datasheet
268Kb / 10P
   3.0 A LDO 5?뭁in Adjustable Linear Regulator
September, 2006??Rev. 11
CS52510-1 ONSEMI-CS52510-1 Datasheet
262Kb / 10P
   10 A LDO 5?뭁in Adjustable Linear Regulator
September, 2006 ??Rev. 6
CS5257A-1 ONSEMI-CS5257A-1 Datasheet
274Kb / 11P
   7.0 A LDO 5?뭁in Adjustable Linear Regulator
September, 2006 ??Rev. 10
CS5210-1 ONSEMI-CS5210-1 Datasheet
220Kb / 8P
   10 A LDO 3?뭁in Adjustable Linear Regulator
July, 2006 ??Rev. 7
CS5207A-1 ONSEMI-CS5207A-1 Datasheet
221Kb / 8P
   7.0 A LDO 3?뭁in Adjustable Linear Regulator
September, 2006 ??Rev. 7
logo
Cherry Semiconductor Co...
CS52510-1 CHERRY-CS52510-1 Datasheet
154Kb / 9P
   10A LDO 5-Pin Adjustable Linear Regulator
CS5257A-1 CHERRY-CS5257A-1 Datasheet
173Kb / 9P
   7A LDO 5-Pin Adjustable Linear Regulator
CS5258-1 CHERRY-CS5258-1 Datasheet
153Kb / 9P
   8A LDO 5-Pin Adjustable Linear Regulator
CS5253-1 CHERRY-CS5253-1 Datasheet
171Kb / 9P
   3A LDO 5-Pin Adjustable Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com