Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS5208-1 Datasheet(PDF) 1 Page - ON Semiconductor

Part # CS5208-1
Description  8.0 A LDO 3?뭁in Adjustable Linear Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5208-1 Datasheet(HTML) 1 Page - ON Semiconductor

  CS5208-1 Datasheet HTML 1Page - ON Semiconductor CS5208-1 Datasheet HTML 2Page - ON Semiconductor CS5208-1 Datasheet HTML 3Page - ON Semiconductor CS5208-1 Datasheet HTML 4Page - ON Semiconductor CS5208-1 Datasheet HTML 5Page - ON Semiconductor CS5208-1 Datasheet HTML 6Page - ON Semiconductor CS5208-1 Datasheet HTML 7Page - ON Semiconductor CS5208-1 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2006
September, 2006 − Rev. 6
1
Publication Order Number:
CS5208−1/D
CS5208−1
8.0 A LDO 3−Pin Adjustable
Linear Regulator
The CS5208−1 linear regulator provides 8.0 A at adjustable
voltages from 1.25 V to 4.5 V. This adjustable device requires two
external resistors to set the output voltage and provide the minimum
load current for proper regulation.
This regulator is intended for use as a post regulator and
microprocessor supply. The fast loop response and low dropout
voltage make this regulator ideal for applications where low voltage
operation and good transient response are important.
The circuit is designed to operate with dropout voltages as low as
1.0 V at 8.0 A.
The regulator is protected against overload conditions with
overcurrent and thermal shutdown protection circuitry.
The regulator is available in a TO−220 package.
Features
1.25 V to 4.5 V VOUT at 8.0 A
Dropout Voltage < 1.0 V @ 8.0 A
1.5% Trimmed Reference
Fast Transient Response
Thermal Shutdown
Current Limit
Short Circuit Protection
Figure 1. Applications Diagram
CS5208−1
VIN
VOUT
Adj
100 μF
5.0 V
0.1 μF
Load
124
200
300 μF
3.3 V @ 8.0 A
Device
Package
Shipping
ORDERING INFORMATION
CS5208−1GT3
TO−220*
50 Units/Rail
*TO−220 is 3−pin, straight leaded.
TO−220
THREE LEAD
T SUFFIX
CASE 221A
PIN CONNECTIONS AND
MARKING DIAGRAMS
CS5208−1
AWLYWW
1
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W = Work Week
Tab = VOUT
Pin 1. Adjust
2. VOUT
3. VIN
12
3
http://onsemi.com


Similar Part No. - CS5208-1

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS5208-1 CHERRY-CS5208-1 Datasheet
136Kb / 7P
   8A LDO 3-Pin Adjustable Linear Regulator
CS5208-1GT3 CHERRY-CS5208-1GT3 Datasheet
136Kb / 7P
   8A LDO 3-Pin Adjustable Linear Regulator
More results

Similar Description - CS5208-1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS5258-1 ONSEMI-CS5258-1 Datasheet
255Kb / 10P
   8.0 A LDO 5?뭁in Adjustable Linear Regulator
September, 2006 ??Rev. 6
CS5210-1 ONSEMI-CS5210-1 Datasheet
220Kb / 8P
   10 A LDO 3?뭁in Adjustable Linear Regulator
July, 2006 ??Rev. 7
CS5207A-1 ONSEMI-CS5207A-1 Datasheet
221Kb / 8P
   7.0 A LDO 3?뭁in Adjustable Linear Regulator
September, 2006 ??Rev. 7
CS5253-1 ONSEMI-CS5253-1 Datasheet
268Kb / 10P
   3.0 A LDO 5?뭁in Adjustable Linear Regulator
September, 2006??Rev. 11
CS52510-1 ONSEMI-CS52510-1 Datasheet
262Kb / 10P
   10 A LDO 5?뭁in Adjustable Linear Regulator
September, 2006 ??Rev. 6
CS5257A-1 ONSEMI-CS5257A-1 Datasheet
274Kb / 11P
   7.0 A LDO 5?뭁in Adjustable Linear Regulator
September, 2006 ??Rev. 10
logo
Cherry Semiconductor Co...
CS5208-1 CHERRY-CS5208-1 Datasheet
136Kb / 7P
   8A LDO 3-Pin Adjustable Linear Regulator
CS5210-1 CHERRY-CS5210-1 Datasheet
142Kb / 8P
   10A LDO 3-Pin Adjustable Linear Regulator
CS5207A-1 CHERRY-CS5207A-1 Datasheet
136Kb / 7P
   7A LDO 3-Pin Adjustable Linear Regulator
logo
Texas Instruments
LP38853 TI1-LP38853_15 Datasheet
1Mb / 30P
[Old version datasheet]   3-A Fast-Response High-Accuracy Adjustable LDO Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com