Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AX-SIGFOX-MODS Datasheet(PDF) 6 Page - ON Semiconductor

Part # AX-SIGFOX-MODS
Description  Ultra-Low Power, AT Command Controlled, Sigfox Compliant Modules
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AX-SIGFOX-MODS Datasheet(HTML) 6 Page - ON Semiconductor

Back Button AX-SIGFOX-MODS Datasheet HTML 2Page - ON Semiconductor AX-SIGFOX-MODS Datasheet HTML 3Page - ON Semiconductor AX-SIGFOX-MODS Datasheet HTML 4Page - ON Semiconductor AX-SIGFOX-MODS Datasheet HTML 5Page - ON Semiconductor AX-SIGFOX-MODS Datasheet HTML 6Page - ON Semiconductor AX-SIGFOX-MODS Datasheet HTML 7Page - ON Semiconductor AX-SIGFOX-MODS Datasheet HTML 8Page - ON Semiconductor AX-SIGFOX-MODS Datasheet HTML 9Page - ON Semiconductor AX-SIGFOX-MODS Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
6 / 15
www.onsemi.com
AX-SIGFOX-MODS/D
SPECIFICATIONS
SUPPLIES
SYM
DESCRIPTION
CONDITION
MIN
TYP
MAX
UNIT
TAMB
Operational ambient temperature
-40
27
85
°C
VDD
Supply voltage
1.8
3.0
3.3
V
IDS
Deep sleep mode current
AT$P=2
500
nA
ISLP
Sleep mode current
AT$P=1
1.6
μA
ISTDBY
Standby mode current
0.5
mA
Continuous receive
IRX_CONT
Current consumption in Sigfox RX test mode
AT$SR=1,1,-1
12.8
mA
Transmit at 14 dBm output power / receive
ITXMODAVG_14
Modulated transmitter current
51.0
mA
QSFX_OOB_14
Charge to send a Sigfox out of band message
AT$S0
0.28
C
QSFX_OOB_14
Energy to send a bit
AT$SB=0
0.19
C
QSFX_OOB_14
Energy to send a bit with download receive
message
AT$SB=0,1
0.33
C
QSFX_LFR_14
Energy to send the longest possible Sigfox frame
(12 byte)
AT$SF=
00112233445566778899aabb
0.37
C
QSFX_LFR_14
Energy to send the longest possible Sigfox frame
(12 byte) with downlink receive
AT$SF=
00112233445566778899aabb,
1
0.46
C
Transmit at 0 dBm output power /Receive
Note1
ITXMODAVG_14
Modulated transmitter current
21.0
mA
QSFX_OOB_0
Charge to send a Sigfox out of band message
AT$S0
0.12
C
QSFX_OOB_0
Energy to send a bit
AT$SB=0
0.08
C
QSFX_OOB_0
Energy to send a bit with download receive
message
AT$SB=0,1
0.14
C
QSFX_LFR_0
Energy to send the longest possible Sigfox frame
(12 byte)
AT$SF=
00112233445566778899aabb
0.27
C
QSFX_LFR_0
Energy to send the longest possible Sigfox frame
(12 byte) with downlink receive
AT$SF=
00112233445566778899aabb,
1
0.29
C
Note 1 :
The output power of AX-SIGFOX modules can be programmed in 1 dB steps from 0 dBm – 14 dBm. They are optimized for best power
efficiency at 14 dBm output power. For modules optimized for other output power values e.g 0 dBm transmission with 10 mA please
contact us.
TYPICAL CURRENT WAVEFORM


Similar Part No. - AX-SIGFOX-MODS

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AX-SIGFOX-MODS ONSEMI-AX-SIGFOX-MODS Datasheet
235Kb / 13P
   Compliant Modules
April, 2016 ??Rev. 3
AX-SIGFOX-MODS ONSEMI-AX-SIGFOX-MODS_16 Datasheet
235Kb / 13P
   Compliant Modules
April, 2016 ??Rev. 3
More results

Similar Description - AX-SIGFOX-MODS

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AX-SFAZ ONSEMI-AX-SFAZ Datasheet
293Kb / 20P
   Ultra-Low Power AT Command / API Controlled Sigfox Compliant Transceiver IC
April, 2017 ??Rev. 1
AX-SFEU ONSEMI-AX-SFEU_17 Datasheet
205Kb / 20P
   Ultra-Low Power, AT Command / API Controlled, Sigfox Compliant Transceiver IC
September, 2017 ??Rev. 6
AX-SIP-SFEU ONSEMI-AX-SIP-SFEU Datasheet
391Kb / 19P
   Ultra-Low Power, Ultra Compact, AT Command / API Controlled, Sigfox Verified Transceiver SiP
September, 2017 ??Rev. 0
AX-SIGFOX-API ONSEMI-AX-SIGFOX-API Datasheet
264Kb / 19P
   Ultra-Low Power, AT Command Controlled, Sigfox Compliant Transceiver IC for Up-Link and Down-Link
March, 2016 ??Rev. 3
AX-SFJK ONSEMI-AX-SFJK Datasheet
307Kb / 19P
   Ultra-Low Power, AT Command / API Controlled, Sigfox Compliant Transceiver IC for Up-Link and Down-Link
April, 2019 ??Rev. 4
AX-SFEU ONSEMI-AX-SFEU_V01 Datasheet
366Kb / 22P
   Ultra-Low Power, AT Command / API Controlled, Sigfox Compliant Transceiver IC for Up-Link and Down-Link
April, 2018 ??Rev. 8
logo
List of Unclassifed Man...
SI2434-C-FS ETC2-SI2434-C-FS Datasheet
859Kb / 2P
   AT command set
logo
SIMCom
SIM800 SIMCOM-SIM800 Datasheet
3Mb / 380P
   SIM800 Series AT Command Manual
2015-08-03
logo
Alliance Semiconductor ...
AS4C32M32MD1 ALSC-AS4C32M32MD1 Datasheet
1Mb / 43P
   Automatic and Controlled Precharge Command
logo
List of Unclassifed Man...
GTWV050C3A00PA ETC-GTWV050C3A00PA Datasheet
169Kb / 1P
   Command Controlled Touch TFT Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com