Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSM5320 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # PSM5320
Description  RF and Microwave Power Sensors/Meters
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PSM5320 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button PSM5320 Datasheet HTML 2Page - List of Unclassifed Manufacturers PSM5320 Datasheet HTML 3Page - List of Unclassifed Manufacturers PSM5320 Datasheet HTML 4Page - List of Unclassifed Manufacturers PSM5320 Datasheet HTML 5Page - List of Unclassifed Manufacturers PSM5320 Datasheet HTML 6Page - List of Unclassifed Manufacturers PSM5320 Datasheet HTML 7Page - List of Unclassifed Manufacturers PSM5320 Datasheet HTML 8Page - List of Unclassifed Manufacturers PSM5320 Datasheet HTML 9Page - List of Unclassifed Manufacturers PSM5320 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Data Sheet
Characteristic
PSM4110
PSM4120
PSM4320
PSM4410
Temperature Uncertainty (T)
40 °C < T ≤ 50 °C: 1.00% (plus 1%, 0 dBm to 10 dBm;
plus 3%, 10 dBm to 20 dBm)
30 °C < T ≤ 40 °C: 0.75% (plus 1%, 0 dBm to 10 dBm;
plus 3%, 10 dBm to 20 dBm)
20 °C < T ≤ 30 °C: 0.00%
10 °C < T ≤ 20 °C: 0.75% (plus 1%, 0 dBm to 10 dBm;
plus 3%, 10 dBm to 20 dBm)
0°C<T ≤ 10 °C: 1.00% (plus 1%, 0 dBm to 10 dBm;
plus 3%, 10 dBm to 20 dBm)
40 °C < T ≤ 50 °C: 6.00%
30 °C < T ≤ 40 °C: 3.00%
20 °C < T ≤ 30 °C: 0.00%
10 °C < T ≤ 20 °C: 3.00%
0°C < T ≤ 10 °C: 6.00%
*1 Total uncertainty includes contributions from Calibration Factor Uncertainty (CF), Linearity Uncertainty (L), Noise Uncertainty (N), Zero Offset Uncertainty (Z), Mismatch Uncertainty, and Temperature Uncertainty (T). All
error terms must be converted to percentages for Total Uncertainty (RSS) calculation. Mismatch Uncertainty (Mm) requires knowledge of source match and should be expressed as a percentage using the equation
Mm = 100 × [(1 ± Γsource × Γsensor)2 –1].
*2 Use the following formula to determine Zero Offset Uncertainty as a percentage: Z = (Zero Offset Power / Nominal Power) × 100.
*3 Nominal impedance = 50 Ω.
PSM5000 Series USB Power Meters (Average/Peak/Pulse + Profiling)
Characteristic
PSM5110
PSM5120
PSM5320
PSM5410
Input Connector
3.5 mm, male
N-type, male
N-type, male
3.5 mm, male
Frequency Range
100 MHz to 8 GHz
50 MHz to 18.6 GHz
50 MHz to 20 GHz
Dynamic Range
100 MHzto6GHz: –60dBm to +20dBm
6 GHz to 8GHz: –50 dBmto+20 dBm
–40 dBm to +20 dBm
Maximum Peak-to-Average Ratio
100MHz to 6GHz: 80dB
6GHz to8GHz: 70dB
55 dB
Internal Video Bandwidth
10 MHz, typical
Timebase
±50 ppm, typical
Real-time Sample Rate
500 kS/s
Average Power, Minimum Pulse
Width
500 ns, typical
Peak Power, Minimum Pulse
Width
200 ns, typical
Pulse Profiling, Maximum
Equivalent-time Sample Rate*4
48 MS/s
Pulse Profiling, Minimum Rise
Time, 10% to 90%
54 ns (–70 dBm to –20 dBm pulse, 4 GHz)
Pulse Profiling, Minimum Fall
Time, 90% to 10%
44 ns (–70 dBm to –20 dBm pulse, 4 GHz)
Pulse Profiling, Manual Trigger
Level Accuracy
±1 dBm
Pulse Profiling, Minimum Number
of Cycles
2 cycles
Pulse Profiling, Video Filters
100 kHz, 200 kHz, 300 kHz, 500 kHz, 1 MHz, 2MHz, 3 MHz, 5MHz, 10MHz
Total Accuracy*1
Total Uncertainty = 2 × √[(CF/2)2 + (L/2)2 +(N/2)2 +(Z/√2)2 +(Mm/√2)2 +(T/√2)2 ]
Calibration Factor Uncertainty
(CF)
100 MHz to 500 MHz: 4.0%
500MHz to 8GHz: 2.5%
100MHz to 500MHz: 4.0%
500MHz to 8GHz: 1.7%
50 MHz to 500 MHz: 4.0%
500 MHz to 10 GHz: 1.7%
10 GHzto18.6GHz: 1.9%
50 MHz to 500 MHz: 4.0%
500 MHz to 12.5 GHz: 2.6%
12.5 GHzto18GHz: 3.2%
18 GHzto20GHz: 3.5%
Linearity Uncertainty (L)
100 MHz to 2 GHz
+15 dBm to +20 dBm: 7.0%
+5 dBm to +15 dBm: 5.0%
–60 dBm to +5 dBm: 3.0%
2GHz to8GHz
+15 dBm to +20 dBm: 5.0%
+5 dBm to +15 dBm: 3.0%
–60 dBm to +5 dBm: 2.0%
50 MHz to 100 MHz
+15 dBm to +20 dBm: 7.0%
–40dBm to +15dBm: 5.0%
100 MHz to 2 GHz
+15 dBm to +20 dBm: 7.0%
+5 dBm to +15 dBm: 5.0%
–40 dBm to +5 dBm: 3.0%
2GHz to 20 GHz
+15 dBm to +20 dBm: 6.0%
+5 dBm to +15 dBm: 4.0%
–40 dBm to +5 dBm: 2.0%
6 www.tektronix.com


Similar Part No. - PSM5320

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PSM5320 ETC2-PSM5320 Datasheet
308Kb / 13P
   RF and Microwave Power Sensors/Meters
More results

Similar Description - PSM5320

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
E9301A ETC2-E9301A Datasheet
619Kb / 12P
   RF and Microwave Power Sensors/Meters
PSM5320 ETC2-PSM5320 Datasheet
308Kb / 13P
   RF and Microwave Power Sensors/Meters
logo
Keysight Technologies
E9326A KEYSIGHT-E9326A Datasheet
996Kb / 19P
   Power Meters and E-Series E9320 Peak and Average Power Sensors
E4417A KEYSIGHT-E4417A Datasheet
996Kb / 19P
   Power Meters and E-Series E9320 Peak and Average Power Sensors
E4416A KEYSIGHT-E4416A Datasheet
996Kb / 19P
   Power Meters and E-Series E9320 Peak and Average Power Sensors
E9321A KEYSIGHT-E9321A Datasheet
996Kb / 19P
   Power Meters and E-Series E9320 Peak and Average Power Sensors
logo
Advanced Power Technolo...
SD1224 ADPOW-SD1224 Datasheet
90Kb / 3P
   RF AND MICROWAVE TRANSISTORS
logo
Keysight Technologies
W8486A KEYSIGHT-W8486A Datasheet
2Mb / 28P
   EPM Series Power Meters E-Series and 8480 Series Power Sensors
8481D KEYSIGHT-8481D Datasheet
2Mb / 28P
   EPM Series Power Meters E-Series and 8480 Series Power Sensors
8487D KEYSIGHT-8487D Datasheet
2Mb / 28P
   EPM Series Power Meters E-Series and 8480 Series Power Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com