Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S7056WGM3NR Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # S7056WGM3NR
Description  Dual-socket SMP server implmentation
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

S7056WGM3NR Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  S7056WGM3NR Datasheet HTML 1Page - List of Unclassifed Manufacturers S7056WGM3NR Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
USA
Tel: +1-510-651-8868
Fax: +1-510-651-7688
Taiwan
Tel: +886-2-2652-5888
Fax: +886-2-2652-5805
China
Shanghai Tel: +86-21-61431188 Ext 1366
China Tel:-86-010-62555015 Ext 8302
Japan
Tel: +81-3-3769-8311
Fax: +81-3-3769-8328
Europe
Sales: +32 2456 1721
Technical Support: +32 2456 1722
Block Diagram
Block Diagram
Specifications
TYAN Business Unit
MITAC INTERNATIONAL CORP.
S7056
S7056GM3NR / S7056WGM3NR / S7056WGM3NR-2T
S7056WGM3NR5(BTO) / S7056GM3NR-HE / S7056WGM3NR-HE
S7056WGM3NR-2T-HE(BTO) / S7056WGM3NR5-HE(BTO)
(Specifications are subject to change without notice. Items pictured may only be representative.)
USB 2.0
USB0-1
USB8-9
USB2-3
USB10
SAS/SATA2
SAS0-3
SAS4-7
SATA2
SATA
PCIE Gen3
PCIE Gen3
PCI Express x8
PCI Express x16
PCIE Gen3
PCIE Gen3
PCI Express x8
PCI Express x16
DDR3
channel E/F
DDR3
channel G/H
DDR3
channel A/B
DDR3
channel C/D
QPI Port 1
(8.0GT/s)
QPI Port 0
(8.0GT/s)
Intel
Patsburg
PCH
ASpeed IRMP
AST2300
UART
NC SI Interface
DDR3 Frame Buffer Memory
COM2
COM1
64Mb SPI ROM
PCIE Gen2
Intel 82574L
1GB LAN
TPM
Winbord
WPCT200AA0WG
CPU0
CPU1
FRONT1 FRONT2 FRONT3
REAR1
REAR1
D-Sub
PCIE Gen3
Intel LAN
X540 10GB / i350 1GB
SATA
SATA
RGB
HWM-FAN
LPC lnterface
LPC lnterface
Intel® Xeon® Processor E5-2600/ E5-2600 v2 Series
LGA2011 / (2)
Max up to 95W
Max up to 150W (S7056-HE SKU)
Intel® C602
-
(8+8) DIMM sockets
up to 128GB UDIMM / 512GB RDIMM / 512GB LRDIMM
4 Channels
1.35V/1.5V
(2) sets of the following expansion combination: (1) PCI-E
x16 slot in-lined with (1) PCI-E x4 slot (routed to PCI-E x8
bus) recommended to use Tyan riser card
M7056-L24-3F, PCI-E x16 2U riser card (left)
M7056-R24-3F, PCI-E x16 2U riser card (right)
-
(2) GbE ports + (1) Dedicated for IPMI
(2) 10GbE ports + (1) Dedicated for IPMI (-2T SKU)
Intel® 82574 + Intel® I350
Intel® 82574 + Intel® X540 (-2T SKU)
Connector
(8) SAS
Controller
Intel® C602 with TRK-5 upgrade ROM module (-W SKU)
Intel® C602 with TRK-6 upgrade ROM module
Speed
3.0 Gb/s (mini-SAS connector)
RAID
RAID 0/1/10 (Intel Integrated RAID upgrade ROM 5)
RAID 0/1/10/5 (Intel Integrated RAID upgrade ROM 6)
Connector
(6) SATA or (10) SATA
Controller
Intel® C602
Speed
(2) 6.0 Gb/s(blue color); (4) 3.0 Gb/s (mini-SAS connectors)
(-W SKU)
(2) 6.0 Gb/s(blue color); (8) 3.0 Gb/s (2 x mini-SAS
connectors)
RAID
RAID 0/1/10/5 (Intel® RST)
D-Sub 15-pin
up to 1920 x 1200
Aspeed AST2300
-
-
-
-
(7) USB2.0 ports (2 at rear, 4 via cable, 1 type A onboard)
(1) header
(1) port (rear)
Audio
-
(1) D-Sub 15-pin VGA port
-
-
SSI 24-pin + 8-pin + 8-pin power connectors
(2) GbE ports + (1) Dedicated for IPMI
(2) 10GbE ports + (1) Dedicated for IPMI (-2T SKU)
(2) Mini-SAS (4-in-1) connectors (-W SKU)
(1) 2x12-pin SSI front panel header
(1) Mini-SAS connector (-W SKU) or (2) Mini-SAS connectors
(2) SATA-III connectors
Thermal Design
Power (TDP)
PCH / PCI-E Switch
Super I/O
Expansion
Slots
Memory
Supported DIMM
Qty
DIMM Type / Speed
Capacity
Memory channel
Memory voltage
PCI
Connector type
Chipset
Chipset
PCI-E
Recommended
TYAN® Riser Card
Processor
Supported CPU
Series
Socket Type / Q'ty
Storage
Graphic
Chipset
Version
TPM
(optional)
USB
Input
/Output
Resolution
SATA
Chipset
LAN
Port Q'ty
Controller
SATA
VGA
SAS
(opt.)
COM
Front Panel
Audio
Display Port
SAS
DVI
RJ-45
Version
Power
Nuvoton 83773G
Monitors voltage for CPU, memory, chipset & power supply
Total (7) 4-pin headers
Monitors temperature for CPU & system environment
Onboard Aspeed AST2300
IPMI 2.0 compliant baseboard management controller
(BMC)
24-bit high quality video compression
10/100 Mb/s MAC interface
BIOS
AMI / 8MB
Plug and Play (PnP) /PCI2.3 /WfM2.0 /SMBIOS2.3 /PXE boot
/ ACPI 2.0 power management /Power on mode after power
EATX
12"x13" (305x330mm)
Operating
System
Please refer to our Intel OS supported list.
Class A
Yes
10° C ~ 35° C (50° F~ 95° F)
- 40° C ~ 70° C (-40° F ~ 158° F)
90%, non-condensing at 35° C
Non-operating Relative Humidity: 10% to 95% (non-
RoHS
Yes
ErP/EuP
NO
Chipset
System
Monitoring
OS supported list
Feature
Voltage
Fan
Temperature
Brand / ROM size
FCC (DoC)
CE (DoC)
Operating
Environment
Operating Temp.
Non-operating
Temp.
In/Non-operating
Humidity
Server
Management
Onboard Chipset
AST2300 IPMI
Feature
AST2300 iKVM
Feature
Form Factor
Form Factor
Board Dimension
RoHS 6/6
Complaint
Regulation
IVY
Bridge-EP
IVY
Bridge-EP
UDIMM/RDIMM/LRDIMM ECC 1066/1333/1600/1866
*Speed 1866 only for 1 slot per channel 1.5V(Blue color DIMM slot)


Similar Part No. - S7056WGM3NR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S7050 ETC2-S7050 Datasheet
816Kb / 2P
   High-end dual-socket server platform
S7050A2NRF ETC2-S7050A2NRF Datasheet
816Kb / 2P
   High-end dual-socket server platform
S7050GM2NR(BTO) ETC2-S7050GM2NR(BTO) Datasheet
816Kb / 2P
   High-end dual-socket server platform
S7050GM4NR ETC2-S7050GM4NR Datasheet
816Kb / 2P
   High-end dual-socket server platform
S7050WGM2NR(BTO) ETC2-S7050WGM2NR(BTO) Datasheet
816Kb / 2P
   High-end dual-socket server platform
More results

Similar Description - S7056WGM3NR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S7063 ETC2-S7063 Datasheet
774Kb / 2P
   Dual-socket SMP server implmentation
S7076 ETC2-S7076 Datasheet
1Mb / 2P
   Rack-optimized dual-socket server implmentation for CSP deployment
S7086 ETC2-S7086 Datasheet
850Kb / 2P
   Rack-optimization dual-socket server implmentation for CSP deployment
YR290-B7018 ETC2-YR290-B7018 Datasheet
922Kb / 2P
   High-Density 2U dual-socket SMP server implementation
FT48-B7025 ETC2-FT48-B7025 Datasheet
1Mb / 2P
   4U dual-socket SMP server implementation for GPGPU applications
FT72-B7015 ETC2-FT72-B7015 Datasheet
1Mb / 2P
   4U dual-socket SMP server implementation for GPGPU applications
YR190-B8228-X2 ETC2-YR190-B8228-X2 Datasheet
562Kb / 2P
   High-Density 1U dual-socket SMP server implementation for IPDC applications
YR190-B8238-X2 ETC2-YR190-B8238-X2 Datasheet
543Kb / 2P
   High-Density 1U dual-socket SMP server implementation for HPC applications
S7010 ETC2-S7010 Datasheet
1,009Kb / 2P
   Mainstream dual-socket server
S7002 ETC2-S7002 Datasheet
1Mb / 2P
   Entry dual-socket server
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com