Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S7016GM3NR Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # S7016GM3NR
Description  High-end rack-optimized dual-socket server platform
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

S7016GM3NR Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  S7016GM3NR Datasheet HTML 1Page - List of Unclassifed Manufacturers S7016GM3NR Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Intel® 5520 Chipset
High-end rack-optimized dual-socket server
platform for HPC and server virtualization
applications with iKVM support
S7016
S7016WGM3NR/ S7016GM3NR
Specifications are subject to change without notice. Items pictured may only be representative.
DUAL-SOCKET
SERVER
PLATFORM
 Dual LGA1366 sockets support up to (2) Intel® Xeon® Processor
5500/ 5600 Series
 Support QPI 6.4/ 5.86/ 4.8 GT/s
 Intel® 5520 IOH
 Intel® ICH10R South Bridge
 (18) 240-pin DDR3 DIMM slots support up to 120GB R-DDR3
1333/1066/800MHz w/ ECC memory
 (1) PCI-E Gen.2 x16 slot (w/ x8 link)
 (2) PCI-E Gen.2 x8 slots
 (8) SAS ports by (2) mini-SAS connectors w/ RAID 0, 1, 1E support
(S7016WGM3NR)
 (4) SATA-II ports by (1) mini-SAS connector w/ RAID 0, 1, 10, 5
support
 (2) SATA-II ports w/ RAID 0, 1, 10, 5 support
 (3) GbE LAN
 Onboard BMC w/ iKVM support
 EATX (12" x 13") form factor


Similar Part No. - S7016GM3NR

ManufacturerPart #DatasheetDescription
logo
C&K Components
S701 CK-COMPONENTS-S701 Datasheet
340Kb / 5P
   Slide Switches
S701 CK-COMPONENTS-S701 Datasheet
340Kb / 5P
   S Series Slide Switches
S701 CK-COMPONENTS-S701 Datasheet
679Kb / 5P
   Slide Switches
logo
Hamamatsu Corporation
S7010 HAMAMATSU-S7010 Datasheet
332Kb / 10P
   CCD area image sensor
logo
List of Unclassifed Man...
S7010 ETC2-S7010 Datasheet
1,009Kb / 2P
   Mainstream dual-socket server
More results

Similar Description - S7016GM3NR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S7050 ETC2-S7050 Datasheet
816Kb / 2P
   High-end dual-socket server platform
S7053 ETC2-S7053 Datasheet
842Kb / 2P
   High-end dual-socket server platform
S7055 ETC2-S7055 Datasheet
787Kb / 2P
   High-end dual-socket server platform
S7052 ETC2-S7052 Datasheet
822Kb / 2P
   High-end dual-socket server platform
S8232 ETC2-S8232 Datasheet
876Kb / 2P
   High-End Dual-socket server platform for HPC
GT24-B7067 ETC2-GT24-B7067 Datasheet
707Kb / 2P
   RACK-OPTIMIZED 1U Dual-Socket Server Implementation for Server
GN70-B7086 ETC2-GN70-B7086 Datasheet
1Mb / 2P
   2U Rack-Optimized Server Platform for HPC
S7042 ETC2-S7042 Datasheet
858Kb / 2P
   Dual-socket server platform
S7012 ETC2-S7012 Datasheet
1,022Kb / 2P
   High-end dual-socket server platform for HPC and server virtualization applications
S7067 ETC2-S7067 Datasheet
937Kb / 2P
   DUAL-SOCKET RACK-OPTIMIZED RACK-OPTIMIZED
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com