Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MBR10HXX Datasheet(PDF) 3 Page - Vishay Siliconix

Part No. MBR10HXX
Description  High Voltage Schottky Rectifier High Barrier Technology for Improved High Temperature Performance
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

MBR10HXX Datasheet(HTML) 3 Page - Vishay Siliconix

   
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MBR10Hxx, MBRF10Hxx, MBRB10Hxx
www.vishay.com
Vishay General Semiconductor
Revision: 28-Jul-15
3
Document Number: 88667
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
RATINGS AND CHARACTERISTICS CURVES (TC = 25 °C unless otherwise noted)
Fig. 1 - Forward Current Derating Curve
Fig. 2 - Maximum Non-Repetitive Peak Forward Surge Current
Fig. 3 - Typical Instantaneous Forward Characteristics
Fig. 4 - Typical Reverse Characteristics
Fig. 5 - Typical Junction Capacitance
Fig. 6 - Typical Transient Thermal Impedance
0
4
8
12
20
0
50
100
150
16
180
MBRF
Resistive or Inductive Load
Case Temperature (°C)
MBR, MBRB
0
50
150
100
250
200
300
1
100
10
T
J = TJ Max.
8.3 ms Single Half Sine-Wave
Number of Cycles at 60 Hz
0.1
0.2
0.6
0.7
0.8
0.9
0.3
100
10
0.1
0.01
1.0
0.4
0.5
1.0
Instantaneous Forward Voltage (V)
T
J = 100 °C
T
J = 150 °C
T
J = 125 °C
T
J = 175 °C
T
J = 25 °C
1
1000
0.01
0.1
10 000
100
10
20
100
40
60
80
Percent of Rated Peak Reverse Voltage (%)
T
J = 100 °C
T
J = 150 °C
T
J = 125 °C
T
J = 25 °C
0.1
10
1
100
1000
10 000
10
100
Reverse Voltage (V)
0.01
0.1
1
10
10
100
0.1
1
t - Pulse Duration (s)


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn