Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MBR10HXX Datasheet(PDF) 2 Page - Vishay Siliconix

Part No. MBR10HXX
Description  High Voltage Schottky Rectifier High Barrier Technology for Improved High Temperature Performance
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

MBR10HXX Datasheet(HTML) 2 Page - Vishay Siliconix

   
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MBR10Hxx, MBRF10Hxx, MBRB10Hxx
www.vishay.com
Vishay General Semiconductor
Revision: 28-Jul-15
2
Document Number: 88667
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) Pulse test: 300 μs pulse width, 1 % duty cycle
(2) Pulse test: Pulse width
 40 ms
Note
(1) AEC-Q101 qualified
ELECTRICAL CHARACTERISTICS (TC = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
VALUE
UNIT
Maximum instantaneous forward voltage
VF (1)
IF = 10 A
TC = 25 °C
0.77
V
IF = 10 A
TC = 125 °C
0.64
IF = 20 A
TC = 25 °C
0.88
IF = 20 A
TC = 125 °C
0.73
Maximum reverse current
IR (2)
Rated VR
TJ = 25 °C
4.5
μA
TJ = 125 °C
6.0
mA
THERMAL CHARACTERISTICS (TC = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
MBR
MBRF
MBRB
UNIT
Typical thermal resistance
RJC
2.7
5.8
2.7
°C/W
ORDERING INFORMATION (Example)
PACKAGE
PREFERRED P/N
UNIT WEIGHT (g)
PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
TO-220AC
MBR10H100-E3/45
1.80
45
50/tube
Tube
ITO-220AC
MBRF10H100-E3/45
1.94
45
50/tube
Tube
TO-263AB
MBRB10H100-E3/45
1.33
45
50/tube
Tube
TO-263AB
MBRB10H100-E3/81
1.33
81
800/reel
Tape and reel
TO-220AC
MBR10H100HE3/45 (1)
1.80
45
50/tube
Tube
ITO-220AC
MBRF10H100HE3/45 (1)
1.94
45
50/tube
Tube
TO-263AB
MBRB10H100HE3/45 (1)
1.33
45
50/tube
Tube
TO-263AB
MBRB10H100HE3/81 (1)
1.33
81
800/reel
Tape and reel


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn