Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGC1050S Datasheet(PDF) 4 Page - GOOD-ARK Electronics

Part # SGC1050S
Description  Surface Mount Schottky Rectifier Reverse Voltage 50~60V Forward Current 10A
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

SGC1050S Datasheet(HTML) 4 Page - GOOD-ARK Electronics

  SGC1050S_15 Datasheet HTML 1Page - GOOD-ARK Electronics SGC1050S_15 Datasheet HTML 2Page - GOOD-ARK Electronics SGC1050S_15 Datasheet HTML 3Page - GOOD-ARK Electronics SGC1050S_15 Datasheet HTML 4Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SGC1050S thru SGC1060S
Surface Mount Schottky Rectifier
Reverse Voltage 50~60V Forward Current 10A
www.goodark.com
4/4
2015.07-Rev.C
Disclaimers
These materials are intended as a reference to assist our customers in the selection of the Suzhou
Good-Ark product best suited to the customer’s application; they do not convey any license under any
intellectual property rights, or any other rights, belonging to Suzhou Good-Ark Electronics Co., Ltd.or a
third party.
Suzhou Good-Ark Electronics Co., Ltd. assumes no responsibility for any damage, or infringement of
any third-party ’ s rights, originating in the use of any product data, diagrams, charts, programs,
algorithms, or circuit application examples contained in these materials.
All information contained in these materials, including product data, diagrams, charts, programs and
algorithms represents information on products at the time of publication of these materials, and are
subject to change by Suzhou Good-Ark Electronics Co., Ltd. without notice due to product
improvements or other reasons. It is therefore recommended that customers contact Suzhou Good-Ark
Electronics Co., Ltd. or an authorized Suzhou Good-Ark Electronics Co., Ltd. for the latest product
information before purchasing a product listed herein. The information described here may contain
technical inaccuracies or typographical errors. Suzhou Good-Ark Electronics Co., Ltd. assumes no
responsibility for any damage, liability, or other loss rising from these inaccuracies or errors. Please also
pay attention to information published by Suzhou Good-Ark Electronics Co., Ltd. by various means,
including our website home page.
(http://www.goodark.com)
When using any or all of the information contained in these materials, including product data, diagrams,
charts, programs, and algorithms, Please be sure to evaluate all information as a total system before
making a final decision on the applicability of the information and products. Suzhou Good-Ark
Electronics Co., Ltd. assumes no responsibility for any damage, liability or other loss resulting from the
information contained herein.
The prior written approval of Suzhou Good-Ark Electronics Co., Ltd. is necessary to reprint or reproduce
in whole or in part these materials.
Please contact Suzhou Good-Ark Electronics Co., Ltd. or an authorized distributor for further details on
these materials or the products contained herein.


Similar Part No. - SGC1050S_15

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SGC1050S GOOD-ARK-SGC1050S Datasheet
197Kb / 4P
   Surface Mount Schottky Rectifier
More results

Similar Description - SGC1050S_15

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SGC2050S GOOD-ARK-SGC2050S_15 Datasheet
199Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 50~60V Forward Current 20A
SGC0550S GOOD-ARK-SGC0550S_15 Datasheet
202Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 50~60V Forward Current 5A
SGC2550S GOOD-ARK-SGC2550S_15 Datasheet
205Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 50~60V Forward Current 25A
SGC0850S GOOD-ARK-SGC0850S_15 Datasheet
204Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 50~60V Forward Current 8A
SGC101BSA GOOD-ARK-SGC101BSA_15 Datasheet
211Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 100V Forward Current 10A
SGC1045SA GOOD-ARK-SGC1045SA_15 Datasheet
202Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 45V Forward Current 10A
SGC101BS GOOD-ARK-SGC101BS_15 Datasheet
206Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 100V Forward Current 10A
SGC1560S GOOD-ARK-SGC1560S_15 Datasheet
213Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 60V Forward Current 15A
SGP0260SD GOOD-ARK-SGP0260SD_15 Datasheet
202Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 60V Forward Current 2A
SGC2060ST GOOD-ARK-SGC2060ST_15 Datasheet
208Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 60V Forward Current 20A
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com