Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGC1545SA Datasheet(PDF) 2 Page - GOOD-ARK Electronics

Part # SGC1545SA
Description  Surface Mount Schottky Rectifier Reverse Voltage 45V Forward Current 15A
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

SGC1545SA Datasheet(HTML) 2 Page - GOOD-ARK Electronics

  SGC1545SA_15 Datasheet HTML 1Page - GOOD-ARK Electronics SGC1545SA_15 Datasheet HTML 2Page - GOOD-ARK Electronics SGC1545SA_15 Datasheet HTML 3Page - GOOD-ARK Electronics SGC1545SA_15 Datasheet HTML 4Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SGC1545SA
Surface Mount Schottky Rectifier
Reverse Voltage 45V Forward Current 15A
www.goodark.com
2/4
2014.03-Rev.A
Ratings and Characteristics Curves
(TA = 25℃ unless otherwise noted)
Figure 1. Typical Reverse Characteristics 
Figure 2. Typical Instantaneous Forward 
Characteristics 
Figure 4.Maximum Non‐Repetitive Peak 
Forward Surge Current
Figure 3. Typical Junction Capacitance
1) Mounted on P.C.B with 30*30mm copper pad
area
2) Mounted on P.C.B with 30*30mm copper pad
area
(RθJA=28℃/W)
3) Mounted on P.C.B with 30*30mm copper pad
area FR4 PCB(RθJA=39℃/W)
4) Fre air Mounted on recommended copper pad
4) Fre air, Mounted on recommended copper pad
area FR4 PCB(RθJA=85℃/W)
Figure 5.Forward Current Derating Curve
www.goodark.com
2/4
2014.03-Rev.A


Similar Part No. - SGC1545SA_15

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SGC1545SA GOOD-ARK-SGC1545SA Datasheet
246Kb / 4P
   Surface Mount Schottky Rectifier
More results

Similar Description - SGC1545SA_15

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SGC1545S GOOD-ARK-SGC1545S_15 Datasheet
250Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 45V Forward Current 15A
SGC1045S GOOD-ARK-SGC1045S_15 Datasheet
213Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 45V Forward Current 10A
SGC2545S GOOD-ARK-SGC2545S_15 Datasheet
202Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 45V Forward Current 25A
SGC1045SA GOOD-ARK-SGC1045SA_15 Datasheet
202Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 45V Forward Current 10A
SGC1550S GOOD-ARK-SGC1550S_15 Datasheet
204Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 50V Forward Current 15A
SGC151BS GOOD-ARK-SGC151BS_15 Datasheet
209Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 100V Forward Current 15A
SGC1560SA GOOD-ARK-SGC1560SA_15 Datasheet
206Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 60V Forward Current 15A
SGC1560S GOOD-ARK-SGC1560S_15 Datasheet
213Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 60V Forward Current 15A
LS34AS GOOD-ARK-LS34AS_15 Datasheet
191Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 40~45V Forward Current 3A
LS54 GOOD-ARK-LS54 Datasheet
228Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 40/45V Forward Current 5A
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com