Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CF5008A1 Datasheet(PDF) 3 Page - Nippon Precision Circuits Inc

Part # CF5008A1
Description  VCXO Module IC
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

CF5008A1 Datasheet(HTML) 3 Page - Nippon Precision Circuits Inc

  CF5008A1 Datasheet HTML 1Page - Nippon Precision Circuits Inc CF5008A1 Datasheet HTML 2Page - Nippon Precision Circuits Inc CF5008A1 Datasheet HTML 3Page - Nippon Precision Circuits Inc CF5008A1 Datasheet HTML 4Page - Nippon Precision Circuits Inc CF5008A1 Datasheet HTML 5Page - Nippon Precision Circuits Inc CF5008A1 Datasheet HTML 6Page - Nippon Precision Circuits Inc CF5008A1 Datasheet HTML 7Page - Nippon Precision Circuits Inc CF5008A1 Datasheet HTML 8Page - Nippon Precision Circuits Inc CF5008A1 Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
CF5008A1
NIPPON PRECISION CIRCUITS—3
BLOCK DIAGRAM
OSCILLATOR ELEMENT CONSTANTS (typical values)
R B1
R B2
R d
R f
R p
C G
C D
C C
CF5008A1
100k
50k
450
150k
100k
20pF
10pF
70pF
XT
CG
CD
Rd
RB2
CC
Q
VSS
VDD
Control Circuits
Rp
Rf
XT2
INH


Similar Part No. - CF5008A1

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
CF500 LSTD-CF500 Datasheet
320Kb / 2P
   EcoFoamTM Conductive Foam
logo
Cvilux Corporation
CF5001SC CVILUX-CF5001SC Datasheet
785Kb / 3P
   1.00mm(039") ZIF FFC/FPC ONE-TOUCH CONNECTOR
14.11.14
logo
Nippon Precision Circui...
CF5002LA NPC-CF5002LA Datasheet
95Kb / 9P
   Crystal Oscillator Module ICs
CF5002LB NPC-CF5002LB Datasheet
95Kb / 9P
   Crystal Oscillator Module ICs
CF5002LC NPC-CF5002LC Datasheet
95Kb / 9P
   Crystal Oscillator Module ICs
More results

Similar Description - CF5008A1

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
CF5072BA NPC-CF5072BA Datasheet
100Kb / 8P
   155MHz VCXO Module IC
5075 NPC-5075 Datasheet
308Kb / 14P
   VCXO Module IC with Built-in Varicap
5076 NPC-5076 Datasheet
284Kb / 13P
   VCXO Module IC with Built-in Varicap
CF5074A NPC-CF5074A Datasheet
84Kb / 9P
   VCXO Module IC with Built-in Varicap
logo
New Japan Radio
NJM2555 NJRC-NJM2555 Datasheet
83Kb / 3P
   622MHz VCXO IC
logo
PhaseLink Corporation
PLL501-01 PLL-PLL501-01 Datasheet
97Kb / 6P
   VCXO Clock Generator IC
logo
List of Unclassifed Man...
FS6127 ETC-FS6127 Datasheet
111Kb / 6P
   VCXO CLOCK GENERATOR IC
logo
PhaseLink Corporation
PLL501-21 PLL-PLL501-21 Datasheet
133Kb / 5P
   VCXO Clock Generator IC
PLL501-05 PLL-PLL501-05 Datasheet
97Kb / 6P
   VCXO Clock Generator IC
logo
Micro Analog systems
MAS9275 MAS-MAS9275 Datasheet
223Kb / 10P
   IC FOR 10.00 - 36.00 MHz VCXO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com