Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGP011BSL Datasheet(PDF) 2 Page - GOOD-ARK Electronics

Part # SGP011BSL
Description  Surface Mount Schottky Rectifier Reverse Voltage 100V Forward Current 1A
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

SGP011BSL Datasheet(HTML) 2 Page - GOOD-ARK Electronics

  SGP011BSL_15 Datasheet HTML 1Page - GOOD-ARK Electronics SGP011BSL_15 Datasheet HTML 2Page - GOOD-ARK Electronics SGP011BSL_15 Datasheet HTML 3Page - GOOD-ARK Electronics SGP011BSL_15 Datasheet HTML 4Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SGP011BSL
Surface Mount Schottky Rectifier
Reverse Voltage 100V Forward Current 1A
www.goodark.com
2/4
2015.04-Rev.A
Ratings and Characteristics Curves
(TA = 25℃ unless otherwise noted)
Figure 1.Forward Current Derating Curve
Figure 3. Typical Reverse Characteristics
Figure 4. Typical Junction Capacitance
Figure 2. Typical Instantaneous Forward
Characteristics
SGP011BSL@25℃
SGP011BSL@25℃
Figure 5.Maximum Non-Repetitive Peak
Forward Surge Current


Similar Part No. - SGP011BSL_15

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SGP011BSL GOOD-ARK-SGP011BSL Datasheet
268Kb / 4P
   Surface Mount Schottky Rectifier
More results

Similar Description - SGP011BSL_15

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
FS1BH GOOD-ARK-FS1BH_15 Datasheet
191Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 100V Forward Current 1A
LSL12 GOOD-ARK-LSL12 Datasheet
222Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 20~100V Forward Current 1A
SGC151BS GOOD-ARK-SGC151BS_15 Datasheet
209Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 100V Forward Current 15A
SGC101BSH GOOD-ARK-SGC101BSH_15 Datasheet
206Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 100V Forward Current 10A
SGC101BSD GOOD-ARK-SGC101BSD_15 Datasheet
204Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 100V Forward Current 10A
SGC051BS GOOD-ARK-SGC051BS_15 Datasheet
209Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 100V Forward Current 5A
SGC201BS GOOD-ARK-SGC201BS_15 Datasheet
206Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 100V Forward Current 20A
FS2BH GOOD-ARK-FS2BH_15 Datasheet
206Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 100V Forward Current 2A
LS2B GOOD-ARK-LS2B_15 Datasheet
188Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 100V Forward Current 2A
FS2B GOOD-ARK-FS2B_15 Datasheet
203Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 100V Forward Current 2A
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com