Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XL8002 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # XL8002
Description  80V 1A High Efficiency Buck PFM LED Constant Current Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

XL8002 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button XL8002 Datasheet HTML 5Page - List of Unclassifed Manufacturers XL8002 Datasheet HTML 6Page - List of Unclassifed Manufacturers XL8002 Datasheet HTML 7Page - List of Unclassifed Manufacturers XL8002 Datasheet HTML 8Page - List of Unclassifed Manufacturers XL8002 Datasheet HTML 9Page - List of Unclassifed Manufacturers XL8002 Datasheet HTML 10Page - List of Unclassifed Manufacturers XL8002 Datasheet HTML 11Page - List of Unclassifed Manufacturers XL8002 Datasheet HTML 12Page - List of Unclassifed Manufacturers XL8002 Datasheet HTML 13Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
XLSEMI
Preliminary Datasheet
80V 1A High Efficiency Buck PFM LED Constant Current Driver
XL8002
Rev 1.1
www.xlsemi.com
11
[4] Typical System Application (VIN=60V~80V, Output Series 3W LED)
XL8002
CIN
100uF/100V
R1
500K
RCS
0.1Ω
L1
1mH/2A
D1
SS38
LED
Q1
2N5551
COUT
100uF/100V
C2
2.2uF
VIN
STRAT
VREG
CSP
CSN
12
3
4
5
R2
3K
C1
105
C3
105
ILED=0.1V/RCS
Output 1~14 3W LED series
VIN
DC 60V~80V
Figure13. XL8002 System Application at VIN=60V~80V Schematic
Figure14. XL8002 System Application at VIN=60V~80V Efficiency Curve


Similar Part No. - XL8002

ManufacturerPart #DatasheetDescription
logo
XLSEMI
XL8002 XLSEMI-XL8002 Datasheet
272Kb / 13P
   80V 1A High Efficiency Buck PFM LED Constant Current Driver
XL8002E1 XLSEMI-XL8002E1 Datasheet
272Kb / 13P
   80V 1A High Efficiency Buck PFM LED Constant Current Driver
More results

Similar Description - XL8002

ManufacturerPart #DatasheetDescription
logo
XLSEMI
XL8002 XLSEMI-XL8002 Datasheet
272Kb / 13P
   80V 1A High Efficiency Buck PFM LED Constant Current Driver
logo
Shenzhen Huazhimei Semi...
HM9802 HMSEMI-HM9802 Datasheet
622Kb / 13P
   80V 1A High Efficiency Buck PFM LED Constant Current Driver
HM9804 HMSEMI-HM9804 Datasheet
803Kb / 11P
   80V 1A Switching Current Buck PFM LED Constant Current Driver
logo
XLSEMI
XL8004 XLSEMI-XL8004 Datasheet
351Kb / 11P
   80V 1A Switching Current Buck PFM LED Constant Current Driver
logo
List of Unclassifed Man...
XL8004 ETC2-XL8004 Datasheet
351Kb / 11P
   80V 1A Switching Current Buck PFM LED Constant Current Driver
logo
Shenzhen Huazhimei Semi...
HM9803 HMSEMI-HM9803 Datasheet
598Kb / 7P
   80V 0.5A Switching Current Buck PFM LED Constant Current Driver
logo
Maxic Technology Corpor...
MT773XH MAXIC-MT773XH Datasheet
234Kb / 1P
   High Efficiency Buck Constant Current LED Driver
MT777XH MAXIC-MT777XH Datasheet
234Kb / 1P
   High Efficiency Buck Constant Current LED Driver
MT771XL MAXIC-MT771XL Datasheet
227Kb / 1P
   High Efficiency Buck Constant Current LED Driver
MT777XL MAXIC-MT777XL Datasheet
234Kb / 1P
   High Efficiency Buck Constant Current LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com