Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XL6019 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # XL6019
Description  220KHz 60V 5A Switching Current Boost / Buck-Boost / Inverting DC/DC Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

XL6019 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button XL6019 Datasheet HTML 5Page - List of Unclassifed Manufacturers XL6019 Datasheet HTML 6Page - List of Unclassifed Manufacturers XL6019 Datasheet HTML 7Page - List of Unclassifed Manufacturers XL6019 Datasheet HTML 8Page - List of Unclassifed Manufacturers XL6019 Datasheet HTML 9Page - List of Unclassifed Manufacturers XL6019 Datasheet HTML 10Page - List of Unclassifed Manufacturers XL6019 Datasheet HTML 11Page - List of Unclassifed Manufacturers XL6019 Datasheet HTML 12Page - List of Unclassifed Manufacturers XL6019 Datasheet HTML 13Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
XL6019
220KHz 60V 5A Switching Current Boost / Buck-Boost / Inverting DC/DC Converter
Rev 1.0
www.xlsemi.com
10
Typical System Application(VIN=20~40V,VOUT=48V)
XL6019
C1
105
VIN
4
1
2
5
3
GND
VIN
SW
EN
ON
OFF
L1 47uH/5A
D1 B560C
R1
2K
1%
COUT
220uF/63V
R2
75K
1%
CIN
220uF/50V
C2
105
FB
Figure15. XL6019 Typical System Application (VIN=20~40V,VOUT=48V)
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
50
55
60
65
70
75
80
85
90
95
100
Efficiency VS Output current
Output current(A)
VIN=24V,VOUT=48V
VIN=36V,VOUT=48V
Figure16. XL6019 System Efficiency Curve (VIN=20~40V, VOUT=48V)


Similar Part No. - XL6019

ManufacturerPart #DatasheetDescription
logo
XLSEMI
XL6019 XLSEMI-XL6019 Datasheet
307Kb / 13P
   180KHz 60V 5A Switching Current Boost / Buck-Boost / Inverting DC/DC Converter
XL6019E1 XLSEMI-XL6019E1 Datasheet
307Kb / 13P
   180KHz 60V 5A Switching Current Boost / Buck-Boost / Inverting DC/DC Converter
More results

Similar Description - XL6019

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM6299 HMSEMI-HM6299 Datasheet
424Kb / 12P
   220KHz 60V 5A switching current boost/buck-boost DC-DC converter
logo
XLSEMI
XL6019 XLSEMI-XL6019 Datasheet
307Kb / 13P
   180KHz 60V 5A Switching Current Boost / Buck-Boost / Inverting DC/DC Converter
logo
Shenzhen Huazhimei Semi...
HM6292 HMSEMI-HM6292 Datasheet
1Mb / 13P
   180KHz 60V 5A switching current boost/buck-boost DC-DC converter
logo
XLSEMI
XL6009 XLSEMI-XL6009 Datasheet
250Kb / 8P
   400KHz 60V 4A Switching Current Boost / Buck-Boost / Inverting DC/DC Converter
XL6008 XLSEMI-XL6008 Datasheet
278Kb / 8P
   400KHz 60V 3A Switching Current Boost / Buck-Boost / Inverting DC/DC Converter
XL6007 XLSEMI-XL6007 Datasheet
176Kb / 8P
   400KHz 60V 2A Switching Current Boost / Buck-Boost / Inverting DC/DC Converter
logo
List of Unclassifed Man...
XL6008 ETC2-XL6008 Datasheet
302Kb / 8P
   400KHz 60V 3A Switching Current Boost / Buck-Boost / Inverting DC/DC Converter
logo
Shenzhen Huazhimei Semi...
HM6297 HMSEMI-HM6297 Datasheet
484Kb / 8P
   400KHz 60V 2A Switching Current Boost / Buck-Boost / Inverting DC/DC Converter
logo
List of Unclassifed Man...
XL6007 ETC2-XL6007 Datasheet
157Kb / 8P
   400KHz 60V 2A Switching Current Boost / Buck-Boost / Inverting DC/DC Converter
logo
Shenzhen Huazhimei Semi...
HM6298 HMSEMI-HM6298 Datasheet
628Kb / 8P
   400KHz 60V 3A Switching Current Boost / Buck-Boost / Inverting DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com