Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XL6008E1 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # XL6008E1
Description  400KHz 60V 3A Switching Current Boost / Buck-Boost / Inverting DC/DC Converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

XL6008E1 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  XL6008E1 Datasheet HTML 1Page - List of Unclassifed Manufacturers XL6008E1 Datasheet HTML 2Page - List of Unclassifed Manufacturers XL6008E1 Datasheet HTML 3Page - List of Unclassifed Manufacturers XL6008E1 Datasheet HTML 4Page - List of Unclassifed Manufacturers XL6008E1 Datasheet HTML 5Page - List of Unclassifed Manufacturers XL6008E1 Datasheet HTML 6Page - List of Unclassifed Manufacturers XL6008E1 Datasheet HTML 7Page - List of Unclassifed Manufacturers XL6008E1 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
XL6008
400KHz 60V 3A Switching Current Boost / Buck-Boost / Inverting DC/DC Converter
Rev 1.2
www.xlsemi.com
2
Pin Configurations
Figure2. Pin Configuration of XL6008 (Top View)
Table 1 Pin Description
Pin Number
Pin Name
Description
1
GND
Ground Pin.
2
EN
Enable Pin. Drive EN pin low to turn off the device, drive it
high to turn it on. Floating is default high.
3
SW
Power Switch Output Pin (SW).
4
VIN
Supply Voltage Input Pin. XL6008 operates from a 3.6V to
32V DC voltage. Bypass Vin to GND with a suitably large
capacitor to eliminate noise on the input.
5
FB
Feedback Pin (FB). The feedback threshold voltage is 1.25V.


Similar Part No. - XL6008E1

ManufacturerPart #DatasheetDescription
logo
XLSEMI
XL6008E1 XLSEMI-XL6008E1 Datasheet
278Kb / 8P
   400KHz 60V 3A Switching Current Boost / Buck-Boost / Inverting DC/DC Converter
More results

Similar Description - XL6008E1

ManufacturerPart #DatasheetDescription
logo
XLSEMI
XL6008 XLSEMI-XL6008 Datasheet
278Kb / 8P
   400KHz 60V 3A Switching Current Boost / Buck-Boost / Inverting DC/DC Converter
logo
Shenzhen Huazhimei Semi...
HM6298 HMSEMI-HM6298 Datasheet
628Kb / 8P
   400KHz 60V 3A Switching Current Boost / Buck-Boost / Inverting DC/DC Converter
logo
XLSEMI
XL6009 XLSEMI-XL6009 Datasheet
250Kb / 8P
   400KHz 60V 4A Switching Current Boost / Buck-Boost / Inverting DC/DC Converter
XL6007 XLSEMI-XL6007 Datasheet
176Kb / 8P
   400KHz 60V 2A Switching Current Boost / Buck-Boost / Inverting DC/DC Converter
logo
Shenzhen Huazhimei Semi...
HM6297 HMSEMI-HM6297 Datasheet
484Kb / 8P
   400KHz 60V 2A Switching Current Boost / Buck-Boost / Inverting DC/DC Converter
logo
List of Unclassifed Man...
XL6007 ETC2-XL6007 Datasheet
157Kb / 8P
   400KHz 60V 2A Switching Current Boost / Buck-Boost / Inverting DC/DC Converter
logo
XLSEMI
XL6019 XLSEMI-XL6019 Datasheet
307Kb / 13P
   180KHz 60V 5A Switching Current Boost / Buck-Boost / Inverting DC/DC Converter
logo
List of Unclassifed Man...
XL6019 ETC2-XL6019 Datasheet
615Kb / 13P
   220KHz 60V 5A Switching Current Boost / Buck-Boost / Inverting DC/DC Converter
logo
Shenzhen Huazhimei Semi...
HM6292 HMSEMI-HM6292 Datasheet
1Mb / 13P
   180KHz 60V 5A switching current boost/buck-boost DC-DC converter
HM6299 HMSEMI-HM6299 Datasheet
424Kb / 12P
   220KHz 60V 5A switching current boost/buck-boost DC-DC converter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com