Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XL3005E1 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # XL3005E1
Description  5A 220KHz 36V Buck LED Constant Current Driver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

XL3005E1 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button XL3005E1 Datasheet HTML 2Page - List of Unclassifed Manufacturers XL3005E1 Datasheet HTML 3Page - List of Unclassifed Manufacturers XL3005E1 Datasheet HTML 4Page - List of Unclassifed Manufacturers XL3005E1 Datasheet HTML 5Page - List of Unclassifed Manufacturers XL3005E1 Datasheet HTML 6Page - List of Unclassifed Manufacturers XL3005E1 Datasheet HTML 7Page - List of Unclassifed Manufacturers XL3005E1 Datasheet HTML 8Page - List of Unclassifed Manufacturers XL3005E1 Datasheet HTML 9Page - List of Unclassifed Manufacturers XL3005E1 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Datasheet
5A 220KHz 36V Buck LED Constant Current Driver
XL3005
Rev 1.1
www.xlsemi.com
6
Typical System Application (Recommend output voltage safe work range)
8
10
12
14
16
18
20
22
24
26
28
30
32
34
36
0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
32
34
36
Recommend output voltage safe work range
Input voltage(V)
IOUT=300mA
8
10
12
14
16
18
20
22
24
26
28
30
32
34
36
0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
32
34
36
Recommend output voltage safe work range
Input voltage(V)
IOUT=600mA
Figure5.Max output voltage(IOUT=300mA)
Figure6.Max output voltage(IOUT=600mA)
8
10
12
14
16
18
20
22
24
26
28
30
32
34
36
0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
32
34
36
Recommend output voltage safe work range
Input voltage(V)
IOUT=1000mA
8
10
12
14
16
18
20
22
24
26
28
30
32
34
36
0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
Recommend output voltage safe work range
Input voltage(V)
IOUT=2000mA
Figure7.Max output voltage(IOUT=1000mA) Figure8.Max output voltage(IOUT=2000mA)
8
10
12
14
16
18
20
22
24
26
28
30
32
34
36
0
2
4
6
8
10
12
14
16
18
20
22
24
Recommend output voltage safe work range
Input voltage(V)
IOUT=3000mA
8
10
12
14
16
18
20
22
24
26
28
30
32
34
36
0
2
4
6
8
10
12
14
16
18
Recommend output voltage safe work range
Input voltage(V)
IOUT=4000mA
Figure9.Max output voltage(IOUT=3000mA)
Figure10.Max output voltage(IOUT=4000mA)


Similar Part No. - XL3005E1

ManufacturerPart #DatasheetDescription
logo
XLSEMI
XL3005E1 XLSEMI-XL3005E1 Datasheet
391Kb / 15P
   5A 220KHz 36V Buck LED Constant Current Driver
More results

Similar Description - XL3005E1

ManufacturerPart #DatasheetDescription
logo
XLSEMI
XL3005 XLSEMI-XL3005 Datasheet
391Kb / 15P
   5A 220KHz 36V Buck LED Constant Current Driver
logo
List of Unclassifed Man...
XL3003 ETC2-XL3003 Datasheet
444Kb / 14P
   4A 220KHz 36V Buck LED Constant Current Driver
logo
XLSEMI
XL3001 XLSEMI-XL3001 Datasheet
379Kb / 13P
   3A 220KHz 40V Buck LED Constant Current Driver
logo
List of Unclassifed Man...
XL3001 ETC2-XL3001 Datasheet
338Kb / 13P
   3A 220KHz 40V Buck LED Constant Current Driver
logo
Shenzhen Huazhimei Semi...
HM4103 HMSEMI-HM4103 Datasheet
896Kb / 11P
   220KHz 36V 4A switch current step-down LED constant current driver
logo
Recom International Pow...
RCD-48 RECOM-RCD-48 Datasheet
114Kb / 4P
   Constant Current Buck LED Driver
RCDE-48 RECOM-RCDE-48 Datasheet
880Kb / 7P
   Constant Current Buck LED Driver
logo
Maxim Integrated Produc...
MAX6971 MAXIM-MAX6971_07 Datasheet
251Kb / 12P
   16-Port, 36V Constant-Current LED Driver
Rev 1; 10/07
MAX6971 MAXIM-MAX6971 Datasheet
304Kb / 12P
   16-Port, 36V Constant-Current LED Driver
Rev 0; 7/05
logo
Global Mixed-mode Techn...
G2605 GMT-G2605 Datasheet
80Kb / 1P
   High Efficiency, Constant Current 36V LED driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com