Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XL2596 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # XL2596
Description  3A 150KHz 40V Buck DC to DC Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

XL2596 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  XL2596 Datasheet HTML 1Page - List of Unclassifed Manufacturers XL2596 Datasheet HTML 2Page - List of Unclassifed Manufacturers XL2596 Datasheet HTML 3Page - List of Unclassifed Manufacturers XL2596 Datasheet HTML 4Page - List of Unclassifed Manufacturers XL2596 Datasheet HTML 5Page - List of Unclassifed Manufacturers XL2596 Datasheet HTML 6Page - List of Unclassifed Manufacturers XL2596 Datasheet HTML 7Page - List of Unclassifed Manufacturers XL2596 Datasheet HTML 8Page - List of Unclassifed Manufacturers XL2596 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Datasheet
3A 150KHz 40V Buck DC to DC Converter
XL2596
Rev 2.4
www.xlsemi.com
5
Absolute Maximum Ratings(Note1)
Parameter
Symbol
Value
Unit
Input Voltage
Vin
-0.3 to 45
V
Feedback Pin Voltage
VFB
-0.3 to Vin
V
ON/OFF Pin Voltage
VON/OFF
-0.3 to Vin
V
Output Switch Pin Voltage
VOutput
-0.3 to Vin
V
Power Dissipation
PD
Internally limited
mW
Thermal Resistance (TO220 & TO263)
(Junction to Ambient, No Heatsink, Free Air)
RJA
30
ºC/W
Operating Junction Temperature
TJ
-40 to 125
ºC
Storage Temperature
TSTG
-65 to 150
ºC
Lead Temperature (Soldering, 10 sec)
TLEAD
260
ºC
ESD (HBM)
2000
V
Note1: Stresses greater than those listed under Maximum Ratings may cause permanent damage
to the device. This is a stress rating only and functional operation of the device at these or any
other conditions above those indicated in the operation is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect reliability.


Similar Part No. - XL2596

ManufacturerPart #DatasheetDescription
logo
XLSEMI
XL2596 XLSEMI-XL2596 Datasheet
407Kb / 14P
   3A 150KHz 40V Buck DC to DC Converter
XL2596S-12E1 XLSEMI-XL2596S-12E1 Datasheet
407Kb / 14P
   3A 150KHz 40V Buck DC to DC Converter
XL2596S-3.3E1 XLSEMI-XL2596S-3.3E1 Datasheet
407Kb / 14P
   3A 150KHz 40V Buck DC to DC Converter
XL2596S-5.0E1 XLSEMI-XL2596S-5.0E1 Datasheet
407Kb / 14P
   3A 150KHz 40V Buck DC to DC Converter
XL2596S-ADJE1 XLSEMI-XL2596S-ADJE1 Datasheet
407Kb / 14P
   3A 150KHz 40V Buck DC to DC Converter
More results

Similar Description - XL2596

ManufacturerPart #DatasheetDescription
logo
XLSEMI
XL2596 XLSEMI-XL2596 Datasheet
407Kb / 14P
   3A 150KHz 40V Buck DC to DC Converter
XL1507 XLSEMI-XL1507 Datasheet
324Kb / 12P
   3A 150KHz 40V Buck DC to DC Converter
logo
List of Unclassifed Man...
XL1507 ETC2-XL1507 Datasheet
324Kb / 12P
   3A 150KHz 40V Buck DC to DC Converter
logo
Shenzhen Huazhimei Semi...
HM1507 HMSEMI-HM1507 Datasheet
465Kb / 13P
   3A 150KHz 40V Buck DC to DC Converter HM1507
logo
Taiwan Semiconductor Co...
TS2596 TSC-TS2596_13 Datasheet
272Kb / 9P
   3A / 150KHz Buck Dc-Dc Converter
logo
BCD Semiconductor Manuf...
AP3003 BCDSEMI-AP3003 Datasheet
258Kb / 16P
   150kHz 3A BUCK DC-DC CONVERTER
logo
List of Unclassifed Man...
XL1509 ETC2-XL1509 Datasheet
276Kb / 13P
   2A 150KHz 40V Buck DC to DC Converter
logo
Shenzhen Huazhimei Semi...
HM1509 HMSEMI-HM1509 Datasheet
324Kb / 13P
   2A 150KHz 40V Buck DC to DC Converter
logo
ACE Technology Co., LTD...
ACE2596 ACE-ACE2596 Datasheet
241Kb / 11P
   150KHz 3A Buck DC-DC Converter
VER 1.2
logo
Taiwan Semiconductor Co...
TS2596 TSC-TS2596_07 Datasheet
400Kb / 8P
   3A / 150KHz Buck Dc-Dc Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com