Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XL2013E1 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # XL2013E1
Description  5V/3.2A 150KHz 40V Buck DC to DC Converter For USB Interface
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

XL2013E1 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

  XL2013E1 Datasheet HTML 1Page - List of Unclassifed Manufacturers XL2013E1 Datasheet HTML 2Page - List of Unclassifed Manufacturers XL2013E1 Datasheet HTML 3Page - List of Unclassifed Manufacturers XL2013E1 Datasheet HTML 4Page - List of Unclassifed Manufacturers XL2013E1 Datasheet HTML 5Page - List of Unclassifed Manufacturers XL2013E1 Datasheet HTML 6Page - List of Unclassifed Manufacturers XL2013E1 Datasheet HTML 7Page - List of Unclassifed Manufacturers XL2013E1 Datasheet HTML 8Page - List of Unclassifed Manufacturers XL2013E1 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Datasheet
5V/3.2A 150KHz 40V Buck DC to DC Converter For USB Interface
XL2013
Rev 1.0
www.xlsemi.com
9
Package Information
TO252-5L


Similar Part No. - XL2013E1

ManufacturerPart #DatasheetDescription
logo
XLSEMI
XL2013E1 XLSEMI-XL2013E1 Datasheet
329Kb / 9P
   5V/3.2A 150KHz 40V Buck DC to DC Converter For USB Interface
More results

Similar Description - XL2013E1

ManufacturerPart #DatasheetDescription
logo
XLSEMI
XL2013 XLSEMI-XL2013 Datasheet
329Kb / 9P
   5V/3.2A 150KHz 40V Buck DC to DC Converter For USB Interface
logo
Shenzhen Huazhimei Semi...
HM3513 HMSEMI-HM3513 Datasheet
704Kb / 9P
   5V/3.2A 150KHz 40V Buck DC to DC Converter For USB Interface
logo
XLSEMI
XL2012 XLSEMI-XL2012 Datasheet
187Kb / 9P
   5V/2.4A 150KHz 40V Buck DC to DC Converter For USB Interface
logo
List of Unclassifed Man...
XL2012 ETC2-XL2012 Datasheet
242Kb / 9P
   5V/2.4A 150KHz 40V Buck DC to DC Converter For USB Interface
logo
Shenzhen Huazhimei Semi...
HM3512 HMSEMI-HM3512 Datasheet
587Kb / 9P
   5V/2.4A 150KHz 40V Buck DC to DC Converter For USB Interface HM3512
logo
XLSEMI
XL2011 XLSEMI-XL2011 Datasheet
186Kb / 9P
   5V/2.1A 150KHz 45V Buck DC to DC Converter For USB Interface
logo
List of Unclassifed Man...
XL2011 ETC2-XL2011 Datasheet
241Kb / 9P
   5V/2.1A 150KHz 45V Buck DC to DC Converter For USB Interface
XL2001 ETC2-XL2001 Datasheet
242Kb / 9P
   5V/1.8A 150KHz 45V Buck DC to DC Converter For USB Interface
logo
Shenzhen Huazhimei Semi...
HM3511 HMSEMI-HM3511 Datasheet
581Kb / 9P
   5V/2.1A 150KHz 45V Buck DC to DC Converter For USB Interface
HM3501 HMSEMI-HM3501 Datasheet
563Kb / 9P
   5V/1.8A 150KHz 45V Buck DC to DC Converter For USB Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com