Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XL1513E1 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # XL1513E1
Description  2A 380KHz 18V Buck DC to DC Converter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

XL1513E1 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

  XL1513E1 Datasheet HTML 1Page - List of Unclassifed Manufacturers XL1513E1 Datasheet HTML 2Page - List of Unclassifed Manufacturers XL1513E1 Datasheet HTML 3Page - List of Unclassifed Manufacturers XL1513E1 Datasheet HTML 4Page - List of Unclassifed Manufacturers XL1513E1 Datasheet HTML 5Page - List of Unclassifed Manufacturers XL1513E1 Datasheet HTML 6Page - List of Unclassifed Manufacturers XL1513E1 Datasheet HTML 7Page - List of Unclassifed Manufacturers XL1513E1 Datasheet HTML 8Page - List of Unclassifed Manufacturers XL1513E1 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Datasheet
2A 380KHz 18V Buck DC to DC Converter
XL1513
Rev 1.0
www.xlsemi.com
8
Typical System Application for 12V ~ 5V/2A Version
XL1513
CIN
220uf/35V
C1
105
R1
2K
R2
10.5K
CFF 33n
COUT
220uf/35V
D1 1N5821
L 33uh/2A
+12V
LOAD
4
7,8
2
5,6
1
GND
VIN
FB
SW
EN
ON
OFF
VOUT 5V/2A
12V ~ 5V/2A
VOUT=0.8*(1+R2/R1)
Figure6. XL1513 System Parameters Test Circuit (12V ~ 5V/2A)
Typical System Application for 12V ~ 3.3V/2A
XL1513
CIN
220uf/35V
C1
105
R1
2K
R2
6.25K
CFF 33n
COUT
220uf/35V
D1 1N5821
L 33uh/2A
+12V
LOAD
4
7,8
2
5,6
1
GND
VIN
FB
SW
EN
ON
OFF
VOUT 3.3V/2A
12V ~ 3.3V/2A
VOUT=0.8*(1+R2/R1)
Figure7. XL1513 System Parameters Test Circuit (12V ~ 3.3V/2A)


Similar Part No. - XL1513E1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XL1507 ETC2-XL1507 Datasheet
324Kb / 12P
   3A 150KHz 40V Buck DC to DC Converter
logo
XLSEMI
XL1507 XLSEMI-XL1507 Datasheet
324Kb / 12P
   3A 150KHz 40V Buck DC to DC Converter
logo
List of Unclassifed Man...
XL1507-5.0E1 ETC2-XL1507-5.0E1 Datasheet
324Kb / 12P
   3A 150KHz 40V Buck DC to DC Converter
logo
XLSEMI
XL1507-5.0E1 XLSEMI-XL1507-5.0E1 Datasheet
324Kb / 12P
   3A 150KHz 40V Buck DC to DC Converter
logo
List of Unclassifed Man...
XL1507-ADJE1 ETC2-XL1507-ADJE1 Datasheet
324Kb / 12P
   3A 150KHz 40V Buck DC to DC Converter
More results

Similar Description - XL1513E1

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM1513 HMSEMI-HM1513 Datasheet
325Kb / 9P
   2A 380KHz 18V Buck DC to DC Converter
logo
XLSEMI
XL1410 XLSEMI-XL1410 Datasheet
210Kb / 9P
   2A 380KHz 18V Buck DC to DC Converter
logo
Shenzhen Huazhimei Semi...
HM1410 HMSEMI-HM1410 Datasheet
749Kb / 9P
   2A 380KHz 18V Buck DC to DC Converter
logo
List of Unclassifed Man...
XL1410 ETC2-XL1410 Datasheet
259Kb / 9P
   2A 380KHz 18V Buck DC to DC Converter
XL1530 ETC2-XL1530 Datasheet
251Kb / 9P
   3A 380KHz 18V Buck DC to DC Converter
logo
XLSEMI
XL1530 XLSEMI-XL1530 Datasheet
187Kb / 9P
   3A 380KHz 18V Buck DC to DC Converter
logo
BCD Semiconductor Manuf...
AP3201A BCDSEMI-AP3201A Datasheet
448Kb / 11P
   380kHz, 2A Asynchronous DC-DC Buck Converter
AP3202 BCDSEMI-AP3202 Datasheet
556Kb / 11P
   380kHz, 2A Asynchronous DC-DC Buck Converter
logo
YOBON TECHNOLOGIES,INC.
YB1685 YOBON-YB1685 Datasheet
226Kb / 9P
   2A 380KHz 32V PWM Buck DC/DC Converter
logo
Shenzhen Huazhimei Semi...
HM1530 HMSEMI-HM1530 Datasheet
291Kb / 9P
   3A 380KHz 18V Buck DC to DC Converte
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com