Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XL1507-5.0E1 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # XL1507-5.0E1
Description  3A 150KHz 40V Buck DC to DC Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

XL1507-5.0E1 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  XL1507-5.0E1 Datasheet HTML 1Page - List of Unclassifed Manufacturers XL1507-5.0E1 Datasheet HTML 2Page - List of Unclassifed Manufacturers XL1507-5.0E1 Datasheet HTML 3Page - List of Unclassifed Manufacturers XL1507-5.0E1 Datasheet HTML 4Page - List of Unclassifed Manufacturers XL1507-5.0E1 Datasheet HTML 5Page - List of Unclassifed Manufacturers XL1507-5.0E1 Datasheet HTML 6Page - List of Unclassifed Manufacturers XL1507-5.0E1 Datasheet HTML 7Page - List of Unclassifed Manufacturers XL1507-5.0E1 Datasheet HTML 8Page - List of Unclassifed Manufacturers XL1507-5.0E1 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Datasheet
3A 150KHz 40V Buck DC to DC Converter
XL1507
Rev 2.0
www.xlsemi.com
2
Pin Configurations (TO252-5L)
Figure2. Pin Configuration of XL1507 (Top View)
Table 1 Pin Description
Pin Number
Pin Name
Description
1
VIN
Supply Voltage Input Pin. XL1507 operates from a 4.5V to
40V DC voltage. Bypass Vin to GND with a suitably large
capacitor to eliminate noise on the input.
2
OUTPUT
Power Switch Output Pin (SW). Output is the switch node that
supplies power to the output.
3
GND
Ground Pin. Care must be taken in layout. This pin should be
placed outside of the Schottky Diode to output capacitor
ground path to prevent switching current spikes from inducing
voltage noise into XL1507.
4
FEEDBACK
Feedback Pin (FB). Through an external resistor divider
network, Feedback senses the output voltage and regulates it.
The feedback threshold voltage is 1.23V.
5
ON/OFF
Enable Pin. Drive ON/OFF pin low to turn on the device, drive
it high to turn it off. Floating is default low.


Similar Part No. - XL1507-5.0E1

ManufacturerPart #DatasheetDescription
logo
XLSEMI
XL1507-5.0E1 XLSEMI-XL1507-5.0E1 Datasheet
324Kb / 12P
   3A 150KHz 40V Buck DC to DC Converter
More results

Similar Description - XL1507-5.0E1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XL2596 ETC2-XL2596 Datasheet
407Kb / 14P
   3A 150KHz 40V Buck DC to DC Converter
logo
XLSEMI
XL2596 XLSEMI-XL2596 Datasheet
407Kb / 14P
   3A 150KHz 40V Buck DC to DC Converter
XL1507 XLSEMI-XL1507 Datasheet
324Kb / 12P
   3A 150KHz 40V Buck DC to DC Converter
logo
Shenzhen Huazhimei Semi...
HM1507 HMSEMI-HM1507 Datasheet
465Kb / 13P
   3A 150KHz 40V Buck DC to DC Converter HM1507
logo
Taiwan Semiconductor Co...
TS2596 TSC-TS2596_13 Datasheet
272Kb / 9P
   3A / 150KHz Buck Dc-Dc Converter
logo
BCD Semiconductor Manuf...
AP3003 BCDSEMI-AP3003 Datasheet
258Kb / 16P
   150kHz 3A BUCK DC-DC CONVERTER
logo
List of Unclassifed Man...
XL1509 ETC2-XL1509 Datasheet
276Kb / 13P
   2A 150KHz 40V Buck DC to DC Converter
logo
Shenzhen Huazhimei Semi...
HM1509 HMSEMI-HM1509 Datasheet
324Kb / 13P
   2A 150KHz 40V Buck DC to DC Converter
logo
ACE Technology Co., LTD...
ACE2596 ACE-ACE2596 Datasheet
241Kb / 11P
   150KHz 3A Buck DC-DC Converter
VER 1.2
logo
Taiwan Semiconductor Co...
TS2596 TSC-TS2596_07 Datasheet
400Kb / 8P
   3A / 150KHz Buck Dc-Dc Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com