Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ENA1007 Datasheet(PDF) 1 Page - ON Semiconductor

Part # ENA1007
Description  8-bit 1-chip Microcontroller
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ENA1007 Datasheet(HTML) 1 Page - ON Semiconductor

  ENA1007 Datasheet HTML 1Page - ON Semiconductor ENA1007 Datasheet HTML 2Page - ON Semiconductor ENA1007 Datasheet HTML 3Page - ON Semiconductor ENA1007 Datasheet HTML 4Page - ON Semiconductor ENA1007 Datasheet HTML 5Page - ON Semiconductor ENA1007 Datasheet HTML 6Page - ON Semiconductor ENA1007 Datasheet HTML 7Page - ON Semiconductor ENA1007 Datasheet HTML 8Page - ON Semiconductor ENA1007 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
30508HKIM 20071127-S00004 No.A1007-1/19
Semiconductor Components Industries, LLC, 2013
May, 2013
Ver.1.21
http://onsemi.com
LC87F6D64A
Overview
The LC87F6D64A is 8-bit microcomputer with the following on-chip functional blocks:
• CPU: operable at a minimum bus cycle time of 100ns
• 64K-byte flash ROM (re-writeable on board/On-chip debugger)
• On-chip RAM: 2048 byte
• VFD automatic display controller/driver
• 16-bit timer/counter (can be divided into two 8-bit timers)
• two 8-bit timer with prescaler
• timer for use as date/time clock
• Day-Minute-Second Counter (DMSC)
• System clock divider function
• Synchronous serial I/O port (with automatic block transmit /receive function)
• Asynchronous/synchronous serial I/O port
• Remote control receive function
• 8-channel×8-bit AD converter
• 14-source 10-vectored interrupt system
All of the above functions are fabricated on a single chip.
Features
Flash ROM
• Single 5V power supply, writeable on-board.
• Block erase in 128 byte units
• 65536 × 8 bits
RAM
• 2048 × 9 bits
Ordering number : ENA1007
CMOS IC
FROM 64K byte, RAM 2048 byte on-chip
8-bit 1-chip Microcontroller
* This product is licensed from Silicon Storage Technology, Inc. (USA).


Similar Part No. - ENA1007

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
ENA1000 SANYO-ENA1000 Datasheet
58Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
ENA1000A SANYO-ENA1000A Datasheet
211Kb / 7P
   General-Purpose Switching Device Applications
ENA1001A SANYO-ENA1001A Datasheet
59Kb / 4P
   PN type Photo Diode For Optical Disk Blue-purple Laser Diode monitors
ENA1003 SANYO-ENA1003 Datasheet
176Kb / 14P
   Bi-CMOS IC FM Tuner IC for Small Portable Equipment
More results

Similar Description - ENA1007

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ENA1384B ONSEMI-ENA1384B Datasheet
269Kb / 30P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.20
ENA1455A ONSEMI-ENA1455A Datasheet
198Kb / 27P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.02
ENA1869A ONSEMI-ENA1869A Datasheet
242Kb / 26P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
ENA1898A ONSEMI-ENA1898A Datasheet
177Kb / 27P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00a
ENA1955 ONSEMI-ENA1955 Datasheet
202Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
ENA1956A ONSEMI-ENA1956A Datasheet
202Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.03
ENA2304 ONSEMI-ENA2304 Datasheet
302Kb / 31P
   8-bit 1-chip Microcontroller
March, 2014 Ver. 1.01
EN8298B ONSEMI-EN8298B Datasheet
167Kb / 23P
   8-bit 1-chip Microcontroller
May, 2013 Ver.3.00
ENA0664 ONSEMI-ENA0664 Datasheet
186Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.01
ENA0886 ONSEMI-ENA0886 Datasheet
204Kb / 29P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
logo
Sanyo Semicon Device
LC87F5VP6A SANYO-LC87F5VP6A Datasheet
168Kb / 27P
   8-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com