Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ENA1007 Datasheet(PDF) 7 Page - ON Semiconductor

Part # ENA1007
Description  8-bit 1-chip Microcontroller
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ENA1007 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button ENA1007 Datasheet HTML 3Page - ON Semiconductor ENA1007 Datasheet HTML 4Page - ON Semiconductor ENA1007 Datasheet HTML 5Page - ON Semiconductor ENA1007 Datasheet HTML 6Page - ON Semiconductor ENA1007 Datasheet HTML 7Page - ON Semiconductor ENA1007 Datasheet HTML 8Page - ON Semiconductor ENA1007 Datasheet HTML 9Page - ON Semiconductor ENA1007 Datasheet HTML 10Page - ON Semiconductor ENA1007 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
LC87F6D64A
No.A1007-7/19
Pin Description
Pin name
I/O
Function
Option
VSS1
-
• Power supply (-)
No
VDD1
VDD2
VDD3
-
• Power supply (+)
No
VP
-
• VFD Power supply (-)
No
PORT0
I/O
• 8bit input/output port
• Data direction programmable in nibble units
• Use of pull-up resistor can be specified in nibble units
• Input for HOLD release
• Input for port 0 interrupt
• Other functions
P04: clock output (system clock/can selected from sub clock)
On-chip debugger pins: DBGP0 to DBGP2 (P05 to P07)
Yes
P00 to P07
PORT1
I/O
• 8bit input/output port
• Data direction programmable for each bit
• Use of pull-up resistor can be specified for each bit
• Other pin functions
P10: SIO0 data output
P11: SIO0 data input/bus input/output
P12: SIO0 clock input/output
P13: SIO1 data output
P14: SIO1 data input/bus input/output
P15: SIO1 clock input/output
P16: INT2
P17: INT3/Buzzer output
The following types of interrupt detection are possible:
Rising
Falling
Rising/
Falling
H level
L level
INT2
enable
enable
enable
disable
disable
INT3
enable
enable
enable
disable
disable
Yes
P10 to P17
PORT7
• 2bit input/output port
• Data direction can be specified for each bit
• Use of pull-up resistor can be specified for each bit
• Other functions
P70: INT0 input/HOLD release input/Timer 0L capture input/
output for watchdog timer/Remote control receiver input
P71: INT1 input/HOLD release input/Timer 0H capture input
The following types of interrupt detection are possible:
Rising
Falling
Rising/
Falling
H level
L level
INT0
enable
enable
disable
enable
enable
INT1
enable
enable
disable
enable
enable
P70 to P71
S0/T0 to S8/T8
O
• Large current output for VFD display controller digit (can be used for segment)
No
S9/T9 to S15/T15
O
• Large current output for VFD display controller segment/digit
No
S16 to S53
O
• Output for VFD display controller segment
No
RES
I
Reset terminal
No
CF1/XT1
I
<ceramic oscillator selected>
• Input terminal for ceramic oscillator
< crystal oscillator selected>
• Input for 32.768kHz crystal oscillation
When not in use, connect to VDD1.
No
CF2/XT2
O
<ceramic oscillator selected>
• Output terminal for ceramic oscillator
< crystal oscillator selected>
• Output for 32.768kHz crystal oscillation
When not in use, set to oscillation mode and leave open circuit.
No


Similar Part No. - ENA1007

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
ENA1000 SANYO-ENA1000 Datasheet
58Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
ENA1000A SANYO-ENA1000A Datasheet
211Kb / 7P
   General-Purpose Switching Device Applications
ENA1001A SANYO-ENA1001A Datasheet
59Kb / 4P
   PN type Photo Diode For Optical Disk Blue-purple Laser Diode monitors
ENA1003 SANYO-ENA1003 Datasheet
176Kb / 14P
   Bi-CMOS IC FM Tuner IC for Small Portable Equipment
More results

Similar Description - ENA1007

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ENA1384B ONSEMI-ENA1384B Datasheet
269Kb / 30P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.20
ENA1455A ONSEMI-ENA1455A Datasheet
198Kb / 27P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.02
ENA1869A ONSEMI-ENA1869A Datasheet
242Kb / 26P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
ENA1898A ONSEMI-ENA1898A Datasheet
177Kb / 27P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00a
ENA1955 ONSEMI-ENA1955 Datasheet
202Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
ENA1956A ONSEMI-ENA1956A Datasheet
202Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.03
ENA2304 ONSEMI-ENA2304 Datasheet
302Kb / 31P
   8-bit 1-chip Microcontroller
March, 2014 Ver. 1.01
EN8298B ONSEMI-EN8298B Datasheet
167Kb / 23P
   8-bit 1-chip Microcontroller
May, 2013 Ver.3.00
ENA0664 ONSEMI-ENA0664 Datasheet
186Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.01
ENA0886 ONSEMI-ENA0886 Datasheet
204Kb / 29P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
logo
Sanyo Semicon Device
LC87F5VP6A SANYO-LC87F5VP6A Datasheet
168Kb / 27P
   8-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com