Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ENA0858 Datasheet(PDF) 6 Page - ON Semiconductor

Part # ENA0858
Description  8-bit 1-chip Microcontroller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ENA0858 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button ENA0858 Datasheet HTML 2Page - ON Semiconductor ENA0858 Datasheet HTML 3Page - ON Semiconductor ENA0858 Datasheet HTML 4Page - ON Semiconductor ENA0858 Datasheet HTML 5Page - ON Semiconductor ENA0858 Datasheet HTML 6Page - ON Semiconductor ENA0858 Datasheet HTML 7Page - ON Semiconductor ENA0858 Datasheet HTML 8Page - ON Semiconductor ENA0858 Datasheet HTML 9Page - ON Semiconductor ENA0858 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
LC87F76C8A
No.A0858-6/24
Package Dimensions
Package Dimensions
unit : mm (typ)
unit : mm (typ)
3255
3290
Pin Assignment
*When using UART, set P0LDDR (PODDR: Bit0) to “0”
SANYO: QFP80(14
×14)
“Lead-free Type”
SANYO: TQFP80J(12
×12) “Lead-free Type”
VSS2
VDD2
S14/PB6
S13/PB5
S12/PB4
S11/PB3
S10/PB2
S9/PB1
S8/PB0
S7/PA7
S6/PA6
S5/PA5
S4/PA4
S3/PA3
S2/PA2
S1/PA1
S0/PA0
P73/INT3/T0IN/RMIN
P72/INT2/T0IN/NKIN
P71/INT1/T0HCP/AN9
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
COM0/PL0
COM1/PL1
COM2/PL2
COM3/PL3
P30/ PWM4
VSS3
VDD3
P31/ PWM5
P00/UTX1*
P01/URX1*
P02
P03
P04
P05/CKO
P06/T6O
P07/T7O
P10/SO0
P11/SI0/SB0
P12/SCK0
P13/SO1
61
62
63
64
65
66
67
68
69
70
71
72
73
74
75
76
77
78
79
80
LC87F76C8A
Top view
SANYO : QFP80(14X14)
14.0
17.2
0.15
0.25
0.65
(0.83)
1
20
21
40
41
60
80
61
120
21
40
41
60
80
61
(1.25)
0.2
0.5
0.125
12.0
14.0
SANYO : TQFP80J(12X12)


Similar Part No. - ENA0858

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ENA0858 ONSEMI-ENA0858 Datasheet
187Kb / 24P
   8-bit 1-chip Microcontroller
May, 2013 Ver.0.09
More results

Similar Description - ENA0858

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ENA1384B ONSEMI-ENA1384B Datasheet
269Kb / 30P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.20
ENA1455A ONSEMI-ENA1455A Datasheet
198Kb / 27P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.02
ENA1869A ONSEMI-ENA1869A Datasheet
242Kb / 26P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
ENA1898A ONSEMI-ENA1898A Datasheet
177Kb / 27P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00a
ENA1955 ONSEMI-ENA1955 Datasheet
202Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
ENA1956A ONSEMI-ENA1956A Datasheet
202Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.03
ENA2304 ONSEMI-ENA2304 Datasheet
302Kb / 31P
   8-bit 1-chip Microcontroller
March, 2014 Ver. 1.01
EN8298B ONSEMI-EN8298B Datasheet
167Kb / 23P
   8-bit 1-chip Microcontroller
May, 2013 Ver.3.00
ENA0664 ONSEMI-ENA0664 Datasheet
186Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.01
ENA0886 ONSEMI-ENA0886 Datasheet
204Kb / 29P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
logo
Sanyo Semicon Device
LC87F5VP6A SANYO-LC87F5VP6A Datasheet
168Kb / 27P
   8-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com