Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS8128 Datasheet(PDF) 6 Page - ON Semiconductor

Part # CS8128
Description  5V Linear Controller/Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS8128 Datasheet(HTML) 6 Page - ON Semiconductor

  CS8128 Datasheet HTML 1Page - ON Semiconductor CS8128 Datasheet HTML 2Page - ON Semiconductor CS8128 Datasheet HTML 3Page - ON Semiconductor CS8128 Datasheet HTML 4Page - ON Semiconductor CS8128 Datasheet HTML 5Page - ON Semiconductor CS8128 Datasheet HTML 6Page - ON Semiconductor CS8128 Datasheet HTML 7Page - ON Semiconductor CS8128 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Part Number
Description
CS8128YD8
8 Lead SO Narrow
CS8128YDR8
8 Lead SO Narrow (tape & reel)
D
Lead Count
Metric
English
Max
Min
Max
Min
8 Lead SO Narrow
5.00
4.80
.197
.189
6
Thermal Data
8 Lead
SO Narrow
R
Θ
JC
typ
45
°C/W
R
Θ
JA
typ
165
°C/W
Package Specification
PACKAGE DIMENSIONS IN mm (INCHES)
Ordering Information
PACKAGE THERMAL DATA
ON Semiconductor and the ON Logo are trademarks of
Semiconductor Components Industries, LLC (SCILLC). ON
Semiconductor reserves the right to make changes without
further notice to any products herein. For additional infor-
mation and the latest available information, please contact
your local ON Semiconductor representative.
© Semiconductor Components Industries, LLC, 2000
Surface Mount Narrow Body (D); 150 mil wide
1.27 (.050) BSC
0.51 (.020)
0.33 (.013)
6.20 (.244)
5.80 (.228)
4.00 (.157)
3.80 (.150)
1.57 (.062)
1.37 (.054)
D
0.25 (0.10)
0.10 (.004)
1.75 (.069) MAX
1.27 (.050)
0.40 (.016)
REF: JEDEC MS-012
0.25 (.010)
0.19 (.008)


Similar Part No. - CS8128

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS8128 CHERRY-CS8128 Datasheet
166Kb / 6P
   5V Linear Controller/Driver
CS8128YD8 CHERRY-CS8128YD8 Datasheet
166Kb / 6P
   5V Linear Controller/Driver
CS8128YDR8 CHERRY-CS8128YDR8 Datasheet
166Kb / 6P
   5V Linear Controller/Driver
CS8128YN8 CHERRY-CS8128YN8 Datasheet
166Kb / 6P
   5V Linear Controller/Driver
More results

Similar Description - CS8128

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS8127 ONSEMI-CS8127 Datasheet
73Kb / 8P
   5V Linear Controller/Driver
December, 2001 - Rev. 3
logo
Cherry Semiconductor Co...
CS8127 CHERRY-CS8127 Datasheet
163Kb / 6P
   5V Linear Controller/Driver
CS8128 CHERRY-CS8128 Datasheet
166Kb / 6P
   5V Linear Controller/Driver
logo
Diodes Incorporated
AL8400 DIODES-AL8400 Datasheet
252Kb / 12P
   0.2V LINEAR LED DRIVER CONTROLLER
DS35115 Rev. 1 - 2
logo
TriQuint Semiconductor
AH314 TRIQUINT-AH314_15 Datasheet
406Kb / 9P
   2.3-2.9 GHz 2W 5V Linear Driver Amplifier
logo
ON Semiconductor
CS8121 ONSEMI-CS8121 Datasheet
102Kb / 8P
   5V, 1A Linear Regulator
December, 2001 - Rev. 7
logo
Diodes Incorporated
AL1771 DIODES-AL1771 Datasheet
622Kb / 24P
   PFC CONTROLLER SINGLE/DUAL DIMMABLE LINEAR LED DRIVER
logo
Richtek Technology Corp...
RT9218 RICHTEK-RT9218 Datasheet
403Kb / 18P
   5V/12V Synchronous Buck PWM DC-DC and Linear Power Controller
RT9212 RICHTEK-RT9212 Datasheet
300Kb / 14P
   Dual 5V Synchronous Buck PWM DC-DC and Linear Power Controller
logo
M/A-COM Technology Solu...
MADR-007098-000100 MA-COM-MADR-007098-000100_15 Datasheet
69Kb / 4P
   Linear Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com