Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADP3207A Datasheet(PDF) 16 Page - ON Semiconductor

Part # ADP3207A
Description  CPU Synchronous Buck Controller
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADP3207A Datasheet(HTML) 16 Page - ON Semiconductor

Back Button ADP3207A Datasheet HTML 12Page - ON Semiconductor ADP3207A Datasheet HTML 13Page - ON Semiconductor ADP3207A Datasheet HTML 14Page - ON Semiconductor ADP3207A Datasheet HTML 15Page - ON Semiconductor ADP3207A Datasheet HTML 16Page - ON Semiconductor ADP3207A Datasheet HTML 17Page - ON Semiconductor ADP3207A Datasheet HTML 18Page - ON Semiconductor ADP3207A Datasheet HTML 19Page - ON Semiconductor ADP3207A Datasheet HTML 20Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
ADP3207A
Rev.1 | Page 16 of 28 | www.onsemi.com
function alive even after OVP latch-off. During OVP latch-off,
if the CSREF pin voltage drops below −300mV, then all low-side
MOSFETs are turned off by setting both DCM and OD low. The
DCM pin and the OD pin are set high again when CSREF
voltage recovers above −100 mV.
OUTPUT ENABLE AND UVLO
The VCC supply voltage to the controller must be higher than
the UVLO upper threshold, and the EN pin must be higher
than its logic threshold so the ADP3207A can begin switching.
If the VCC voltage is less than the UVLO threshold, or the EN
pin is logic low, then the ADP3207A is in shutdown. In shutdown,
the controller holds the PWM outputs at ground, shorts the SS
pin capacitor to ground, and drives DCM and OD pins low.
Proper power supply sequencing during start-up and shutdown
of the ADP3207A must be adhered to. All input pins must be at
ground prior to applying or removing VCC. All output pins
should be left in high impedance state while VCC is off.
THERMAL THROTTLING CONTROL
The ADP3207A includes a thermal monitoring circuit to detect
if the temperature of the variable resistor (VR) has exceeded a
user-defined thermal throttling threshold. The thermal monitoring
circuit requires an external resistor divider connected between
the VCC pin and GND. The divider consists of an NTC
thermistor and a resistor. To generate a voltage that is
proportional to temperature, the midpoint of the divider is
connected to the TTSENSE pin. Whenever the temperature
trips the set alarm threshold, an internal comparator circuit
compares the TTSENSE voltage to a half VCC threshold and
outputs a logic level signal at the VRTT output. The VRTT
output is designed to drive an external transistor that, in turn,
provides the high current, open-drain VRTT signal that is
required by the IMVP-6 specification. When the temperature is
around the set alarm point, the internal VRTT comparator has a
hysteresis of about 100 mV to prevent high frequency oscillation of
VRTT. The TTSENSE pin also serves the function of disabling
OVP. In extreme heat, users should make sure that the TTSENSE
pin voltage remains above 1 V if OVP is desired.
POWER MONITOR OUTPUT
The ADP3207A provides power monitoring signal on its
PMON pin. The PMON output is a PWM signal at about
300 kHz frequency. The magnitude of the PMON PWM
signal is twice the voltage of CSREF pin, and the duty cycle
of the PMON PWM is proportional to the total inductor
current. Therefore, after the RC filter, the averaged PMON
signal is proportional to the total output power. See the
Application Information section for the signal size.
Table 6. VID Code Table
VID6
VID5
VID4
VID3
VID2
VID1
VID0
Output (V)
0
0
0
0
0
0
0
1.5000
0
0
0
0
0
0
1
1.4875
0
0
0
0
0
1
0
1.4750
0
0
0
0
0
1
1
1.4625
0
0
0
0
1
0
0
1.4500
0
0
0
0
1
0
1
1.4375
0
0
0
0
1
1
0
1.4250
0
0
0
0
1
1
1
1.4125
0
0
0
1
0
0
0
1.4000
0
0
0
1
0
0
1
1.3875
0
0
0
1
0
1
0
1.3750
0
0
0
1
0
1
1
1.3625
0
0
0
1
1
0
0
1.3500
0
0
0
1
1
0
1
1.3375
0
0
0
1
1
1
0
1.3250
0
0
0
1
1
1
1
1.3125
0
0
1
0
0
0
0
1.3000
0
0
1
0
0
0
1
1.2875
0
0
1
0
0
1
0
1.2750
0
0
1
0
0
1
1
1.2625
0
0
1
0
1
0
0
1.2500
0
0
1
0
1
0
1
1.2375
0
0
1
0
1
1
0
1.2250
VID6
VID5
VID4
VID3
VID2
VID1
VID0
Output (V)
0
0
1
0
1
1
1
1.2125
0
0
1
1
0
0
0
1.2000
0
0
1
1
0
0
1
1.1875
0
0
1
1
0
1
0
1.1750
0
0
1
1
0
1
1
1.1625
0
0
1
1
1
0
0
1.1500
0
0
1
1
1
0
1
1.1375
0
0
1
1
1
1
0
1.1250
0
0
1
1
1
1
1
1.1125
0
1
0
0
0
0
0
1.1000
0
1
0
0
0
0
1
1.0875
0
1
0
0
0
1
0
1.0750
0
1
0
0
0
1
1
1.0625
0
1
0
0
1
0
0
1.0500
0
1
0
0
1
0
1
1.0375
0
1
0
0
1
1
0
1.0250
0
1
0
0
1
1
1
1.0125
0
1
0
1
0
0
0
1.0000
0
1
0
1
0
0
1
0.9875
0
1
0
1
0
1
0
0.9750
0
1
0
1
0
1
1
0.9625
0
1
0
1
1
0
0
0.9500
0
1
0
1
1
0
1
0.9375


Similar Part No. - ADP3207A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ADP3207 ONSEMI-ADP3207 Datasheet
398Kb / 29P
   CPU Synchronous Buck Controller
February 2008 ??Rev. 1
ADP3207C ONSEMI-ADP3207C Datasheet
531Kb / 32P
   7-Bit Programmable, Multi-Phase Mobile, CPU Synchronous Buck Controller
December, 2009 ??Rev. 0
ADP3207CFJCPZ-RL ONSEMI-ADP3207CFJCPZ-RL Datasheet
531Kb / 32P
   7-Bit Programmable, Multi-Phase Mobile, CPU Synchronous Buck Controller
December, 2009 ??Rev. 0
ADP3207CJCPZ-RL ONSEMI-ADP3207CJCPZ-RL Datasheet
531Kb / 32P
   7-Bit Programmable, Multi-Phase Mobile, CPU Synchronous Buck Controller
December, 2009 ??Rev. 0
ADP3207D ONSEMI-ADP3207D Datasheet
494Kb / 32P
   7-Bit Programmable, Multi-Phase Mobile, CPU Synchronous Buck
December, 2009 ??Rev. 0
More results

Similar Description - ADP3207A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ADP3207 ONSEMI-ADP3207 Datasheet
398Kb / 29P
   CPU Synchronous Buck Controller
February 2008 ??Rev. 1
logo
Cherry Semiconductor Co...
CS5157 CHERRY-CS5157 Datasheet
316Kb / 14P
   CPU 5-Bit Synchronous Buck Controller
logo
ON Semiconductor
CS5161 ONSEMI-CS5161 Datasheet
589Kb / 18P
   CPU 5?묪it Synchronous Buck Controller
July, 2006 ??Rev. 12
CS5165H ONSEMI-CS5165H Datasheet
722Kb / 21P
   5?묪it Synchronous CPU Buck Controller
July, 2006 ??Rev. 5
logo
Cherry Semiconductor Co...
CS5150 CHERRY-CS5150 Datasheet
236Kb / 14P
   CPU 4-Bit Synchronous Buck Controller
CS5155H CHERRY-CS5155H Datasheet
238Kb / 14P
   CPU 5-Bit Synchronous Buck Controller
CS5150H CHERRY-CS5150H Datasheet
322Kb / 14P
   CPU 4-Bit Synchronous Buck Controller
logo
ON Semiconductor
CS5150 ONSEMI-CS5150 Datasheet
631Kb / 18P
   CPU 4?묪it Synchronous Buck Controller
July, 2006 ??Rev. 5
CS5157H ONSEMI-CS5157H Datasheet
432Kb / 16P
   CPU 5?묪it Synchronous Buck Controller
October, 2005 ??Rev. 7
CS5155H ONSEMI-CS5155H Datasheet
623Kb / 17P
   CPU 5?묪it Synchronous Buck Controller
July, 2006 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com