Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADP3207 Datasheet(PDF) 10 Page - ON Semiconductor

Part No. ADP3207
Description  CPU Synchronous Buck Controller
Download  29 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

ADP3207 Datasheet(HTML) 10 Page - ON Semiconductor

Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
ADP3207
Rev. 1 | Page 10 of 29 | www.onsemi.com
TYPICAL PERFORMANCE CHARACTERISTICS
100
200
VID = 1.2875V
VID = 1.1500V
VID = 0.8375V
2500
2000
1500
1000
0
500
0
300
400
500
600
RT (kΩ)
Figure 6. Master Clock Frequency vs. RT
150
200
250
300
350
400
0.2
0.4
0.6
0.8
1.0
1.2
1.4
VID (V)
0
Figure 7. Master Clock vs. VID
3-PHASE PSI = HIGH
2-PHASE PSI = LOW
3-PHASE PSI = LOW
RLIMIT (kΩ)
0
50
100
150
200
250
100
200
300
400
500
600
700
800
900
1000
Figure 8. Current-Limit Threshold Voltage vs. RLIMIT


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn