Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADP3207 Datasheet(PDF) 7 Page - ON Semiconductor

Part No. ADP3207
Description  CPU Synchronous Buck Controller
Download  29 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

ADP3207 Datasheet(HTML) 7 Page - ON Semiconductor

Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
ADP3207
Rev. 1 | Page 7 of 29 | www.onsemi.com
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
VCC
–0.3 V to +6 V
FBRTN
–0.3 V to +0.3 V
SW1 to SW3
−10 V to +25 V
RAMPADJ (In Shutdown)
–0.3 V to +25 V
All Other Inputs and Outputs
–0.3 V to VCC + 0.3 V
Storage Temperature
–65°C to +150°C
Operating Ambient Temperature Range
0°C to 100°C
Operating Junction Temperature
125°C
Thermal Impedance (
θJA)
98°C/W
Lead Temperature
Soldering (10 sec)
300°C
Infrared (15 sec)
260°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
Absolute maximum ratings apply individually only, not in
combination. Unless otherwise specified, all other voltages are
referenced to GND.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the
human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn