Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS542941 Datasheet(PDF) 5 Page - Texas Instruments

Part # TPS542941
Description  2A/3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS542941 Datasheet(HTML) 5 Page - Texas Instruments

  TPS542941_15 Datasheet HTML 1Page - Texas Instruments TPS542941_15 Datasheet HTML 2Page - Texas Instruments TPS542941_15 Datasheet HTML 3Page - Texas Instruments TPS542941_15 Datasheet HTML 4Page - Texas Instruments TPS542941_15 Datasheet HTML 5Page - Texas Instruments TPS542941_15 Datasheet HTML 6Page - Texas Instruments TPS542941_15 Datasheet HTML 7Page - Texas Instruments TPS542941_15 Datasheet HTML 8Page - Texas Instruments TPS542941_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
SW1
VIN1
VBST 1
EN1
VFB2
VFB1
GND
VREG5
PGND1
6
VIN2
VBST2
EN2
SW 2
PG1
5
1
3
PG2
9
10
11
PGND 2
2
4
7
13
12
14
8
15
16
TPS542941
HTSSOP16
(PowerPAD)
PowerPAD
VFB1
VFB2
VIN1
VBST2
VBST1
14
7
5
6
2
3
4
1
VIN2
13
12
11
9
8
10
GND
16
15
VREG5
TPS542941
www.ti.com
SLVSBI3B – JULY 2012 – REVISED OCTOBER 2013
DEVICE INFORMATION
HTSSOP PACKAGE
RSA PACKAGE
(TOP VIEW)
(TOP VIEW)
PIN FUNCTIONS(1)
PIN
NUMBER
I/O
DESCRIPTION
NAME
PWP
RSA
VIN1
1
3
Power inputs and connects to both high side NFET drains.
I
Supply Input for 5.5V linear regulator.
VIN2
16
2
VBST1
2
4
Supply input for high-side NFET gate drive circuit. Connect 0.1µF ceramic capacitor
I
between VBSTx and SWx pins. An internal diode is connected between VREG5 and
VBST2
15
1
VBSTx
SW1
3
5
Switch node connections for both the high-side NFETs and low–side NFETs. Input of
I/O
current comparator.
SW2
14
16
PGND1
4
6
I/O
Ground returns for low-side MOSFETs. Input of current comparator.
PGND2
13
15
EN1
5
7
I
Enable. Pull High to enable according converter.
EN2
12
14
PG1
6
Open drain power good outputs. Low indicates the corresponding output voltage is out of
O
regulation.
PG2
11
VFB1
7
9
I
D-CAP2 feedback inputs. Connect to output voltage with resistor divider.
VFB2
10
12
GND
8
10
I/O
Signal GND. Connect sensitive VFBx returns to GND at a single point.
Output of 5.5V linear regulator. Bypass to GND with a high-quality ceramic capacitor of at
VREG5
9
11
O
least 1.0 µF. VREG5 is active when VIN1 is high.
Back
Back
Thermal pad of the package. Must be soldered to achieve appropriate dissipation. Must
PowerPAD™
I/O
side
side
be connected to GND.
(1)
x means either 1 or 2, that is, VFBx means VFB1 or VFB2.
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TPS542941


Similar Part No. - TPS542941_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS542941 TI1-TPS542941_16 Datasheet
1Mb / 29P
[Old version datasheet]   2A/3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
More results

Similar Description - TPS542941_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS542941 TI1-TPS542941_16 Datasheet
1Mb / 29P
[Old version datasheet]   2A/3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS542951 TI1-TPS542951_16 Datasheet
1Mb / 29P
[Old version datasheet]   2A/3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS542951 TI-TPS542951_15 Datasheet
1Mb / 29P
[Old version datasheet]   2A/3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS542951 TI1-TPS542951 Datasheet
900Kb / 23P
[Old version datasheet]   2A/3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS542941 TI1-TPS542941 Datasheet
898Kb / 23P
[Old version datasheet]   2A/3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS54294 TI1-TPS54294_16 Datasheet
1Mb / 30P
[Old version datasheet]   2A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS54295 TI-TPS54295_15 Datasheet
1Mb / 30P
[Old version datasheet]   2A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS54294 TI-TPS54294_15 Datasheet
1Mb / 30P
[Old version datasheet]   2A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS54394 TI1-TPS54394 Datasheet
1Mb / 23P
[Old version datasheet]   3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS54394 TI1-TPS54394_16 Datasheet
1Mb / 28P
[Old version datasheet]   3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com