Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UA78L12ACLPE3 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # UA78L12ACLPE3
Description  關A78L00 Series Positive-Voltage Regulators
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UA78L12ACLPE3 Datasheet(HTML) 7 Page - Texas Instruments

Back Button UA78L12ACLPE3 Datasheet HTML 3Page - Texas Instruments UA78L12ACLPE3 Datasheet HTML 4Page - Texas Instruments UA78L12ACLPE3 Datasheet HTML 5Page - Texas Instruments UA78L12ACLPE3 Datasheet HTML 6Page - Texas Instruments UA78L12ACLPE3 Datasheet HTML 7Page - Texas Instruments UA78L12ACLPE3 Datasheet HTML 8Page - Texas Instruments UA78L12ACLPE3 Datasheet HTML 9Page - Texas Instruments UA78L12ACLPE3 Datasheet HTML 10Page - Texas Instruments UA78L12ACLPE3 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
μA78L00
www.ti.com
SLVS010U – JANUARY 1976 – REVISED MAY 2011
uA78L12 Electrical Characteristics
at specified virtual junction temperature, VI = 19 V, IO = 40 mA (unless otherwise noted)
μA78L12C
μA78L12AC
PARAMETER
TEST CONDITIONS
TJ
(1)
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
25°C
11.1
12
12.9
11.5
12
12.5
VI = 14 V to 27 V,
IO = 1 mA to 40 mA
Output voltage
0°C to 125°C
10.8
13.2
11.4
12.6
V
IO = 1 mA to 70 mA
0°C to 125°C
10.8
13.2
11.4
12.6
VI = 14.5 V to 27 V
55
250
55
250
Input voltage
25°C
mV
regulation
VI = 16 V to 27 V
49
200
49
200
VI = 15 V to 25 V,
Ripple rejection
25°C
36
42
37
42
dB
f = 120 Hz
IO = 1 mA to 100 mA
22
100
22
100
Output voltage
25°C
mV
regulation
IO = 1 mA to 40 mA
13
50
13
50
Output noise
f = 10 Hz to 100 kHz
25°C
70
70
μV
voltage
Dropout voltage
25°C
1.7
1.7
V
25°C
4.3
6.5
4.3
6.5
Bias current
mA
125°C
6
6
VI = 16 V to 27 V
1.5
1.5
Bias current
0°C to 125°C
mA
change
IO = 1 mA to 40 mA
0.2
0.1
(1)
Pulse-testing techniques maintain TJ as close to TA as possible. Thermal effects must be taken into account separately. All
characteristics are measured with a 0.33-
μF capacitor across the input and a 0.1-μF capacitor across the output.
uA78L15 Electrical Characteristics
at specified virtual junction temperature, VI = 23 V, IO = 40 mA (unless otherwise noted)
μA78L15C
μA78L15AC
PARAMETER
TEST CONDITIONS
TJ
(1)
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
25°C
13.8
15
16.2
14.4
15
15.6
VI = 17.5 V to 30 V,
IO = 1 mA to 40 mA
Output voltage
0°C to 125°C
13.5
16.5
14.25
15.75
V
IO = 1 mA to 70 mA
0°C to 125°C
13.5
16.5
14.25
15.75
VI = 17.5 V to 30 V
65
300
65
300
Input voltage
25°C
mV
regulation
VI = 20 V to 30 V
58
250
58
250
VI = 18.5 V to 28.5 V,
Ripple rejection
25°C
33
39
34
39
dB
f = 120 Hz
IO = 1 mA to 100 mA
25
150
25
150
Output voltage
25°C
mV
regulation
IO = 1 mA to 40 mA
15
75
15
75
Output noise
f = 10 Hz to 100 kHz
25°C
82
82
μV
voltage
Dropout voltage
25°C
1.7
1.7
V
25°C
4.6
6.5
4.6
6.5
Bias current
mA
125°C
6
6
VI = 10 V to 30 V
1.5
1.5
Bias current
0°C to 125°C
mA
change
IO = 1 mA to 40 mA
0.2
0.1
(1)
Pulse-testing techniques maintain TJ as close to TA as possible. Thermal effects must be taken into account separately. All
characteristics are measured with a 0.33-
μF capacitor across the input and a 0.1-μF capacitor across the output.
Copyright © 1976–2011, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links :μA78L00


Similar Part No. - UA78L12ACLPE3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UA78L12ACLPE3 TI-UA78L12ACLPE3 Datasheet
534Kb / 21P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
UA78L12ACLPE3 TI-UA78L12ACLPE3 Datasheet
632Kb / 25P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
UA78L12ACLPE3 TI-UA78L12ACLPE3 Datasheet
658Kb / 26P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
UA78L12ACLPE3 TI-UA78L12ACLPE3 Datasheet
707Kb / 27P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
UA78L12ACLPE3 TI1-UA78L12ACLPE3 Datasheet
693Kb / 27P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
More results

Similar Description - UA78L12ACLPE3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UA78L06A TI-UA78L06A_15 Datasheet
1Mb / 27P
[Old version datasheet]   關A78L00 Series Positive-Voltage Regulators
UA78L00 TI-UA78L00 Datasheet
1Mb / 27P
[Old version datasheet]   關A78L00 Series Positive-Voltage Regulators
UA78L02A TI-UA78L02A_15 Datasheet
1Mb / 27P
[Old version datasheet]   關A78L00 Series Positive-Voltage Regulators
UA78L05 TI-UA78L05 Datasheet
1Mb / 27P
[Old version datasheet]   關A78L00 Series Positive-Voltage Regulators
UA78M05 TI-UA78M05_15 Datasheet
1Mb / 29P
[Old version datasheet]   關A78Mxx Positive-Voltage Regulators
UA7808_15 TI-UA7808_15_15 Datasheet
1Mb / 29P
[Old version datasheet]   關A78xx Fixed Positive Voltage Regulators
logo
Torex Semiconductor
XC62HR TOREX-XC62HR Datasheet
112Kb / 32P
   Positive Voltage Regulators
logo
AUK corp
S78LXXF AUK-S78LXXF_1 Datasheet
340Kb / 9P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78MXX-Q1 TI-UA78MXX-Q1 Datasheet
173Kb / 9P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78XX STMICROELECTRONICS-L78XX Datasheet
1Mb / 56P
   Positive voltage regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com