Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE44962 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE44962
Description  SMP Male Bulkhead Mount Full Detent Connector Solder Attachment for RG405, PE-SR405FL Catchers Mitt
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44962 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE44962 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44962 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44962 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
TECHNICAL DATA SHEET
Plotted and Other Data
Notes:
Values at +25 °C, sea level
SMP Male Bulkhead Mount Full Detent Connector Solder Attachment for RG405, PE-SR405FL Catchers Mitt from Pasternack
Enterprises has same day shipment for domestic and International orders. Our RF, microwave and millimeter wave products
maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMP Male Bulkhead Mount Full Detent Connector Solder Attachment for RG405, PE-SR405FL
Catchers Mitt PE44962
URL: http://www.pasternack.com/smp-male-standard-rg405-pe-sr405fl-connector-pe44962-p.aspx
SMP Male Bulkhead Mount Full Detent Connector Solder
Attachment for RG405, PE-SR405FL Catchers Mitt
PE44962
PE44962 REV 1.0


Similar Part No. - PE44962

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4496 PASTERNACK-PE4496 Datasheet
109Kb / 1P
   SHV PLUG CRIMP ATTACHMENT FOR RG8 &RG213
PE44960 PASTERNACK-PE44960 Datasheet
375Kb / 3P
   SMP Male Full Detent Connector Solder Attachment Thru Hole PCB .145 inch Pin Length
PE44961 PASTERNACK-PE44961 Datasheet
380Kb / 3P
   SMP Male Bulkhead Mount Smooth Bore Connector Solder Attachment for RG405, PE-SR405FL Catchers Mitt
PE44963 PASTERNACK-PE44963 Datasheet
374Kb / 3P
   SMP Male Full Detent Connector Solder Attachment Thread- In Mount Pin Terminal .065 inch Pin Length Pre-Tinned
PE44964 PASTERNACK-PE44964 Datasheet
373Kb / 3P
   SMP Male Smooth Bore Connector Solder Attachment Thread- In Mount Pin Terminal .065 inch Pin Length Pre-Tinned
More results

Similar Description - PE44962

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44961 PASTERNACK-PE44961 Datasheet
380Kb / 3P
   SMP Male Bulkhead Mount Smooth Bore Connector Solder Attachment for RG405, PE-SR405FL Catchers Mitt
PE45126 PASTERNACK-PE45126 Datasheet
353Kb / 3P
   SMP Male Bulkhead Mount Push-On Connector Solder Attachment for RG405, PE-SR405FL, PE-SR405FLJ
PE44483 PASTERNACK-PE44483 Datasheet
318Kb / 3P
   SMP Male Bulkhead Connector Solder Attachment For PE-SR405AL PE-SR405FL RG405 4.83 mm Diameter
PE44974 PASTERNACK-PE44974 Datasheet
364Kb / 3P
   Mini SMP Female Connector Solder Attachment for RG405, PE-SR405FL
logo
List of Unclassifed Man...
P912 ETC2-P912 Datasheet
178Kb / 1P
   SMP MALE BULKHEAD TO SMP MALE CATCHERS MITT ADAPTER
logo
Pasternack Enterprises,...
PE44495 PASTERNACK-PE44495 Datasheet
209Kb / 2P
   QMA Male Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE4649 PASTERNACK-PE4649 Datasheet
231Kb / 3P
   TNC Male Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE44215 PASTERNACK-PE44215 Datasheet
271Kb / 2P
   2.4mm Male Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE4651 PASTERNACK-PE4651 Datasheet
229Kb / 3P
   BNC Male Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE45135 PASTERNACK-PE45135 Datasheet
378Kb / 3P
   SMA Male Connector Solder Attachment for RG405, PE-SR405FL, PE-SR405FLJ
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com