Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UC2825A-Q1 Datasheet(PDF) 4 Page - Texas Instruments

Part # UC2825A-Q1
Description  HIGH-SPEED PWM CONTROLLER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UC2825A-Q1 Datasheet(HTML) 4 Page - Texas Instruments

  UC2825A-Q1_15 Datasheet HTML 1Page - Texas Instruments UC2825A-Q1_15 Datasheet HTML 2Page - Texas Instruments UC2825A-Q1_15 Datasheet HTML 3Page - Texas Instruments UC2825A-Q1_15 Datasheet HTML 4Page - Texas Instruments UC2825A-Q1_15 Datasheet HTML 5Page - Texas Instruments UC2825A-Q1_15 Datasheet HTML 6Page - Texas Instruments UC2825A-Q1_15 Datasheet HTML 7Page - Texas Instruments UC2825A-Q1_15 Datasheet HTML 8Page - Texas Instruments UC2825A-Q1_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
UC2825A-Q1
SLUS781 – SEPTEMBER 2007
TJ = –40°C to 125°C, RT = 3.65 kΩ, CT = 1 nF, VCC = 12 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Reference, VREF
VO
Ouput voltage
TJ = 25°C, IO = 1 mA
5.05
5.1
5.15
V
Line regulation
12 V
≤ VCC ≤ 20 V
2
15
mV
Load regulation
1 mA
≤ IO ≤ 10 mA
5
20
mV
Total output variation
Line, load, temperature
5.03
5.17
V
Temperature stability(1)
T(min) < TJ < T(max)
0.2
0.4
mV/
°C
Output noise voltage(1)
10 Hz < f < 10 kHz
50
μVRMS
Long term stability(1)
TJ = 125°C, 1000 hours
5
25
mV
30
60
90
Short circuit current
VREF = 0 V
mA
TJ = 125°C
30
110
Oscillator
TJ = 25°C
375
400
425
kHz
fOSC
Initial accuracy(1)
RT = 6.6 kΩ, CT = 220 pF, TJ = 25°C
0.9
1
1.1
MHz
Line, temperature
350
450
kHz
Total variation(1)
RT = 6.6 kΩ, CT = 220 pF
0.85
1.15
MHz
Voltage stability
12 V < VCC < 20 V
1
%
Temperature stability(1)
T(min) < TJ < T(max)
±5
%
High-level output voltage, clock
3.7
4
V
Low-level output voltage, clock
0
0.2
V
Ramp peak
2.6
2.8
3
V
Ramp valley
0.7
1
1.25
V
1.6
1.8
2
Ramp valley to peak
V
TJ = –40°C
1.55
2
9
10
11
IOSC
Oscillator discharge current
RT = Open, VCT = 2 V
mA
TJ = 125°C
8
11
Error Amplifier
Input offset voltage
2
10
mV
Input bias current
0.6
3
μA
Input offset current
0.1
1
μA
Open loop gain
1 V < VO < 4 V
60
95
dB
CMRR
Common-mode rejection ratio
1.5 V < VCM < 5.5 V
75
95
dB
PSRR
Power-supply rejection ratio
12 V < VCC < 20 V
85
110
dB
IO(sink)
Output sink current
VEAOUT = 1 V
1
2.5
mA
IO(src)
Output source current
VEAOUT = 4 V
–0.5
–1.3
mA
High-level output voltage
IEAOUT = –0.5 mA
4.5
4.7
5
V
Low-level output voltage
IEAOUT = –1 mA
0
0.5
1
V
Gain bandwidth product
f = 200 kHz
6
12
MHz
Slew rate(1)
6
9
V/
μs
(1)
Specified by design
4
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated


Similar Part No. - UC2825A-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC2825A-Q1 TI1-UC2825A-Q1 Datasheet
415Kb / 14P
[Old version datasheet]   HIGH-SPEED PWM CONTROLLER
More results

Similar Description - UC2825A-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1823AJ883B TI-UC1823AJ883B Datasheet
456Kb / 9P
[Old version datasheet]   High Speed PWM Controller
UC3823N TI-UC3823N Datasheet
2Mb / 13P
[Old version datasheet]   HIGH SPEED PWM CONTROLLER
UC3824DW TI1-UC3824DW Datasheet
704Kb / 14P
[Old version datasheet]   HIGH SPEED PWM CONTROLLER
UCC3829-1 TI1-UCC3829-1 Datasheet
196Kb / 11P
[Old version datasheet]   High Speed PWM Controller
UC1823 TI-UC1823 Datasheet
409Kb / 7P
[Old version datasheet]   High Speed PWM Controller
UC1823A TI-UC1823A Datasheet
303Kb / 15P
[Old version datasheet]   High Speed PWM Controller
UC3825B TI-UC3825B Datasheet
316Kb / 9P
[Old version datasheet]   High Speed PWM Controller
UC1825 TI-UC1825 Datasheet
914Kb / 17P
[Old version datasheet]   High Speed PWM Controller
UC1825 TI1-UC1825_13 Datasheet
968Kb / 19P
[Old version datasheet]   High Speed PWM Controller
UC2825AQDW TI-UC2825AQDW Datasheet
928Kb / 19P
[Old version datasheet]   High Speed PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com