Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJW1132 Datasheet(PDF) 6 Page - New Japan Radio

Part # NJW1132
Description  SOUND PROCESSOR with SOUND ENHANCEMENT
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJW1132 Datasheet(HTML) 6 Page - New Japan Radio

  NJW1132 Datasheet HTML 1Page - New Japan Radio NJW1132 Datasheet HTML 2Page - New Japan Radio NJW1132 Datasheet HTML 3Page - New Japan Radio NJW1132 Datasheet HTML 4Page - New Japan Radio NJW1132 Datasheet HTML 5Page - New Japan Radio NJW1132 Datasheet HTML 6Page - New Japan Radio NJW1132 Datasheet HTML 7Page - New Japan Radio NJW1132 Datasheet HTML 8Page - New Japan Radio NJW1132 Datasheet HTML 9Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
NJW1132
- 6 -
n
n
n
n I2C BUS Block CHARACTERISTICS (SDA,SCL)
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
High Level Input Voltage
V
IH
3.0
-
5.0
V
Low Level Input Voltage
V
IL
0-
1.5
V
High Level Input Current
I
IH
--
10
µA
Low Level Input Current
I
IL
--
10
µA
Low Level Output Voltage (3mA at SDA pin)
V
OL
0-
0.4
dB
Maximum Output Current
I
OL
-3.0
-
-
mA
Maximum Clock Frequency
f
SCL
0
-
100
kHz
Data Change Minimum Waiting Time
t
BUF
4.7
-
-
µS
Data Transfer Start Minimum Waiting Time
t
HD:STA
4.0
-
-
µS
Low Level Clock Pulse Width
t
LOW
4.7
-
-
µS
High Level Clock Pulse Width
T
HIGH
4.0
-
-
µS
Minimum Start Preparation Waiting Time
t
SU:STA
4.7
-
-
µS
Minimum Data Hold Time
t
HD:DAT
5.0
-
-
µS
Minimum Data Preparation Time
t
SU:DAT
250
-
-
nS
Rise Time
t
R
--
1.0
µS
Fall Time
t
F
-
-
300
nS
Minimum Stop Preparation Waiting Time
t
SU:STO
4.7
-
-
µS
I
2C BUS Load Condition: Pull up resistance 4k
W (Connected to +5V)
Load capacitance 200pF (Connected to GND)
SDA
SCL
t
BUF
t
HD:STA
Sr
P
t
LOW
t
R
t
HD:DAT
t
HIGH
t
F
t
SU:DAT
S
P
t
SU:STA
t
SU:STO
t
HD:STA


Similar Part No. - NJW1132

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW1130A NJRC-NJW1130A Datasheet
100Kb / 10P
   SOUND PROCESSOR with SOUND ENHANCEMENT
NJW1133A NJRC-NJW1133A Datasheet
347Kb / 20P
   AUDIO PROCESSOR
NJW1133AM NJRC-NJW1133AM Datasheet
347Kb / 20P
   AUDIO PROCESSOR
NJW1136 NJRC-NJW1136 Datasheet
412Kb / 24P
   AUDIO PROCESSOR with Subwoofer Output
NJW1136D NJRC-NJW1136D Datasheet
412Kb / 24P
   AUDIO PROCESSOR with Subwoofer Output
More results

Similar Description - NJW1132

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW1152 NJRC-NJW1152 Datasheet
285Kb / 15P
   SOUND PROCESSOR with SOUND ENHANCEMENT
NJW1130A NJRC-NJW1130A Datasheet
100Kb / 10P
   SOUND PROCESSOR with SOUND ENHANCEMENT
NJW1137 NJRC-NJW1137 Datasheet
385Kb / 24P
   AUDIO PROCESSOR with SOUND ENHANCEMENT
logo
NEC
UPC1892 NEC-UPC1892 Datasheet
299Kb / 42P
   MATRIX SURROUND SOUND PROCESSOR WITH SOUND PROCESSOR
logo
New Japan Radio
NJM2150 NJRC-NJM2150 Datasheet
209Kb / 8P
   SOUND ENHANCEMENT AUDIO PROCESSOR
NJM2153 NJRC-NJM2153 Datasheet
189Kb / 6P
   SOUND ENHANCEMENT AUDIO PROCESSOR?
NJM2150A NJRC-NJM2150A Datasheet
230Kb / 8P
   SOUND ENHANCEMENT AUDIO PROCESSOR?
NJM2152 NJRC-NJM2152 Datasheet
216Kb / 8P
   SOUND ENHANCEMENT AUDIO PROCESSOR
NJU7087 NJRC-NJU7087 Datasheet
51Kb / 4P
   Sound Enhancement Processor For Telephone
logo
Rohm
BD3491FS ROHM-BD3491FS_14 Datasheet
1Mb / 34P
   Sound Processor with Built-in Surround Sound Function
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com