Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRF371135_15 Datasheet(PDF) 36 Page - Texas Instruments

Part # TRF371135_15
Description  INTEGRATED IQ DEMODULATOR
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRF371135_15 Datasheet(HTML) 36 Page - Texas Instruments

Back Button TRF371135_15_15 Datasheet HTML 32Page - Texas Instruments TRF371135_15_15 Datasheet HTML 33Page - Texas Instruments TRF371135_15_15 Datasheet HTML 34Page - Texas Instruments TRF371135_15_15 Datasheet HTML 35Page - Texas Instruments TRF371135_15_15 Datasheet HTML 36Page - Texas Instruments TRF371135_15_15 Datasheet HTML 37Page - Texas Instruments TRF371135_15_15 Datasheet HTML 38Page - Texas Instruments TRF371135_15_15 Datasheet HTML 39Page - Texas Instruments TRF371135_15_15 Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 58 page
background image
Frequency Offset (MHz)
GAIN vs FREQUENCY OFFSET
0.1
1
10
100
-100
-80
-60
-40
-20
0
20
G035
LPFADJ = 0
LPFADJ = 25
LPFADJ = 85
LPFADJ = 142
Frequency Offset (MHz)
GAIN vs FREQUENCY OFFSET
0.1
1
10
100
-5
-4
-3
-2
-1
0
1
2
3
4
5
G036
LPFADJ = 0
LPFADJ = 25
LPFADJ = 85
LPFADJ = 142
Frequency Offset (MHz)
GAIN vs FREQUENCY OFFSET
0.1
1
10
100
1000
-100
-80
-60
-40
-20
0
20
G037
Filter Ctrl 0
Filter Ctrl 1
Filter Ctrl 2
Filter Ctrl 3
Frequency Offset (MHz)
GAIN vs FREQUENCY OFFSET
0.1
1
10
100
-5
-4
-3
-2
-1
0
1
2
3
4
5
G038
Filter Ctrl 0
Filter Ctrl 1
Filter Ctrl 2
Filter Ctrl 3
LPFADJ Setting
1-dB LPF CORNER FREQUENCY vs LPFADJ SETTING
0
50
100
150
200
250
0
2
4
6
8
10
12
14
16
G039
Frequency Offset (MHz)
RELATIVE LPF GROUP DELAY vs FREQUENCY OFFSET
0.1
1
10
100
-100
0
100
200
300
400
500
G040
See Note 8
Bypass
LPFADJ = 0
LPFADJ = 25
LPFADJ = 85
LPFADJ = 142
TRF371135
SLWS220A – FEBRUARY 2010 – REVISED MARCH 2010
www.ti.com
TYPICAL CHARACTERISTICS, BASEBAND-RELATED DATA (continued)
VCC = 5 V, LO power = 0 dBm, TA = 25°C, independent of balun used (unless otherwise noted)
Figure 46.
Figure 47.
Figure 48. Bypass Mode
Figure 49. Bypass Mode
Figure 50.
Figure 51.
36
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): TRF371135


Similar Part No. - TRF371135_15_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF371135IRGZR TI-TRF371135IRGZR Datasheet
2Mb / 54P
[Old version datasheet]   INTEGRATED IQ DEMODULATOR
TRF371135IRGZT TI-TRF371135IRGZT Datasheet
2Mb / 54P
[Old version datasheet]   INTEGRATED IQ DEMODULATOR
More results

Similar Description - TRF371135_15_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF371125 TI-TRF371125 Datasheet
1Mb / 46P
[Old version datasheet]   INTEGRATED IQ DEMODULATOR
TRF371135 TI-TRF371135 Datasheet
2Mb / 54P
[Old version datasheet]   INTEGRATED IQ DEMODULATOR
TRF3710_15 TI-TRF3710_15_15 Datasheet
467Kb / 27P
[Old version datasheet]   IQ DEMODULATOR
TRF3710 TI-TRF3710 Datasheet
841Kb / 30P
[Old version datasheet]   IQ DEMODULATOR
logo
Teledyne Technologies I...
IQM2811 TELEDYNE-IQM2811 Datasheet
268Kb / 2P
   IQ MIXER MODULATOR/DEMODULATOR
logo
NEC
UPC2781GR NEC-UPC2781GR Datasheet
78Kb / 5P
   SI MMIC IQ DEMODULATOR
UPC2766GR NEC-UPC2766GR_00 Datasheet
76Kb / 7P
   WIDEBAND IQ DEMODULATOR FOR DIGITAL RECEIVERS
UPC3205GR NEC-UPC3205GR Datasheet
135Kb / 20P
   IQ DEMODULATOR FOR DIGITAL VIDEO/DATA RECEIVER
logo
NTE Electronics
NTE1489 NTE-NTE1489 Datasheet
25Kb / 3P
   Integrated Circuit Stereo Demodulator
NTE1099 NTE-NTE1099 Datasheet
82Kb / 2P
   Integrated Circuit Chroma Demodulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com