Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHFP6KE11A Datasheet(PDF) 1 Page - Microsemi Corporation

Part # CHFP6KE11A
Description  Patented Flip-Chip Series
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

CHFP6KE11A Datasheet(HTML) 1 Page - Microsemi Corporation

  CHFP6KE11A Datasheet HTML 1Page - Microsemi Corporation CHFP6KE11A Datasheet HTML 2Page - Microsemi Corporation CHFP6KE11A Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MSC1596.PDF
ISO 9001 CERTIFIED
REV B 3/13/2000
8700 E. Thomas Road
Scottsdale, AZ 85251
Tel: (480) 941-6300
Fax: (480) 947-1503
BIDIRECTIONAL ALL DIMENSIONS NOMINAL
inches (mm)
FLIP-CHIP DIMENSIONS
PAD SIZE & CIRCUIT
UNIDIRECTIONAL ALL DIMENSIONS NOMINAL
inches (mm)
FLIP-CHIP DIMENSIONS
PAD SIZE & CIRCUIT
FLIP-CHIP TVS DIODES
CHFP6KE5.0
thru
CHFP6KE170CA
Patented Flip-Chip Series
VBR above 30 V
VBR 30V and below
FEATURES
Unidirectional and Bidirectional
Fully glass passivated
600 watt (10/1000
µs)
Eliminates wire bonding
NON Inductive Insertion
No voltage overshoot
MAXIMUM RATINGS
Max Junction Temperature: 150
0C (with conformal coating)
Storage Temperature: -55
0C to +1500C
Flip-Chip Peak Pulse Power: 600 Watts (10/1000
µs)
Maximum non-repetitive peak power 600 Watts (10/1000
µs)
Total continuous power dissipation 2.5 W (with adequate heat
sink @ 75
0C)
Turn-on time (theoretical) unidirectional 1X10
-12
Turn-on time (theoretical) bidirectional 1X10
-9
MECHANICAL
Weight: 0.01 grams (approximate)
Solderable standoff tabs .040X.040X.010
PACKAGING
Waffle package 50 pices or wafer ring 70 pieces


Similar Part No. - CHFP6KE11A

ManufacturerPart #DatasheetDescription
logo
SYNERGY MICROWAVE CORPO...
CHF-105 SYNERGY-CHF-105 Datasheet
45Kb / 2P
   MIXERS TRIPLE-BALANCED
CHF-110 SYNERGY-CHF-110 Datasheet
45Kb / 2P
   MIXERS TRIPLE-BALANCED
logo
Microsemi Corporation
CHF1.5K2300 MICROSEMI-CHF1.5K2300 Datasheet
276Kb / 3P
   FLIP CHIP TVS DIODES
CHF1.5KE10 MICROSEMI-CHF1.5KE10 Datasheet
276Kb / 3P
   FLIP CHIP TVS DIODES
CHF1.5KE100 MICROSEMI-CHF1.5KE100 Datasheet
276Kb / 3P
   FLIP CHIP TVS DIODES
More results

Similar Description - CHFP6KE11A

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
CHF15KE68 MICROSEMI-CHF15KE68 Datasheet
262Kb / 3P
   Patented Flip Chip Series
CHF5KP50 MICROSEMI-CHF5KP50 Datasheet
253Kb / 3P
   Patented Flip Chip Series
logo
Taoglas antenna solutio...
TG308112W TAOGLAS-TG308112W Datasheet
1Mb / 20P
   SPECIFICATION PATENTED
MA230LBC002 TAOGLAS-MA230LBC002 Datasheet
2Mb / 24P
   SPECIFICATION PATENTED
logo
Protek Devices
SFC05-4 PROTEC-SFC05-4 Datasheet
132Kb / 6P
   FLIP CHIP ARRAY
logo
NXP Semiconductors
MF0FCP2U1 NXP-MF0FCP2U1 Datasheet
66Kb / 5P
   Flip chip package
Rev. 3.1-8 February 2007
logo
Protek Devices
SFC05-5 PROTEC-SFC05-5 Datasheet
239Kb / 5P
   FLIP CHIP ARRAY
logo
List of Unclassifed Man...
P0406FC ETC-P0406FC Datasheet
117Kb / 6P
   FLIP CHIP ARRAY
logo
Protek Devices
SFC05-4 PROTEC-SFC05-4_07 Datasheet
93Kb / 6P
   FLIP CHIP ARRAY
SFC05-5 PROTEC-SFC05-5_07 Datasheet
94Kb / 6P
   FLIP CHIP ARRAY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com