Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGC101BSA Datasheet(PDF) 4 Page - GOOD-ARK Electronics

Part # SGC101BSA
Description  Surface Mount Schottky Rectifier Reverse Voltage 100V Forward Current 10A
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

SGC101BSA Datasheet(HTML) 4 Page - GOOD-ARK Electronics

  SGC101BSA_15 Datasheet HTML 1Page - GOOD-ARK Electronics SGC101BSA_15 Datasheet HTML 2Page - GOOD-ARK Electronics SGC101BSA_15 Datasheet HTML 3Page - GOOD-ARK Electronics SGC101BSA_15 Datasheet HTML 4Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SGC101BSA
Surface Mount Schottky Rectifier
Reverse Voltage 100V Forward Current 10A
www.goodark.com
4/4
2014.03-Rev.A
Disclaimers
These materials are intended as a reference to assist our customers in the selection of the Suzhou Good-
Ark product best suited to the customer ’ s application; they do not convey any license under any
intellectual property rights, or any other rights, belonging to Suzhou Good-Ark Electronics Co., Ltd.or a
intellectual property rights, or any other rights, belonging to Suzhou Good Ark Electronics Co., Ltd.or a
third party.
Suzhou Good-Ark Electronics Co., Ltd. assumes no responsibility for any damage, or infringement of any
third-party’s rights, originating in the use of any product data, diagrams, charts, programs, algorithms, or
circuit application examples contained in these materials.
All information contained in these materials including product data diagrams charts programs and
All information contained in these materials, including product data, diagrams, charts, programs and
algorithms represents information on products at the time of publication of these materials, and are
subject to change by Suzhou Good-Ark Electronics Co., Ltd. without notice due to product improvements
or other reasons. It is therefore recommended that customers contact Suzhou Good-Ark Electronics Co.,
Ltd. or an authorized Suzhou Good-Ark Electronics Co., Ltd. for the latest product information before
purchasing a product listed herein. The information described here may contain technical inaccuracies or
typographical errors. Suzhou Good-Ark Electronics Co., Ltd. assumes no responsibility for any damage,
li bilit
th
l
ii
f
th
ii
Pl
l
tt
ti
t
if
ti
liability, or other loss rising from these inaccuracies or errors. Please also pay attention to information
published by Suzhou Good-Ark Electronics Co., Ltd. by various means, including our website home page.
(http://www.goodark.com)
When using any or all of the information contained in these materials, including product data, diagrams,
charts, programs, and algorithms, Please be sure to evaluate all information as a total system before
making a final decision on the applicability of the information and products. Suzhou Good-Ark Electronics
g
pp
y
p
Co., Ltd. assumes no responsibility for any damage, liability or other loss resulting from the information
contained herein.
The prior written approval of Suzhou Good-Ark Electronics Co., Ltd. is necessary to reprint or reproduce
in whole or in part these materials.
Please contact Suzhou Good-Ark Electronics Co., Ltd. or an authorized distributor for further details on
Please contact Suzhou Good Ark Electronics Co., Ltd. or an authorized distributor for further details on
these materials or the products contained herein.
www.goodark.com
4/4
2014.03-Rev.A


Similar Part No. - SGC101BSA_15

ManufacturerPart #DatasheetDescription
logo
Surge Components
SGC101BSA SURGE-SGC101BSA Datasheet
361Kb / 3P
   Reverse Voltage 100V Forward Current 10A
logo
GOOD-ARK Electronics
SGC101BSA GOOD-ARK-SGC101BSA Datasheet
210Kb / 4P
   Surface Mount Schottky Rectifier
More results

Similar Description - SGC101BSA_15

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SGC101BSH GOOD-ARK-SGC101BSH_15 Datasheet
206Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 100V Forward Current 10A
SGC101BSD GOOD-ARK-SGC101BSD_15 Datasheet
204Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 100V Forward Current 10A
SGC101BS GOOD-ARK-SGC101BS_15 Datasheet
206Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 100V Forward Current 10A
logo
First Silicon Co., Ltd
SS10U100 FS-SS10U100 Datasheet
361Kb / 3P
   Surface Mount Schottky Rectifier Reverse Voltage 100V , Forward Current 10A
logo
GOOD-ARK Electronics
SGC151BS GOOD-ARK-SGC151BS_15 Datasheet
209Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 100V Forward Current 15A
SGC051BS GOOD-ARK-SGC051BS_15 Datasheet
209Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 100V Forward Current 5A
SGC201BS GOOD-ARK-SGC201BS_15 Datasheet
206Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 100V Forward Current 20A
FS2BH GOOD-ARK-FS2BH_15 Datasheet
206Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 100V Forward Current 2A
FS1BH GOOD-ARK-FS1BH_15 Datasheet
191Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 100V Forward Current 1A
LS2B GOOD-ARK-LS2B_15 Datasheet
188Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 100V Forward Current 2A
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com