Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJW1106FC2 Datasheet(PDF) 1 Page - New Japan Radio

Part # NJW1106FC2
Description  DOLBY PRO LOGIC SURROUND DECODER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJW1106FC2 Datasheet(HTML) 1 Page - New Japan Radio

  NJW1106FC2 Datasheet HTML 1Page - New Japan Radio NJW1106FC2 Datasheet HTML 2Page - New Japan Radio NJW1106FC2 Datasheet HTML 3Page - New Japan Radio NJW1106FC2 Datasheet HTML 4Page - New Japan Radio NJW1106FC2 Datasheet HTML 5Page - New Japan Radio NJW1106FC2 Datasheet HTML 6Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PPRELIMINARY
Ver.1.0
NJW1106
- 1 -
DOLBY PRO LOGIC SURROUND DECODER
n
n
n
n GENERAL DESCRIPTION
n
n
n
n PACKAGE OUTLINE
The NJW1106 is a surround processor including all of the
necessary circuits of Dolby Pro Logic Surround decoder and
digital delay.
All of internal statuses are controlled by I
2C BUS interface.
In addition to Dolby Pro Logic Surround function, it
performs easily other surround function such as Hall, Live,
Disco and others.
Dolby and double-D symbol are trademarks of Dolby Laboratories Licensing Corporation.
San Francisco, CA94103-4813.USA.
This device is available only to licensees of Dolby Lab.
Licensing and application information may be obtained from Dolby Lab.
Purchase of I2C components of New Japan Radio Co., Ltd. or one of its sublicensed Associated
Companies conveys a license under the Philips I2C Patent Rights to use these components in an
I2C system, provided that the system conforms to the I2C Standard Specification as defined by
Philips.
n
n
n
n FEATURES
l Operating Voltage : VCC=10V(Analog Block), VDD=5V(Digital Block)
l Digital Delay on chip
l I
2C BUS Interface
SDA, SCL
l Bi-CMOS Technology
l Package Outline
QFP80, QFP100
n
n
n
n FUNCTION
[Dolby Pro Logic Surround]
l Automatic input balance
l Noise sequencer
l Adaptive matrix
l Center channel control (Wide, Normal, Phantom, Off)
l Modified B-type noise reduction
l 7kHz low-pass filter
l Dolby 3 stereo mode
l Digital time delay (15,20,25,30msec.)
[Other Surround]
l Surround Signal Selector
(L+R, L-R, EXTIN)
l Front mixing control
l Digital time delay
(15,20,25,30,40,50,60msec.)
[Other Function]
l Digital auxiliary outputs
(AUX0-AUX7)
n
n
n
n SYSTEM BLOCK DIAGRAM
EXTIN
7KHz
LPF
SW. Controller
ADD/SUB
L+R
L-R
Center Mode
Modified
BNR
I
2C Interface
Delay
Input Autobalance
Noise Sequencer
Adaptive Matrix
RIN
LOUT
COUT
ROUT
SOUT
LIN
NJW1106FC2-80
NJW1106FC2


Similar Part No. - NJW1106FC2

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW1102 NJRC-NJW1102 Datasheet
164Kb / 4P
   DOLBY PRO LOGIC SURROUND DECODER
NJW1102A NJRC-NJW1102A Datasheet
158Kb / 4P
   DOLBY PRO LOGIC SURROUND DECODER
NJW1102AF1 NJRC-NJW1102AF1 Datasheet
158Kb / 4P
   DOLBY PRO LOGIC SURROUND DECODER
NJW1102FG1 NJRC-NJW1102FG1 Datasheet
164Kb / 4P
   DOLBY PRO LOGIC SURROUND DECODER
NJW1103 NJRC-NJW1103 Datasheet
146Kb / 4P
   DOLBY PRO LOGIC SURROUND DECODER?
More results

Similar Description - NJW1106FC2

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW1104 NJRC-NJW1104 Datasheet
84Kb / 6P
   DOLBY PRO LOGIC SURROUND DECODER
logo
Renesas Technology Corp
M62463AFP RENESAS-M62463AFP Datasheet
203Kb / 17P
   Dolby Pro Logic Surround Decoder
logo
New Japan Radio
NJW1103 NJRC-NJW1103 Datasheet
146Kb / 4P
   DOLBY PRO LOGIC SURROUND DECODER?
logo
Mitsubishi Electric Sem...
M62463AFP MITSUBISHI-M62463AFP Datasheet
184Kb / 17P
   Dolby Pro Logic Surround Decoder
logo
Sanyo Semicon Device
LV1050M SANYO-LV1050M Datasheet
84Kb / 4P
   Dolby Pro Logic Surround Decoder
logo
New Japan Radio
NJM2177 NJRC-NJM2177 Datasheet
160Kb / 4P
   DOLBY PRO LOGIC SURROUND DECODER
logo
Mitsubishi Electric Sem...
M62462FP MITSUBISHI-M62462FP Datasheet
112Kb / 13P
   Dolby Pro Logic Surround Decoder
M62464AFP MITSUBISHI-M62464AFP Datasheet
247Kb / 22P
   Dolby Pro Logic Surround Decoder
logo
New Japan Radio
NJW1102A NJRC-NJW1102A Datasheet
158Kb / 4P
   DOLBY PRO LOGIC SURROUND DECODER
NJW1102 NJRC-NJW1102 Datasheet
164Kb / 4P
   DOLBY PRO LOGIC SURROUND DECODER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com