Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NJW1107 Datasheet(PDF) 4 Page - New Japan Radio

Part No. NJW1107
Description  Dolby Pro Logic Surround Decoder with Discrete 5.1ch Input
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.njr.co.jp/index_e.htm
Logo NJRC - New Japan Radio

NJW1107 Datasheet(HTML) 4 Page - New Japan Radio

  NJW1107 Datasheet HTML 1Page - New Japan Radio NJW1107 Datasheet HTML 2Page - New Japan Radio NJW1107 Datasheet HTML 3Page - New Japan Radio NJW1107 Datasheet HTML 4Page - New Japan Radio NJW1107 Datasheet HTML 5Page - New Japan Radio NJW1107 Datasheet HTML 6Page - New Japan Radio NJW1107 Datasheet HTML 7Page - New Japan Radio NJW1107 Datasheet HTML 8Page - New Japan Radio NJW1107 Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
NJW1107
( 4 / 11 ) C
s
s
s
s ELECTRICAL CHARACTERISTICS (V
CC=9V, VDD=5V, Ta=25°
°°°C, 0dBd=300mVrms, f=1kHz)
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
x Trimmer
Maximum attenuation
TRIM
max
TRIM=-31dB, VOLATT=0dB
-34
-31
-28
dB
Minimum attenuation
TRIM
min
TRIM=0dB, VOLATT=0dB
-3.0
0
3.0
dB
Trimmer Step
TRIMS
VOLATT=0dB
0.6
1.0
1.4
dB
x Line
Total Harmonic Distortion
THDLN
30kHz LPF
-
0.002
0.05
%
Signal to Noise Ratio
SNLN
DIN-AUDIO
95
100
-
dB
Line Cross-talk
CTLN
70
80
-
dB
Input Impedance
Zi
11
22
44
k
x DIGITAL TIME DELAY
Delay Time
Td
Td=20.5ms
17.4
20.5
23.6
ms
Total Gain
GvD
DIN-DVOLOUT, DDVOL=0dB
-3.0
0
3.0
dB
Td=20.5ms
-
0.5
0.9
%
Td=51.2ms
-
1.2
2.2
%
Total Harmonic Distortion
THDD
30kHz LPF
Td=184ms
-
3.0
5.6
%
Maximum Output Voltage
VomaxD
THD=10%
0.7
1.0
-
Vrms
Td=20.5ms
-
-92
-80
dBV
Td=51.2ms
-
-84
-70
dBV
Output Noise Voltage
NoD
Vin=0Vrms
JIS-A
Td=184ms
-
-80
-65
dBV
Td=15.4 to 51.2ms, Gv=-3dB
6.0
7.0
8.0
kHz
LPF Cut-off Frequency
LPFfc
Td=123, 184ms, Gv=-3dB
-
3.0
-
kHz
x Feedback Volume
Maximum attenuation
FBATT
max
ATT=-
∞dB
-
-70
-60
dB
Minimum attenuation
FBATT
min
ATT=-3dB
-6.0
-3.0
0
dB
Volume Step
FBVOLS
1.5
3.0
4.5
dB
x Delay Volume
Maximum attenuation
DLATT
max
ATT=-
∞dB
-
-70
-60
dB
Minimum attenuation
DLATT
min
ATT=-3dB
-3.0
0
3.0
dB
Volume Step
DLVOLS
1.5
3.0
4.5
dB


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
M62464BFP Dolby Pro Logic Surround Decoder with Discrete 5.1ch Analog Input 1  2  3  4  5  More Mitsubishi Electric Semiconductor
QS7779PM 3D Stereo Enhancement and 3D Virtual Stereo Surround with Dolby Pro Logic and Mixed DVD AC-3 Decoder 1  2  3  4  5  More Nippon Precision Circuits Inc
CXD2724AQ-1 Single-Chip Dolby Pro Logic Surround Decoder 1  2  3  4  5  More Sony Corporation
NJW1102A DOLBY PRO LOGIC SURROUND DECODER 1  2  3  4  New Japan Radio
CXD2724AQ-3 Single-Chip Dolby Pro Logic Surround Decoder 1  2  3  4  5  More Sony Corporation
M62460FP “Super Single Chip” Surround Processor with Dolby Pro Logic Decoder 1  2  3  4  5  More Mitsubishi Electric Semiconductor
NJW1104 DOLBY PRO LOGIC SURROUND DECODER 1  2  3  4  5  More New Japan Radio
CXD2728Q Single-Chip Dolby Pro Logic Surround Decoder 1  2  3  4  5  More Sony Corporation
M62462FP Dolby Pro Logic Surround Decoder 1  2  3  4  5  More Mitsubishi Electric Semiconductor
NJW1106 DOLBY PRO LOGIC SURROUND DECODER 1  2  3  4  5  More New Japan Radio

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn