Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UCC28251 Datasheet(PDF) 27 Page - Texas Instruments

Part No. UCC28251
Description  UCC28251 Advanced PWM Controller With Prebias Operation
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC28251 Datasheet(HTML) 27 Page - Texas Instruments

Back Button UCC28251_15 Datasheet HTML 23Page - Texas Instruments UCC28251_15 Datasheet HTML 24Page - Texas Instruments UCC28251_15 Datasheet HTML 25Page - Texas Instruments UCC28251_15 Datasheet HTML 26Page - Texas Instruments UCC28251_15 Datasheet HTML 27Page - Texas Instruments UCC28251_15 Datasheet HTML 28Page - Texas Instruments UCC28251_15 Datasheet HTML 29Page - Texas Instruments UCC28251_15 Datasheet HTML 30Page - Texas Instruments UCC28251_15 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 55 page
background image
VREF
OVP
UCC28251
+
0.7 V
8.5 ?A
R3
R1
PTC
VREF
OVP
UCC28251
+
0.7 V
8.5 ?A
R3
R1
R2
VIN or VOUT
(
)
(
)
PTC1
PTC2
PTC1
PTC2
3
PTC1
PTC2
2.6 V
0.7 V
R
R
8.5
A
R
R
R
8.5
A
2.6
R
0.7 V
R
é
ù
´
´
-
-
m ´
´
ë
û
<
m ´
´
+
´
1
PTC1
R
3.7
R
=
´
(
)
PTC1
PTC2
PTC1
PTC2
0.7 V
R
R
8.5
A
R
R
0
´
-
-
m ´
´
³
(
)
(
)
R
F
R
3
R
0.7 V
V
V
11 A
R2
V
0.7 V
R
8.5 A
V
´
-
-
m ´
´
-
<
m ´
UCC28251
www.ti.com
SLUSBD8E – FEBRUARY 2013 – REVISED DECEMBER 2014
Feature Description (continued)
(17)
If the external resistor divider runs from 3.3-V VREF, and replaces R2 with a positive temperature coefficient
(PTC) thermistor, an over temperature fault protection with programmable hysteresis is accomplished
(Figure 37). Choose an arbitrary PTC value, which has a resistance as RPTC1 at protection temperature and
resistance as RPTC2 at recovery temperature. Because of its positive temperature coefficient, RPTC1 is larger than
RPTC2. To ensure an available solution, RPTC1 and RPTC2 need to meet the criteria.
(18)
And resistors R1 and R3 can be calculated as:
(19)
(20)
Figure 36. Overvoltage Protection
Figure 37. Overtemperature Protection
Figure 38 shows an external configuration using the OVP/OTP pin to achieve both overvoltage and
overtemperature protection. Follow the same design procedure for the OVP setting to choose R1, R2, and R3.
Choose an NTC value at protection temperature much smaller than R1 and with the resistance at protection
temperature as RNTC1, and recover temperature as RNTC2. The R4 value can be calculated as:
Copyright © 2013–2014, Texas Instruments Incorporated
Submit Documentation Feedback
27
Product Folder Links: UCC28251


Similar Part No. - UCC28251_15

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
UCC28251 TI1-UCC28251_16 Datasheet
1Mb / 55P
[Old version datasheet]   Advanced PWM Controller With Prebias Operation
More results

Similar Description - UCC28251_15

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
UCC28251 TI1-UCC28251_16 Datasheet
1Mb / 55P
[Old version datasheet]   Advanced PWM Controller With Prebias Operation
UCC28250 TI1-UCC28250_12 Datasheet
980Kb / 53P
[Old version datasheet]   Advanced PWM Controller With Pre-Bias Operation
UCC28250 TI-UCC28250_15 Datasheet
997Kb / 54P
[Old version datasheet]   Advanced PWM Controller With Pre-Bias Operation
UCC28250 TI-UCC28250_10 Datasheet
758Kb / 48P
[Old version datasheet]   Advanced PWM Controller With Pre-Bias Operation
UCC28250 TI-UCC28250 Datasheet
761Kb / 50P
[Old version datasheet]   Advanced PWM Controller With Pre-Bias Operation
UCC28251 TI1-UCC28251 Datasheet
902Kb / 54P
[Old version datasheet]   Advanced PWM Controller With Pre-Bias Operation
Microsemi Corporation
Microsemi Corporation
LX1660 MICROSEMI-LX1660 Datasheet
323Kb / 15P
   ADVANCED PWM CONTROLLER
Texas Instruments
Texas Instruments
UC1638 TI1-UC1638_13 Datasheet
4Mb / 16P
[Old version datasheet]   Advanced PWM Motor Controller
Anpec Electronics Coropration
Anpec Electronics Corop...
APW7016 ANPEC-APW7016 Datasheet
114Kb / 11P
   Advanced PWM Power Controller
Texas Instruments
Texas Instruments
UC1638 TI-UC1638 Datasheet
304Kb / 9P
[Old version datasheet]   Advanced PWM Motor Controller
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz