Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UCC28251 Datasheet(PDF) 22 Page - Texas Instruments

Part No. UCC28251
Description  UCC28251 Advanced PWM Controller With Prebias Operation
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC28251 Datasheet(HTML) 22 Page - Texas Instruments

Back Button UCC28251_15 Datasheet HTML 18Page - Texas Instruments UCC28251_15 Datasheet HTML 19Page - Texas Instruments UCC28251_15 Datasheet HTML 20Page - Texas Instruments UCC28251_15 Datasheet HTML 21Page - Texas Instruments UCC28251_15 Datasheet HTML 22Page - Texas Instruments UCC28251_15 Datasheet HTML 23Page - Texas Instruments UCC28251_15 Datasheet HTML 24Page - Texas Instruments UCC28251_15 Datasheet HTML 25Page - Texas Instruments UCC28251_15 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 55 page
background image
C
CS
R
CS
REF
COMP
GND
UCC28251
O
O2
O1
REF / EA
V
R
1
R
V
+
æ
ö
=
-
´
ç
÷
è
ø
UCC28251
SLUSBD8E – FEBRUARY 2013 – REVISED DECEMBER 2014
www.ti.com
Feature Description (continued)
When the UCC28251 is configured for secondary-side control, the internal error amplifier is used as the control
loop error amplifier. Connect REF/EA+ directly to the VREF pin to provide the reference voltage for the feedback
loop.
When the UCC28251 is configured for primary-side control, the error amplifier is connected as a voltage follower.
Connect REF/EA+ to the opto-coupler output.
The voltage range on REF/EA+ pin is 0 V to 3.7 V.
8.3.9 FB/EA– (2/9)
FB/EA- is the inverting input of the UCC28251’s internal error amplifier.
When the UCC28251 is configured for secondary-side control, connect the output voltage sensing divider to this
pin. The voltage divider can be selected according to the voltage on REF/EA+ pin. Referring to Figure 32, pick
the lower resistor RO1 value arbitrarily, and choose the upper resistor RO2 value as:
(7)
Because the control loop gain is affected by voltage divider resistor values, choose an appropriate RO1 value so
that the voltage loop DC gain is larger than 40 dB to prevent interference between the primary-side control loop
and the SR control loop during start up.
When the UCC28251 is sitting on the primary side, the error amplifier is connected as a voltage follower.
Connect FB/EA- directly with COMP pin.
The maximum voltage allowed on FB/EA- pin is 3.7 V.
8.3.10 COMP (3/10)
The COMP pin is the internal error amplifier’s output and also the input signal for PWM comparator. The
maximum input common voltage of the PWM comparator is 2.8 V. It is suggested to program the peak value of
RAMP to be lower than 2.3 V. Otherwise, the voltage of COMP pin should be clamp to be lower than 2.8 V by
external circuit in order to make the internal PWM comparator work properly. An external circuit detailed as below
is recommended for voltage clamp function. Both the primary-side switches’ duty cycle and secondary-side SRs’
duty cycle is controlled by the COMP pin voltage. At steady state, a higher COMP pin voltage results in a larger
duty cycle for the primary-side switches and a smaller duty cycle on the SRs.
When the UCC28251 controller is set up for secondary-side control, connect the compensation network from the
FB/EA- pin to the COMP pin.
For primary-side control, the error amplifier is connected as a voltage follower. Directly connect the COMP pin to
the FB/EA- pin.
Figure 31. Comp Clamp Circuit
22
Submit Documentation Feedback
Copyright © 2013–2014, Texas Instruments Incorporated
Product Folder Links: UCC28251


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn