Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UCC28251 Datasheet(PDF) 21 Page - Texas Instruments

Part No. UCC28251
Description  UCC28251 Advanced PWM Controller With Prebias Operation
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC28251 Datasheet(HTML) 21 Page - Texas Instruments

Back Button UCC28251_15 Datasheet HTML 17Page - Texas Instruments UCC28251_15 Datasheet HTML 18Page - Texas Instruments UCC28251_15 Datasheet HTML 19Page - Texas Instruments UCC28251_15 Datasheet HTML 20Page - Texas Instruments UCC28251_15 Datasheet HTML 21Page - Texas Instruments UCC28251_15 Datasheet HTML 22Page - Texas Instruments UCC28251_15 Datasheet HTML 23Page - Texas Instruments UCC28251_15 Datasheet HTML 24Page - Texas Instruments UCC28251_15 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 55 page
background image
CS
OUTA
OUTB
COMP
B
MAX
3 V
R
I
/ n
=
BLANK
C
CS
R
CS
VREF
RAMP /CS
GND
UCC28251
BLANK
C
CS
R
CS
RAMP /CS
GND
UCC28251
VIN 36 V to 75 V
UCC28251
www.ti.com
SLUSBD8E – FEBRUARY 2013 – REVISED DECEMBER 2014
Feature Description (continued)
Figure 29. Fixed Ramp Generation/Ramp Generation With Input Voltage Feedforward
Voltage feed-forward can be achieved by driving RCS from line input VIN. The peak of RAMP/CS is proportional
to VIN and output will have much faster line transient response. When the UCC28251 is used for the primary-
side control, RAMP parameters are critical for the optimal pre-biased start up performance. Refer to the ‘Voltage
Mode Control and Input Voltage Feed-Forward’ section of the Functional Description section for a detailed design
procedure of choosing RCS.
If the line input cannot be easily accessed due to limited board area or other limitation, a RAMP signal with fixed
peak voltage can be implemented by simply driving RCS from 3.3 V VREF (Figure 29).
8.3.7.2 CS: Current Mode Control
For current mode control, the RAMP/CS pin is driven by a signal representative of the transformer primary-side
current. The current signal has to have compatible input range of the COMP pin. As shown in Figure 30, the
COMP pin voltage is used as the reference for peak current. The primary-side signals OUTA and OUTB are
turned on by the internal clock signal and turned off when sensed peak current reaches the COMP pin voltage.
Choose the current sense transformer turns ratio (1:n) and the burden resistor value (RB) based on the peak
current at maximum load IMAX. Refer to the Functional Description section for more details on the current mode
control.
(6)
Figure 30. Peak Current Mode Control and PWM Generation
8.3.8 REF/EA+ (1/8)
REF/EA+ is the non-inverting input of the UCC28251’s internal error amplifier.
Copyright © 2013–2014, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: UCC28251


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn