Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UCC28251 Datasheet(PDF) 16 Page - Texas Instruments

Part # UCC28251
Description  UCC28251 Advanced PWM Controller With Prebias Operation
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC28251 Datasheet(HTML) 16 Page - Texas Instruments

Back Button UCC28251_15 Datasheet HTML 12Page - Texas Instruments UCC28251_15 Datasheet HTML 13Page - Texas Instruments UCC28251_15 Datasheet HTML 14Page - Texas Instruments UCC28251_15 Datasheet HTML 15Page - Texas Instruments UCC28251_15 Datasheet HTML 16Page - Texas Instruments UCC28251_15 Datasheet HTML 17Page - Texas Instruments UCC28251_15 Datasheet HTML 18Page - Texas Instruments UCC28251_15 Datasheet HTML 19Page - Texas Instruments UCC28251_15 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 55 page
background image
Enable
Signal
EN
C1
R1
R2
UCC28251
EN
Enable
Signal
(a)
(b)
UVLO
EN
0.3V
SS
CLK
1
1
6 s
C
R
m
=
2
R
10 k
>
W
UCC28251
SLUSBD8E – FEBRUARY 2013 – REVISED DECEMBER 2014
www.ti.com
Feature Description (continued)
A pulse signal may also be applied to the EN pin. Pulse-enable operation is shown on Figure 22. If the EN falling
edge happens before the SS voltage reaches 0.3 V, the enable signal at EN pin is considered as a pulse. In this
case, the next rising edge at EN pin disables the controller. If the falling edge of the first pulse at EN pin happens
after SS rises to 0.3 V, the UCC28251 interprets the pulse enable as a level enable, and an external solution as
shown on Figure 23 (a) can be used to reduce the pulse width. In this circuit, R2 is used to limit the current
(especially the negative current) through the internal ESD cell. Figure 23 (b) illustrates the waveforms based on
this solution. To prevent false trigger by noises, the pulse at the EN pin must be at least 2.25 V (minimum) high
and 3 µs wide to be considered valid.
Choose the R1, R2, and C values based on the following equations:
Choose R2 based on the current limit requirement of under 0.1 mA .
(1)
Choose R1 arbitrarily but much smaller than R2 and choose C1 according to the time constant requirement to
generate longer than 3-µs pulse.
(2)
If enable function is not used, pull EN pin to VREF.
Figure 22. Pulse Enable at EN Pin
Figure 23. An External Solution to Generate Enable Pulses for Pulse Enable
16
Submit Documentation Feedback
Copyright © 2013–2014, Texas Instruments Incorporated
Product Folder Links: UCC28251


Similar Part No. - UCC28251_15

ManufacturerPart #DatasheetDescription
Texas Instruments
Texas Instruments
UCC28251 TI1-UCC28251_16 Datasheet
1Mb / 55P
[Old version datasheet]   Advanced PWM Controller With Prebias Operation
More results

Similar Description - UCC28251_15

ManufacturerPart #DatasheetDescription
Texas Instruments
Texas Instruments
UCC28251 TI1-UCC28251_16 Datasheet
1Mb / 55P
[Old version datasheet]   Advanced PWM Controller With Prebias Operation
UCC28250 TI1-UCC28250_12 Datasheet
980Kb / 53P
[Old version datasheet]   Advanced PWM Controller With Pre-Bias Operation
UCC28250 TI-UCC28250_15 Datasheet
997Kb / 54P
[Old version datasheet]   Advanced PWM Controller With Pre-Bias Operation
UCC28250 TI-UCC28250_10 Datasheet
758Kb / 48P
[Old version datasheet]   Advanced PWM Controller With Pre-Bias Operation
UCC28250 TI-UCC28250 Datasheet
761Kb / 50P
[Old version datasheet]   Advanced PWM Controller With Pre-Bias Operation
UCC28251 TI1-UCC28251 Datasheet
902Kb / 54P
[Old version datasheet]   Advanced PWM Controller With Pre-Bias Operation
Microsemi Corporation
Microsemi Corporation
LX1660 MICROSEMI-LX1660 Datasheet
323Kb / 15P
   ADVANCED PWM CONTROLLER
Texas Instruments
Texas Instruments
UC1638 TI1-UC1638_13 Datasheet
4Mb / 16P
[Old version datasheet]   Advanced PWM Motor Controller
Anpec Electronics Coropration
Anpec Electronics Corop...
APW7016 ANPEC-APW7016 Datasheet
114Kb / 11P
   Advanced PWM Power Controller
Texas Instruments
Texas Instruments
UC1638 TI-UC1638 Datasheet
304Kb / 9P
[Old version datasheet]   Advanced PWM Motor Controller
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com