Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UCC28251 Datasheet(PDF) 15 Page - Texas Instruments

Part No. UCC28251
Description  UCC28251 Advanced PWM Controller With Prebias Operation
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC28251 Datasheet(HTML) 15 Page - Texas Instruments

Back Button UCC28251_15 Datasheet HTML 11Page - Texas Instruments UCC28251_15 Datasheet HTML 12Page - Texas Instruments UCC28251_15 Datasheet HTML 13Page - Texas Instruments UCC28251_15 Datasheet HTML 14Page - Texas Instruments UCC28251_15 Datasheet HTML 15Page - Texas Instruments UCC28251_15 Datasheet HTML 16Page - Texas Instruments UCC28251_15 Datasheet HTML 17Page - Texas Instruments UCC28251_15 Datasheet HTML 18Page - Texas Instruments UCC28251_15 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 55 page
background image
0.3V
SS
EN
UVLO
CLK
UCC28251
www.ti.com
SLUSBD8E – FEBRUARY 2013 – REVISED DECEMBER 2014
Feature Description (continued)
8.3.2 VREF (Reference Generator) (20/7)
The VREF pin is regulated at 3.3 V. An external ceramic capacitor must be placed as close as possible to the
VREF and GND pins for noise filtering and to provide compensation to the regulator. The capacitance range
must be limited between 0.47 µF to 2.2 µF for stability. This reference is used to power the controller’s internal
circuits, and can also be used to bias an opto-coupler transistor, an external house-keeping microcontroller, or
other peripheral circuits. This reference can also be used to generate the reference for an external error
amplifier. This regulator output is internally current limited to 25 mA (typical).
8.3.3 EN (Enable Pin) (18/5)
The following conditions must be met before the controller allows start up:
1. VDD voltage has been sustained above the rising UVLO threshold 4.3 V (typical);
2. The 3.3-V reference voltage output at the VREF pin is 2.4 V (typical) for at least 20 us;
3. Junction temperature is below the thermal shutdown threshold 130°C (minimum);
4. The voltage at OVP is below 0.7 V (typical).
If all these conditions are met, the signal driving the EN pin is able to initiate the soft start process. Once the
device is enabled, the 27-µA internal charging current at the SS pin is turned on and begins to charge the soft-
start capacitor. The EN pin can accept both level-enable and pulse-enable signals.
For level-enable, the voltage level on the EN pin needs to be continuously higher than 2.25 V to allow continuous
operation. Once the EN pin falls below threshold, the device is disabled after 2 µs (see Figure 21).
Figure 21. Level Enable at EN Pin
Copyright © 2013–2014, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: UCC28251


Similar Part No. - UCC28251_15

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
UCC28251 TI1-UCC28251_16 Datasheet
1Mb / 55P
[Old version datasheet]   Advanced PWM Controller With Prebias Operation
More results

Similar Description - UCC28251_15

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
UCC28251 TI1-UCC28251_16 Datasheet
1Mb / 55P
[Old version datasheet]   Advanced PWM Controller With Prebias Operation
UCC28250 TI1-UCC28250_12 Datasheet
980Kb / 53P
[Old version datasheet]   Advanced PWM Controller With Pre-Bias Operation
UCC28250 TI-UCC28250_15 Datasheet
997Kb / 54P
[Old version datasheet]   Advanced PWM Controller With Pre-Bias Operation
UCC28250 TI-UCC28250_10 Datasheet
758Kb / 48P
[Old version datasheet]   Advanced PWM Controller With Pre-Bias Operation
UCC28250 TI-UCC28250 Datasheet
761Kb / 50P
[Old version datasheet]   Advanced PWM Controller With Pre-Bias Operation
UCC28251 TI1-UCC28251 Datasheet
902Kb / 54P
[Old version datasheet]   Advanced PWM Controller With Pre-Bias Operation
Microsemi Corporation
Microsemi Corporation
LX1660 MICROSEMI-LX1660 Datasheet
323Kb / 15P
   ADVANCED PWM CONTROLLER
Texas Instruments
Texas Instruments
UC1638 TI1-UC1638_13 Datasheet
4Mb / 16P
[Old version datasheet]   Advanced PWM Motor Controller
Anpec Electronics Coropration
Anpec Electronics Corop...
APW7016 ANPEC-APW7016 Datasheet
114Kb / 11P
   Advanced PWM Power Controller
Texas Instruments
Texas Instruments
UC1638 TI-UC1638 Datasheet
304Kb / 9P
[Old version datasheet]   Advanced PWM Motor Controller
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz