Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UCC28251 Datasheet(PDF) 14 Page - Texas Instruments

Part No. UCC28251
Description  UCC28251 Advanced PWM Controller With Prebias Operation
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC28251 Datasheet(HTML) 14 Page - Texas Instruments

Back Button UCC28251_15 Datasheet HTML 10Page - Texas Instruments UCC28251_15 Datasheet HTML 11Page - Texas Instruments UCC28251_15 Datasheet HTML 12Page - Texas Instruments UCC28251_15 Datasheet HTML 13Page - Texas Instruments UCC28251_15 Datasheet HTML 14Page - Texas Instruments UCC28251_15 Datasheet HTML 15Page - Texas Instruments UCC28251_15 Datasheet HTML 16Page - Texas Instruments UCC28251_15 Datasheet HTML 17Page - Texas Instruments UCC28251_15 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 55 page
background image
20
5
+
4.1V/4.3V
VDD
18
VREF
EN
LDO
Enable detection
Level&pulse
Over
temperature
Vref ready
OTP
UVLO
Vref OK
Enable
EN_INT
17
ILIM
+
0.5V
Cycle by cycle
current limit
& duty cycle match
OCP delay
timer
19
OVP/OTP
+
0.7V
8.5 mA
OVP
10
HICC
Hiccup
timer
Switching Logic
OCP
9
16
RAMP/CS
3
2
1
13
COMP
FB/EA-
REF/EA+
SS
15
RT
12
SP
11
PS
Oscillator
Deadtime
+
+
+
+
14
OP
gm
CLK
BLANK
+
+
SR_RAMP
generator
8
7
6
VSENSE
4
GND
70ns
leading edge blanking
BLANK
420 mV
UCC28251
SLUSBD8E – FEBRUARY 2013 – REVISED DECEMBER 2014
www.ti.com
8.2 Functional Block Diagram
NOTE
Pin numbers are used for RGP package. PW package has different pin numbers.
8.3 Feature Description
8.3.1 VDD (5/12)
The UCC28251 can be powered up by a wide supply range from 4.3 V (UVLO rising typical) to 20 V (absolute
maximum), making it suitable for primary-side control or secondary-side control. When the voltage at the VDD
pin is lower than 4.1 V (typical), the controller is in stand-by mode and consumes 150 µA (typical) at 3.6 V VDD.
In stand-by mode, VREF continues to be regulated to 3.3 V or follows VDD if VDD is lower than 3.3 V. Please
refer to the VREF description for more detailed information. A minimum 1-µF bypass capacitor is required from
VDD to ground. Keep the bypass capacitor as close to the device as possible.
14
Submit Documentation Feedback
Copyright © 2013–2014, Texas Instruments Incorporated
Product Folder Links: UCC28251


Similar Part No. - UCC28251_15

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
UCC28251 TI1-UCC28251_16 Datasheet
1Mb / 55P
[Old version datasheet]   Advanced PWM Controller With Prebias Operation
More results

Similar Description - UCC28251_15

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
UCC28251 TI1-UCC28251_16 Datasheet
1Mb / 55P
[Old version datasheet]   Advanced PWM Controller With Prebias Operation
UCC28250 TI1-UCC28250_12 Datasheet
980Kb / 53P
[Old version datasheet]   Advanced PWM Controller With Pre-Bias Operation
UCC28250 TI-UCC28250_15 Datasheet
997Kb / 54P
[Old version datasheet]   Advanced PWM Controller With Pre-Bias Operation
UCC28250 TI-UCC28250_10 Datasheet
758Kb / 48P
[Old version datasheet]   Advanced PWM Controller With Pre-Bias Operation
UCC28250 TI-UCC28250 Datasheet
761Kb / 50P
[Old version datasheet]   Advanced PWM Controller With Pre-Bias Operation
UCC28251 TI1-UCC28251 Datasheet
902Kb / 54P
[Old version datasheet]   Advanced PWM Controller With Pre-Bias Operation
Microsemi Corporation
Microsemi Corporation
LX1660 MICROSEMI-LX1660 Datasheet
323Kb / 15P
   ADVANCED PWM CONTROLLER
Texas Instruments
Texas Instruments
UC1638 TI1-UC1638_13 Datasheet
4Mb / 16P
[Old version datasheet]   Advanced PWM Motor Controller
Anpec Electronics Coropration
Anpec Electronics Corop...
APW7016 ANPEC-APW7016 Datasheet
114Kb / 11P
   Advanced PWM Power Controller
Texas Instruments
Texas Instruments
UC1638 TI-UC1638 Datasheet
304Kb / 9P
[Old version datasheet]   Advanced PWM Motor Controller
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz