Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UCC28251 Datasheet(PDF) 8 Page - Texas Instruments

Part No. UCC28251
Description  UCC28251 Advanced PWM Controller With Prebias Operation
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC28251 Datasheet(HTML) 8 Page - Texas Instruments

Back Button UCC28251_15 Datasheet HTML 4Page - Texas Instruments UCC28251_15 Datasheet HTML 5Page - Texas Instruments UCC28251_15 Datasheet HTML 6Page - Texas Instruments UCC28251_15 Datasheet HTML 7Page - Texas Instruments UCC28251_15 Datasheet HTML 8Page - Texas Instruments UCC28251_15 Datasheet HTML 9Page - Texas Instruments UCC28251_15 Datasheet HTML 10Page - Texas Instruments UCC28251_15 Datasheet HTML 11Page - Texas Instruments UCC28251_15 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 55 page
background image
UCC28251
SLUSBD8E – FEBRUARY 2013 – REVISED DECEMBER 2014
www.ti.com
Electrical Characteristics
(1) (continued)
VDD = 12 V, 1-µF capacitor from VDD and VREF to GND, TA = TJ = –40°C to 125°C, RT = 75 kΩ connected to ground to set
FSW = 100 kHz (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OVP/OTP COMPARATOR
VOVP
Internal reference
0.66
0.70
0.74
V
IOVP
Internal current
6.0
8.5
11.0
µA
PRIMARY OUTPUTS
Rise/fall time
CLOAD = 100 pF
8
ns
RSRC
Output source resistance
IOUT = 20 mA
12
20
35
Ω
RSNK
Output sink resistance
IOUT = 20 mA
4
12
30
SYNCHRONOUS RECTIFIER OUTPUTS
Rise/fall time
CLOAD = 100 pF
8
ns
IOUT = 20 mA, VDD = 12 V
12
20
35
RSRC
Output source resistance
IOUT = 20 mA, VDD = 5 V
15
25
45
Ω
RSNK
Output sink resistance
IOUT = 20 mA, VDD = 12 V
4
12
30
PS = VREF
–5.0
0
7.5
Primary off to secondary on
TDPS
PS = 27 k
Ω
25
38
48
ns
dead time
PS = 27 k
Ω, 25 °C
32
38
43
SP = VREF
–5.0
0
7.5
Secondary off to primary on
TDSP
SP = 20 k
Ω
33
43
55
ns
dead time
SP = 20 k
Ω, 25 °C
39
43
48
8
Submit Documentation Feedback
Copyright © 2013–2014, Texas Instruments Incorporated
Product Folder Links: UCC28251


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn