Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UCC28251 Datasheet(PDF) 7 Page - Texas Instruments

Part No. UCC28251
Description  UCC28251 Advanced PWM Controller With Prebias Operation
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC28251 Datasheet(HTML) 7 Page - Texas Instruments

Back Button UCC28251_15 Datasheet HTML 3Page - Texas Instruments UCC28251_15 Datasheet HTML 4Page - Texas Instruments UCC28251_15 Datasheet HTML 5Page - Texas Instruments UCC28251_15 Datasheet HTML 6Page - Texas Instruments UCC28251_15 Datasheet HTML 7Page - Texas Instruments UCC28251_15 Datasheet HTML 8Page - Texas Instruments UCC28251_15 Datasheet HTML 9Page - Texas Instruments UCC28251_15 Datasheet HTML 10Page - Texas Instruments UCC28251_15 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 55 page
background image
UCC28251
www.ti.com
SLUSBD8E – FEBRUARY 2013 – REVISED DECEMBER 2014
Electrical Characteristics
(1) (continued)
VDD = 12 V, 1-µF capacitor from VDD and VREF to GND, TA = TJ = –40°C to 125°C, RT = 75 kΩ connected to ground to set
FSW = 100 kHz (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OSCILLATOR
Nominal switching frequency
FSW(nom)
at OUTA or OUTB set by RT
RT/SYNC = 75 k
Ω, RSP = 20 kΩ
90
98
106
resistor
Minimum switching frequency
FSW(min_sync)
at OUTA or OUTB set by
fRT/SYNC = 50 kHz
42
kHz
external sync frequency
Maximum switching
frequency at OUTA or OUTB
FSW(max_sync)
fRT/SYNC = 2.5 MHz
945
set by external sync
frequency
External synchronization
1
signal high
V
External synchronization
0.2
signal low
VOLTAGE REFERENCE
VDD = from 7 V to 17 V, IVREF = 2 mA
3.17
3.25
3.33
VVREF
Output voltage
V
0 < IREF < 10 mA
3.17
3.25
3.33
Short circuit current
VREF = 3 V, TJ = 25 °C
12
25
40
mA
CURRENT SENSE, CYCLE-BY-CYCLE CURRENT LIMIT WITH HICCUP
VILIM
ILIM cycle-by-cycle threshold
0.497
0.505
0.513
V
Exclude leading edge blanking (UCC28251RGP)
15
25
36
Propagation delay from ILIM
TPDILIM
to OUTA and OUTB outputs
Exclude leading edge blanking (UCC28251PW)
12.3
25.0
38.7
ns
TBLANK
Leading edge blanking
35
60
90
Current limit shutdown delay
Measured at HICC pin
55
75
95
timing program current
µA
Hiccup timing program
Measured at HICC pin
2.0
2.7
3.5
current
Current limit shutdown delay
VHICC_SD
0.55
0.60
0.65
timer threshold at HICC
VHICC_PU
HICC pull-up threshold
2.25
2.40
2.50
V
VHICC_RST
Hiccup restart threshold
0.25
0.30
0.35
10-V ramp charging voltage source with 40-k
Ω
VCS(max)
RAMP/CS clamp voltage
3.5
4.0
4.5
current limiting resistor
Copyright © 2013–2014, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: UCC28251


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn