Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UCC28251 Datasheet(PDF) 34 Page - Texas Instruments

Part No. UCC28251
Description  UCC28251 Advanced PWM Controller With Prebias Operation
Download  55 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo TI - Texas Instruments

UCC28251 Datasheet(HTML) 34 Page - Texas Instruments

Back Button UCC28251_15 Datasheet HTML 30Page - Texas Instruments UCC28251_15 Datasheet HTML 31Page - Texas Instruments UCC28251_15 Datasheet HTML 32Page - Texas Instruments UCC28251_15 Datasheet HTML 33Page - Texas Instruments UCC28251_15 Datasheet HTML 34Page - Texas Instruments UCC28251_15 Datasheet HTML 35Page - Texas Instruments UCC28251_15 Datasheet HTML 36Page - Texas Instruments UCC28251_15 Datasheet HTML 37Page - Texas Instruments UCC28251_15 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 55 page
background image
HICC
HICC
2.4 V
0.3 V
T
C
2.7 A
-
=
´
m
OC(delay )
HICC
0.6 V
T
C
75 A
=
´
m
CLK
OUTA
OUTB
ILIM
70ns
0.5V
UCC28251
SLUSBD8E – FEBRUARY 2013 – REVISED DECEMBER 2014
www.ti.com
Application Information (continued)
9.1.5 Cycle-by-Cycle Current Limit and Hiccup Mode Protection
Cycle-by-cycle current limit is accomplished using the ILIM pin for both current mode control and voltage mode
control. The input to the ILIM pin represents the primary current information. If the voltage sensed at ILIM pin
exceeds 0.5 V, the current sense comparator terminates the pulse of output OUTA or OUTB. If the high current
condition persists, the controller operates in a cycle-by-cycle current limit mode with duty cycle determined by the
current sense comparator instead of the PWM comparator. ILIM pin is pulled down by an internal switch at the
rising edge of each clock cycle. This internal switch remains on for an additional 70 ns after OUTA or OUTB
goes high to blank leading edge transient noise in the current sensing loop. This reduces the filtering
requirements at the ILIM pin and improves the current sense response time.
UCC28251 makes it possible to maintain flux balance during cycle-by-cycle current limit operation. The duty
cycles of primary switches are always matched. If one switch duty cycle is terminated earlier because of current
limiting, a matched duty cycle is applied to the other switch for the next half switching cycle, regardless of the
current condition, as shown in Figure 43. This matched duty cycle helps to maintain volt-second balancing on the
transformer and prevents the transformer saturation.
Figure 43. Cycle-by-Cycle Current Limit Duty Cycle Matching
Once the current limit is triggered, the 75-µA internal current source begins to charge the capacitor on HICC pin.
If the current limit condition went away before HICC pin reaches 0.6 V, the device stops charge HICC capacitor
and begins to discharge it with 2.7-µA current source. If the cycle-by-cycle current limit condition continues, HICC
pin reachs 0.6 V, and all four outputs are shut down. The UCC28251 then enters hiccup mode. During hiccup
mode, all four outputs keep low; SS pin is pulled to ground internally; a 2.7-µA current source continuously
discharge HICC pin capacitor; until HICC pin voltage reaches 0.3 V. After that, HICC pin is discharged internally
to get ready for the next HICC event. The whole converter starts with soft start after hiccup mode.
The cycle-by-cycle current limit operation time before all four outputs shut down is programmed by external
capacitor CHICC at HICC pin. The delay time can be calculated as:
(26)
The hiccup timer keeps all outputs being zero until the timer expires. The hiccup time THICC is calculated as:
(27)
As soon as the outputs are shut-down, SS pin is pulled down internally until the hiccup restart timer is reset after
time duration THICC. The detailed illustration of HICCUP mode is shown in Figure 44.
34
Submit Documentation Feedback
Copyright © 2013–2014, Texas Instruments Incorporated
Product Folder Links: UCC28251


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn