Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UCC28251 Datasheet(PDF) 31 Page - Texas Instruments

Part No. UCC28251
Description  UCC28251 Advanced PWM Controller With Prebias Operation
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC28251 Datasheet(HTML) 31 Page - Texas Instruments

Back Button UCC28251_15 Datasheet HTML 27Page - Texas Instruments UCC28251_15 Datasheet HTML 28Page - Texas Instruments UCC28251_15 Datasheet HTML 29Page - Texas Instruments UCC28251_15 Datasheet HTML 30Page - Texas Instruments UCC28251_15 Datasheet HTML 31Page - Texas Instruments UCC28251_15 Datasheet HTML 32Page - Texas Instruments UCC28251_15 Datasheet HTML 33Page - Texas Instruments UCC28251_15 Datasheet HTML 34Page - Texas Instruments UCC28251_15 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 55 page
background image
VSENSE
VREF
COMP
FB/EA-
REF /EA+
SS
UCC28251
+
+
C
SS
C
Z2
R
Z2
C
P1
+
C
Z3
R
Z3
R
O2
R
O1
VOUT
External
Reference
UCC28251
www.ti.com
SLUSBD8E – FEBRUARY 2013 – REVISED DECEMBER 2014
Application Information (continued)
Figure 40. Error Amplifier Setup for Primary-Side Control
In the above configuration, the UCC28251 can only see the control loop feedback voltage, and cannot directly
access the output voltage. The design of the soft-start time is critical to achieve optimal pre-biased start up
performance. Some trial and error approaches are needed to achieve optimal performance. It is also important to
choose the appropriate ramp amplitude. Refer to the ramp section discussion on the detailed design procedure
for choosing ramp generation components.
During soft start, regardless of the pre-biased condition, the output voltage is always lower than the regulation
voltage, so that the feedback loop is always saturated. When the internal error amplifier is connected as a
voltage follower, the COMP voltage follows the lower of the voltage on the RER/EA+ pin and the SS pin. Since
the feedback loop is saturated, the COMP pin always follows the SS pin voltage, until the output voltage
becomes regulated and the feedback voltage takes over. In this control method, the output voltage control loop is
always saturated, and the controller soft starts the COMP pin voltage. Therefore, it is called open loop soft start.
The primary-side switch duty cycle is controlled by the COMP pin voltage and by the RAMP/CS pin voltage.
During soft start, the COMP pin voltage follows the SS pin as it is rising, so the primary-side switch duty cycle
keeps increasing. When the output voltage becomes regulated, the feedback voltage becomes less than the SS
pin voltage and the primary-side switch comes controlled by the control loop.
For the primary-side control setup, because output voltage is not directly accessible, the internal pre-biased start
up loop is disabled by connecting VSENSE to VREF. Instead, the internal ramp used to generate the
synchronous rectifier duty cycle is fixed, with the peak voltage of 3 V. The duty cycle of the synchronous rectifier
increases as the SS pin voltage increases. When the SS pin voltage reaches 2.9 V, the soft start is considered
finished and the synchronous rectifier duty cycle becomes the complementary of the primary-side switch duty
cycle, minus the programmed dead time. Because of different COMP pin voltages at different line voltages, the
SR duty cycle generated by the internal ramp might be different than the complementary of the primary-side
switch duty cycle (1-D). If the duty cycle is too large, the internal logic is able to limit the duty cycle to (1-D).
However, if the duty cycle is too small, when the soft start is finished, the SR duty cycle has a sudden change,
which will cause output voltage disturbance. To optimize the pre-biased start up performance, it is recommended
that the duty cycle change at the end of soft start be as small as possible.
9.1.3 Voltage Mode Control and Input Voltage Feed-Forward
For voltage mode control, a resistor RCS and a capacitor CCS are connected externally at RAMP/CS pin as
shown in Figure 41. A ramp signal is generated on the RAMP/CS pin, at a rate of two times that of the switching
frequency. The generated ramp signal is used to control the duty cycle for both the primary-side switches and
secondary-side synchronous rectifiers. The ramp amplitude can be fixed or variable with the input voltage (input
voltage feedforward).
Copyright © 2013–2014, Texas Instruments Incorporated
Submit Documentation Feedback
31
Product Folder Links: UCC28251


Similar Part No. - UCC28251_15

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
UCC28251 TI1-UCC28251_16 Datasheet
1Mb / 55P
[Old version datasheet]   Advanced PWM Controller With Prebias Operation
More results

Similar Description - UCC28251_15

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
UCC28251 TI1-UCC28251_16 Datasheet
1Mb / 55P
[Old version datasheet]   Advanced PWM Controller With Prebias Operation
UCC28250 TI1-UCC28250_12 Datasheet
980Kb / 53P
[Old version datasheet]   Advanced PWM Controller With Pre-Bias Operation
UCC28250 TI-UCC28250_15 Datasheet
997Kb / 54P
[Old version datasheet]   Advanced PWM Controller With Pre-Bias Operation
UCC28250 TI-UCC28250_10 Datasheet
758Kb / 48P
[Old version datasheet]   Advanced PWM Controller With Pre-Bias Operation
UCC28250 TI-UCC28250 Datasheet
761Kb / 50P
[Old version datasheet]   Advanced PWM Controller With Pre-Bias Operation
UCC28251 TI1-UCC28251 Datasheet
902Kb / 54P
[Old version datasheet]   Advanced PWM Controller With Pre-Bias Operation
Microsemi Corporation
Microsemi Corporation
LX1660 MICROSEMI-LX1660 Datasheet
323Kb / 15P
   ADVANCED PWM CONTROLLER
Texas Instruments
Texas Instruments
UC1638 TI1-UC1638_13 Datasheet
4Mb / 16P
[Old version datasheet]   Advanced PWM Motor Controller
Anpec Electronics Coropration
Anpec Electronics Corop...
APW7016 ANPEC-APW7016 Datasheet
114Kb / 11P
   Advanced PWM Power Controller
Texas Instruments
Texas Instruments
UC1638 TI-UC1638 Datasheet
304Kb / 9P
[Old version datasheet]   Advanced PWM Motor Controller
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz