Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC28019 Datasheet(PDF) 2 Page - Texas Instruments

Part # UCC28019
Description  8-Pin Continuous Conduction Mode (CCM) PFC Controller
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC28019 Datasheet(HTML) 2 Page - Texas Instruments

  UCC28019_15 Datasheet HTML 1Page - Texas Instruments UCC28019_15 Datasheet HTML 2Page - Texas Instruments UCC28019_15 Datasheet HTML 3Page - Texas Instruments UCC28019_15 Datasheet HTML 4Page - Texas Instruments UCC28019_15 Datasheet HTML 5Page - Texas Instruments UCC28019_15 Datasheet HTML 6Page - Texas Instruments UCC28019_15 Datasheet HTML 7Page - Texas Instruments UCC28019_15 Datasheet HTML 8Page - Texas Instruments UCC28019_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 49 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
(1)
DISSIPATION RATINGS
(1)
RECOMMENDED OPERATING CONDITIONS
ELECTROSTATIC DISCHARGE (ESD) PROTECTION
UCC28019
SLUS755B – APRIL 2007 – REVISED DECEMBER 2007
ORDERING INFORMATION
OPERATING TEMPERATURE
PART NUMBER
PACKAGE(1)
RANGE, TA
UCC28019D
SOIC 8-Pin (D) ead (Pb)-Free/Green
–40
°C to 125°C
Plastic DIP 8 Pin (P) Lead
UCC28019P
(Pb)-Free/Green
(1)
SOIC (D) package is available taped and reeled by adding "R" suffix the the above part number, reeled quantities are 2500 devices per
reel.
over operating free-air temperature range (unless otherwise noted)
VALUE
UNIT
VCC
–0.3 to 22
GATE
–0.3 to 16
Input voltage range
V
VINS, VSENSE, VCOMP, ICOMP
–0.3 to 7
ISENSE
–24 to 7
Input current range
VSENSE, ISENSE
–1 to 1
mA
Operating
–55 to 150
Junction temperature, TJ
Storage
–65 to 150
°C
Lead temperature, TSOL
Soldering, 10s
300
°
(1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other condition beyond those included under “Recommended Operating
Conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods of time may affect device reliability.
PACKAGE
THERMAL IMPEDANCE
TA = 25°C POWER RATING (W)
TA = 85°C POWER RATING (W)
JUNCTION TO AMBIENT (
°C/W)
SOIC-8 (D)
160
0.65
0.25
PDIP-8 (P)
110
1
0.36
(1)
Tested per JEDEC EIA/JESD 51-1. Thermal resistance is a strong function of board construction and layout. Air flow reduces thermal
resistance. This number is only a general guide. See TI document SPRA953 Thermal Metrics.
over operating free-air temperature range (unless otherwise noted)
PARAMETER
MIN
MAX
UNIT
VCC input voltage from a low-impedance source
VCCOFF(max) + 1 V
21
V
TJ
Operating junction temperature
–40
125
°C
over operating free-air temperature range (unless otherwise noted)
PARAMETER
RATING
UNIT
Human Body Model (HBM)
2
kV
Charged Device Model (CDM)
500
V
2
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): UCC28019


Similar Part No. - UCC28019_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28019 TI1-UCC28019_12 Datasheet
1,017Kb / 49P
[Old version datasheet]   8-Pin Continuous Conduction Mode (CCM) PFC Controller
More results

Similar Description - UCC28019_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28019DRG4 TI-UCC28019DRG4 Datasheet
1,017Kb / 49P
[Old version datasheet]   8-Pin Continuous Conduction Mode (CCM) PFC Controller
UCC28019A TI-UCC28019A Datasheet
1Mb / 47P
[Old version datasheet]   8-Pin Continuous Conduction Mode (CCM) PFC Controller
UCC28019 TI1-UCC28019_12 Datasheet
1,017Kb / 49P
[Old version datasheet]   8-Pin Continuous Conduction Mode (CCM) PFC Controller
UCC28019 TI-UCC28019 Datasheet
821Kb / 48P
[Old version datasheet]   8-Pin Continuous Conduction Mode (CCM) PFC Controller
UCC28019A TI-UCC28019A_15 Datasheet
1Mb / 52P
[Old version datasheet]   UCC28019A 8-Pin Continuous Conduction Mode (CCM) PFC Controller
logo
Infineon Technologies A...
ICE2PCS01 INFINEON-ICE2PCS01_11 Datasheet
464Kb / 20P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode(CCM)
Version 2.3, 22 March 2010
ICE2PCS01 INFINEON-ICE2PCS01 Datasheet
539Kb / 19P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
Version 2.2, 09 Oct 2007
ICE2PCS02 INFINEON-ICE2PCS02 Datasheet
513Kb / 19P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
2007-10-09 V2.2
ICE3PCS01G INFINEON-ICE3PCS01G Datasheet
537Kb / 24P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
Version 2.0, 5 May 2010
ICE1PCS02 INFINEON-ICE1PCS02_07 Datasheet
446Kb / 18P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
V1.2, 06 Feb 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com