Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC28019 Datasheet(PDF) 4 Page - Texas Instruments

Part # UCC28019
Description  8-Pin Continuous Conduction Mode (CCM) PFC Controller
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC28019 Datasheet(HTML) 4 Page - Texas Instruments

  UCC28019_15 Datasheet HTML 1Page - Texas Instruments UCC28019_15 Datasheet HTML 2Page - Texas Instruments UCC28019_15 Datasheet HTML 3Page - Texas Instruments UCC28019_15 Datasheet HTML 4Page - Texas Instruments UCC28019_15 Datasheet HTML 5Page - Texas Instruments UCC28019_15 Datasheet HTML 6Page - Texas Instruments UCC28019_15 Datasheet HTML 7Page - Texas Instruments UCC28019_15 Datasheet HTML 8Page - Texas Instruments UCC28019_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 49 page
background image
www.ti.com
UCC28019
SLUS755B – APRIL 2007 – REVISED DECEMBER 2007
ELECTRICAL CHARACTERISTICS (continued)
Unless otherwise noted, VCC = 15 VDC, 0.1 µF from VCC to GND, -40°C ≤ TJ = TA ≤ 125°C. All voltages are with respect to
GND. Currents are positive into and negative out of the specified terminal.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Current Loop
gmi
Transconductance gain
TA = 25°C
0.75
0.95
1.15
mS
Output linear range
50
µA
ICOMP voltage during OLP
VSENSE = 0.5 V
3.7
4.0
4.3
V
Voltage Loop
VREF
Reference voltage
-40
°C ≤ T
A ≤ 125°C
4.90
5.00
5.10
V
gmv
Transconductance gain
31.5
42
52.5
µS
Maximum sink current under normal
VSENSE = 6 V, VCOMP = 4 V
21
30
38
operation
Source current under soft start
VSENSE = 4 V, VCOMP = 0 V
–21
-30
-38
µA
VSENSE = 4 V, VCOMP = 0 V
–100
–170
–250
Maximum source current under EDR
operation
VSENSE = 4 V, VCOMP = 4 V
–60
–100
–140
Enhanced dynamic response, VSENSE
4.63
4.75
4.87
V
low threshold, falling
VSENSE input bias current
1 V
≤ VSENSE ≤ 5 V
100
250
nA
VCOMP voltage during OLP
VSENSE = 0.5 V, IVCOMP = 0.5 mA
0
0.2
0.4
V
GATE Driver
GATE current, peak, sinking(1)
CGATE = 4.7 nF
2.0
A
GATE current, peak, sourcing(1)
CGATE = 4.7 nF
–1.5
GATE rise time
CGATE = 4.7 nF, GATE = 2 V to 8 V
40
60
ns
GATE fall time
CGATE = 4.7 nF, GATE = 8 V to 2 V
25
40
GATE low voltage, no load
GATE = 0 A
0
0.05
GATE low voltage, sinking
GATE = 20 mA
0.3
0.8
GATE low voltage, sourcing
GATE = -20 mA
–0.3
–0.8
GATE low voltage, sinking
VCC = 5 V, GATE = 5 mA
0.2
0.75
1.2
V
GATE low voltage, sinking
VCC = 5 V, GATE = 20 mA
0.2
0.9
1.5
GATE high voltage
VCC = 20 V, CGATE = 4.7 nF
11
12.5
14
GATE high voltage
VCC = 11 V, CGATE = 4.7 nF
9.5
10.5
11.0
VCC = VCCOFF + 0.2 V,
GATE high voltage
8.0
9.0
10.2
CGATE = 4.7 nF
(1)
Not tested. Characterized by design.
4
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): UCC28019


Similar Part No. - UCC28019_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28019 TI1-UCC28019_12 Datasheet
1,017Kb / 49P
[Old version datasheet]   8-Pin Continuous Conduction Mode (CCM) PFC Controller
More results

Similar Description - UCC28019_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28019DRG4 TI-UCC28019DRG4 Datasheet
1,017Kb / 49P
[Old version datasheet]   8-Pin Continuous Conduction Mode (CCM) PFC Controller
UCC28019A TI-UCC28019A Datasheet
1Mb / 47P
[Old version datasheet]   8-Pin Continuous Conduction Mode (CCM) PFC Controller
UCC28019 TI1-UCC28019_12 Datasheet
1,017Kb / 49P
[Old version datasheet]   8-Pin Continuous Conduction Mode (CCM) PFC Controller
UCC28019 TI-UCC28019 Datasheet
821Kb / 48P
[Old version datasheet]   8-Pin Continuous Conduction Mode (CCM) PFC Controller
UCC28019A TI-UCC28019A_15 Datasheet
1Mb / 52P
[Old version datasheet]   UCC28019A 8-Pin Continuous Conduction Mode (CCM) PFC Controller
logo
Infineon Technologies A...
ICE2PCS01 INFINEON-ICE2PCS01_11 Datasheet
464Kb / 20P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode(CCM)
Version 2.3, 22 March 2010
ICE2PCS01 INFINEON-ICE2PCS01 Datasheet
539Kb / 19P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
Version 2.2, 09 Oct 2007
ICE2PCS02 INFINEON-ICE2PCS02 Datasheet
513Kb / 19P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
2007-10-09 V2.2
ICE3PCS01G INFINEON-ICE3PCS01G Datasheet
537Kb / 24P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
Version 2.0, 5 May 2010
ICE1PCS02 INFINEON-ICE1PCS02_07 Datasheet
446Kb / 18P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
V1.2, 06 Feb 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com