Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC2895-Q1 Datasheet(PDF) 5 Page - Texas Instruments

Part # UCC2895-Q1
Description  BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC2895-Q1 Datasheet(HTML) 5 Page - Texas Instruments

  UCC2895-Q1_15 Datasheet HTML 1Page - Texas Instruments UCC2895-Q1_15 Datasheet HTML 2Page - Texas Instruments UCC2895-Q1_15 Datasheet HTML 3Page - Texas Instruments UCC2895-Q1_15 Datasheet HTML 4Page - Texas Instruments UCC2895-Q1_15 Datasheet HTML 5Page - Texas Instruments UCC2895-Q1_15 Datasheet HTML 6Page - Texas Instruments UCC2895-Q1_15 Datasheet HTML 7Page - Texas Instruments UCC2895-Q1_15 Datasheet HTML 8Page - Texas Instruments UCC2895-Q1_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
t
PERIOD
OUTA
OUTC
OUTA
OUTB
Same applies to OUTB and OUTD
Same applies to OUTC and OUTD
t
= t
– t
DELAY
f(OUTB)
f(OUTA)
t
= t
– t
DELAY
f(OUTC)
f(OUTA)
UCC2895-Q1
www.ti.com
SLUS783C – MAY 2008 – REVISED AUGUST 2012
ELECTRICAL CHARACTERISTICS (continued)
VDD = 12 V, RT = 82 kΩ, CT = 220 pF, RDELAB = 10 kΩ, RDELCD = 10 kΩ, CREF = 0.1 μF, CVDD = 0.1 μF, no load on the outputs,
TA = TJ = –40°C to 125°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Soft Start/Shutdown
ISOURCE
Soft-start source current
SS/DISB = 3 V, CS = 1.9 V
–40
–35
–30
μA
ISINK
Soft-start sink current
SS/DISB = 3 V, CS = 2.6 V
325
350
375
μA
Soft-start/disable comparator threshold
0.44
0.5
0.56
V
Adaptive Delay Set (ADS)
ADS = CS = 0 V
0.45
0.5
0.55
DELAB/DELCD output voltage
V
ADS = 0 V, CS = 2 V
1.9
2
2.1
tDELAY
Output delay(2) (3)
ADS = CS = 0 V
450
560
620
ns
ADS bias current
0 V < ADS < 2.5 V, 0 V < CS < 2.5 V
–20
20
μA
Output
VOH
High-level output voltage (all outputs)
IOUT = –10 mA, VDD to output
250
420
mV
VOL
Low-level output voltage (all outputs)
IOUT = 10 mA
150
270
mV
tR
Rise time(2)
CLOAD = 100 pF
20
35
ns
tF
Fall time(2)
CLOAD = 100 pF
20
35
ns
(2)
Specified by design
(3)
Output delay is measured between OUTA and OUTB or between OUTC and OUTD. Output delay is defined as shown in the following
figure, where:
tf(OUTA) = falling edge of OUTA signal
tr(OUTB) = rising edge of OUTB signal
Copyright © 2008–2012, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): UCC2895-Q1


Similar Part No. - UCC2895-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2895-Q1 TI1-UCC2895-Q1 Datasheet
349Kb / 22P
[Old version datasheet]   BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
More results

Similar Description - UCC2895-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2895-EP TI1-UCC2895-EP Datasheet
623Kb / 20P
[Old version datasheet]   BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
UCC2895-Q1 TI1-UCC2895-Q1 Datasheet
349Kb / 22P
[Old version datasheet]   BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
UCC1895 TI1-UCC1895_13 Datasheet
609Kb / 28P
[Old version datasheet]   BiCMOS Advanced Phase-Shift PWM Controller
UCC1895 TI-UCC1895 Datasheet
291Kb / 14P
[Old version datasheet]   BiCMOS Advanced Phase Shift PWM Controller
UCC2818A-Q1 TI-UCC2818A-Q1_15 Datasheet
858Kb / 21P
[Old version datasheet]   BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
UCC2895-EP TI-UCC2895-EP_15 Datasheet
795Kb / 21P
[Old version datasheet]   BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
UCC1895 TI-UCC1895_08 Datasheet
667Kb / 25P
[Old version datasheet]   BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
UCC28500-12 TI1-UCC28500-12 Datasheet
914Kb / 35P
[Old version datasheet]   BiCMOS PFC/PWM COMBINATION CONTROLLER
logo
List of Unclassifed Man...
B38C42 ETC1-B38C42 Datasheet
215Kb / 5P
   BiCMOS Current Mode PWM Controller
logo
Texas Instruments
UCC28500 TI-UCC28500 Datasheet
571Kb / 31P
[Old version datasheet]   BICMOS PFC/PWM COMBINATION CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com